Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD1376KD Datasheet(PDF) 3 Page - Analog Devices

Part # AD1376KD
Description  Complete, High Speed 16-Bit A/D Converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1376KD Datasheet(HTML) 3 Page - Analog Devices

  AD1376KD Datasheet HTML 1Page - Analog Devices AD1376KD Datasheet HTML 2Page - Analog Devices AD1376KD Datasheet HTML 3Page - Analog Devices AD1376KD Datasheet HTML 4Page - Analog Devices AD1376KD Datasheet HTML 5Page - Analog Devices AD1376KD Datasheet HTML 6Page - Analog Devices AD1376KD Datasheet HTML 7Page - Analog Devices AD1376KD Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
–3–
REV. B
AD1376/AD1377
ABSOLUTE MAXIMUM RATINGS*
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±18 V
Logic Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . +7 V
Analog Inputs (Pins 24 and 25) . . . . . . . . . . . . . . . . . . .
±25 V
Analog Ground-to-Digital Ground . . . . . . . . . . . . . . .
±0.3 V
Digital Inputs . . . . . . . . . . . . . . . . . . . –0.3 V to VDD + 0.3 V
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . +175
°C
Storage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .+15
°C
Lead Temperature (10 seconds) . . . . . . . . . . . . . . . . . +300
°C
*Absolute maximum ratings are limiting values to be applied individually, and
beyond which the service ability of the circuit may be impaired. Functional
operability is not necessarily implied. Exposure to absolute maximum rating
conditions for an extended period of time may affect device reliability.
ORDERING GUIDE
Maximum Conversion
Temperature
Linearity
Time
Package
Model
Range
Error
(16 Bits)
Option*
AD1376JD
0
°C to +70°C ±0.006%
17
µs
DH-32E
AD1376KD 0
°C to +70°C ±0.003%
17
µs
DH-32E
AD1377JD
0
°C to -70°C
±0.006%
10
µs
DH-32E
AD1377KD 0
°C to +70°C ±0.003%
10
µs
DH-32E
*DH-32E = Ceramic DIP.
Model
AD1376JD/AD1377JD
AD1376KD/AD1377KD
Units
Status
Logic “1” During Conversion
Status Output Drive
5 (max)
5 (max)
LSTTL Loads
Internal Clock
9
Clock Output Drive
5 (max)
5 (max)
LSTTL Loads
Frequency
1040/1750
1040/1750
kHz
TEMPERATURE RANGE
Specification
0 to –70
0 to –70
°C
Operating
–25 to +85
–25 to +85
°C
Storage
–55 to +125
–55 to +125
°C
NOTES
1Logic “0” = 0.8 V, max. Logic “1” = 2.0 V, min for inputs. For digital outputs Logic “0” = +0.4 V max. Logic “1” = 2.4 V min.
2Tested on
± 10 V and 0 V to +10 V ranges.
3Adjustable to zero.
4Full-Scale Range.
5Guaranteed but not 100% production tested.
6Conversion time may be shortened with “Short Cycle” set for lower resolution.
7CSB–Complementary Straight Binary. COB–Complementary Offset Binary. CTC–Complementary Twos Complement.
8CTC coding obtained by inverting MSB (Pin 1).
9With Pin 23, clock rate controls tied to digital ground.
Specifications subject to change without notice.
Figure 1. Linearity Error vs. Temperature
Figure 2. AD1376 Nonlinearity vs. Conversion Time
Figure 3. Gain Drift Error vs. Temperature


Similar Part No. - AD1376KD

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1376KD AD-AD1376KD Datasheet
573Kb / 8P
   Complete, High Speed 16-Bit A/D Converter
REV. B
More results

Similar Description - AD1376KD

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1377 AD-AD1377_15 Datasheet
403Kb / 12P
   Complete, High Speed 16-Bit A/D Converters
REV. D
AD1376 AD-AD1376_15 Datasheet
403Kb / 12P
   Complete, High Speed 16-Bit A/D Converters
REV. D
ADADC71 AD-ADADC71 Datasheet
647Kb / 8P
   Complete, High Resolution 16-Bit A/D Converters
REV. A
AD1316 AD-AD1316 Datasheet
573Kb / 8P
   Complete, High Speed 16-Bit A/D Converter
REV. B
AD674B AD-AD674B Datasheet
247Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
AD674B AD-AD674B_15 Datasheet
174Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
AD774B AD-AD774B_15 Datasheet
174Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
AD774BJNZ AD-AD774BJNZ Datasheet
174Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
AD674BTE AD-AD674BTE Datasheet
174Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
ADADC85 AD-ADADC85_15 Datasheet
1Mb / 12P
   Fast, Complete 12-Bit A/D Converters
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com