Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK760-213A-E Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # STK760-213A-E
Description  Single-phase rectification Active Converter Hybrid IC
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK760-213A-E Datasheet(HTML) 3 Page - Sanyo Semicon Device

  STK760-213A-E Datasheet HTML 1Page - Sanyo Semicon Device STK760-213A-E Datasheet HTML 2Page - Sanyo Semicon Device STK760-213A-E Datasheet HTML 3Page - Sanyo Semicon Device STK760-213A-E Datasheet HTML 4Page - Sanyo Semicon Device STK760-213A-E Datasheet HTML 5Page - Sanyo Semicon Device STK760-213A-E Datasheet HTML 6Page - Sanyo Semicon Device STK760-213A-E Datasheet HTML 7Page - Sanyo Semicon Device STK760-213A-E Datasheet HTML 8Page - Sanyo Semicon Device STK760-213A-E Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
STK760-213A-E
No.A1790-3/11
Electrical Characteristics at Tc = 25
°C, VCC = 15.0V: Unless otherwise noted
Ratings
Parameter
Symbol
Conditions
Test circuit
min
typ
max
unit
Power output part
Collector-emitter leak current
(IGBT)
ICES
VCE = 600V
Fig.1
200
μA
Collector-emitter saturation voltage
(IGBT)
VCE(sat)
IC = 40A
Fig.2
1.2
1.8
V
Diode reverse current (FRD1)
IR
VR = 600V
Fig.1
200
μA
Diode forward voltage (FRD1)
VF1
IF = 40A
Fig.3
2.2
2.8
V
Diode forward voltage (FRD2)
VF2
IF = 5A
Fig.3
2.5
3.5
V
θj-c1
IGBT (TR1+TR2)
0.80
°C/W
θj-c2
FRD1 (D1)
1.65
°C/W
Junction to case thermal resistance
θj-c3
FRD2 (D2)
9.0
°C/W
Control IC part
ICC(ON)
VCC = 15V, VONF = 5V
14
20
Control IC input current
ICC(OFF)
VCC = 15V, VONF = 0V
2.5
5
mA
Oscillation frequency
fOSC
19.5
22.0
24.5
kHz
Open loop protection
threshold voltage
VOLP
Fig.4
0.8
0.95
1.1
V
Error-amp reference voltage
Vref
4.88
5.0
5.12
V
Peak current protection
threshold voltage
VIS(PK)
Fig.5
-0.58
-0.5
-0.42
V
Over voltage protection
threshold voltage
VOVP(ON)
VCC = 15V, VONF = 5V
Fig.6
5.095
5.3
5.51
V
VTHON
3.0
V
ON/OFF threshold voltage
VTHOFF
VCC = 15V
Fig.7
0.5
V
Start-up VCC voltage
VCC(ON)
12.4
13.25
14.1
V
Shut-down VCC voltage
VCC(OFF)
VONF = 5V
Fig.8
9.4
10.0
10.7
V
Substrate temperature monitor
resistance
RTH
Resistance between VTH-GND
Fig.3
90
100
110
k
Ω
Application circuit : VAC = 200V, VO = 380V (Vctl = 1.507V)
Output voltage
VO
Wo = 2kW
366
380
394
V
Wo = 400W
0.98
0.99
Power Factor
cos
φ
Wo = 2kW
Fig.9
0.99
0.995
1.0


Similar Part No. - STK760-213A-E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
STK760-213A-E ONSEMI-STK760-213A-E Datasheet
105Kb / 11P
   Single-phase rectification Active Converter Hybrid IC
July, 2013
More results

Similar Description - STK760-213A-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK760-213AC-E SANYO-STK760-213AC-E Datasheet
108Kb / 11P
   Single-phase rectification Active Converter Hybrid IC
logo
ON Semiconductor
STK760-216-E ONSEMI-STK760-216-E Datasheet
116Kb / 11P
   Single-phase rectification Active Converter Hybrid IC
July, 2013
logo
Sanyo Semicon Device
STK760-211C-E SANYO-STK760-211C-E Datasheet
103Kb / 10P
   Single-phase rectification Active Converter Hybrid IC
STK760-211-E SANYO-STK760-211-E Datasheet
104Kb / 10P
   Single-phase rectification Active Converter Hybrid IC
STK760-213-E SANYO-STK760-213-E Datasheet
113Kb / 11P
   Single-phase rectification Active Converter Hybrid IC
STK760-216-E SANYO-STK760-216-E Datasheet
119Kb / 11P
   Single-phase rectification Active Converter Hybrid IC
logo
ON Semiconductor
STK760-213A-E ONSEMI-STK760-213A-E Datasheet
105Kb / 11P
   Single-phase rectification Active Converter Hybrid IC
July, 2013
logo
Sanyo Semicon Device
STK760-221A-E SANYO-STK760-221A-E Datasheet
163Kb / 9P
   Thick-Film Hybrid IC Single-phase Rectification PFC Hybrid IC
logo
Linear Technology
LT3752 LINER-LT3752 Datasheet
538Kb / 10P
   Active Clamp Forward Converter with Synchronous Rectification
LT3753 LINER-LT3753 Datasheet
618Kb / 10P
   Active Clamp Forward Converter with Synchronous Rectification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com