Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TF-AEC-6920-A10-1010 Datasheet(PDF) 1 Page - AAEON Technology

Part # TF-AEC-6920-A10-1010
Description  Advanced Fanless Embedded Controller With Intel Core 2 Duo Processor And PCI-Express Expansion
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

TF-AEC-6920-A10-1010 Datasheet(HTML) 1 Page - AAEON Technology

  TF-AEC-6920-A10-1010 Datasheet HTML 1Page - AAEON Technology TF-AEC-6920-A10-1010 Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Note: All specifications are subject to change without notice.
10-47
10
RS-232/422/485
Keyboard & Mouse
RJ-45 x 2
USB2.0 x 4
RS-232 x 3
PCMCIA
ComapctFlash™
Audio
VGA
Power Input
Fanless Design
Intel® Core™ 2 Duo Processor
PCI-E x 1, PCI x 1
Wide DC Power Input
Dual Ethernet, COM x 4, USB x 4, Audio, CompactFlash™ x 1
Anti-Vibration And Shock Resistant
Machine Control, Security Node, Data Analyzer
Platform
ATX Power Function
CPU
Intel® Core™ 2 Duo Processor
Chipset
Intel® 945GME + ICH7M
System Memory
200-pin DDR2 SODIMM x 1, Max. 2GB
Display
Interface
VGA
DB-15, shared system memory up to 224MB/ DVMT 3.0
DVI
Others
Storage Device
SSD
Type 2 CompactFlash™ Slot x 1
HDD
SATA 1.5Gb/s HDD bay x 1
Network
LAN
Gigabit Ethernet
Wireless
Front I/O
USB Port
LAN
Serial Port
DIO
Audio
Line-in/ Line-out/ Mic-in, requires an extension cable
KB/MS
Others
VGA x 1, Cardbus slot x 1, CompactFlash™ slot x 1, SYS LED x 1, HDD LED x
1, Reset button x 1
Rear I/O
USB Port
4
LAN
2
Serial Port
RS-232 x 3, RS-232/422/485 x 1
DIO
Audio
KB/MS
1
Others
Power Inlet x 1
Expansion
PCIe [x1]
[x 16] x 1
PCI
1
Mini Card
Mini PCI
1
Others
Card bus x 1
Indicator
Front
System LED x 1, HDD LED x 1
Rear
Power Requirement
DC 9-30V
Power Consumption
DC 12V/3.58A (T7200)
System Cooling
Passive cooling
Mounting
Wallmount
Operating Temperature
Ambient with Airflow:
5°F ~ 131°F (-15°C ~ 55°C) (W/ T7200, WT CompactFlash™)
5°F ~ 122°F (-15°C ~ 50°C) (W/ T7200, WT HDD)
Storage Temperature
-4°F ~ 158°F (-20°C ~ 70°C)
Anti-Vibration
5 g rms/ 5 ~ 500Hz/ operation – CFD,
1 g rms/ 5 ~ 500Hz/ operation – HDD
Anti-Shock
50 G peak acceleration (11 msec. duration) – CFD
MTBF
40,000
Advanced Fanless Embedded Controller With Intel® Core™ 2 Duo Processor And PCI-Express Expansion
AEC-6920
Features
Specifications


Similar Part No. - TF-AEC-6920-A10-1010

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
TF-AEC-6924-A1-1010 AAEON-TF-AEC-6924-A1-1010 Datasheet
289Kb / 2P
   Advanced Fanless Embedded Controller With Intel Core 2 Duo Processor
TF-AEC-6924-A2-1010 AAEON-TF-AEC-6924-A2-1010 Datasheet
289Kb / 2P
   Advanced Fanless Embedded Controller With Intel Core 2 Duo Processor
More results

Similar Description - TF-AEC-6920-A10-1010

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
AEC-6940 AAEON-AEC-6940 Datasheet
347Kb / 2P
   Advanced Fanless Embedded Controller With Intel Core 2 Duo Processor And PCI-Express Expansion
AEC-6930 AAEON-AEC-6930 Datasheet
273Kb / 2P
   Advanced Fanless Embedded Controller With Intel Core 2 Duo Processor
AEC-6924 AAEON-AEC-6924 Datasheet
289Kb / 2P
   Advanced Fanless Embedded Controller With Intel Core 2 Duo Processor
AEC-6876 AAEON-AEC-6876 Datasheet
370Kb / 2P
   Fanless Embedded Controller With Intel Core i7/ i5/ Celeron Processor And PCI-Express Expansion
AEC-6967 AAEON-AEC-6967 Datasheet
336Kb / 2P
   Advanced Fanless Embedded Controller With Intel 2nd Generation Core i Series Processors And PCI-Express Expansion
AEC-6877 AAEON-AEC-6877 Datasheet
343Kb / 2P
   Fanless Embedded Controller With Intel Core i7/i5/Celeron Processor And PCI/PCIe Expansion
EMB-945T AAEON-EMB-945T Datasheet
373Kb / 2P
   Embedded Motherboard with Intel Core 2 Duo/ Core Duo/ Celeron M Processor
EMB-9458T AAEON-EMB-9458T Datasheet
296Kb / 2P
   Embedded Motherboard with Intel Core 2 Duo/ Core Duo/ Celeron M Processor
AEC-6635 AAEON-AEC-6635 Datasheet
524Kb / 2P
   Fanless Embedded Controller With Intel Core i7/i5 Processor
AIS-Q454 AAEON-AIS-Q454 Datasheet
274Kb / 2P
   Advanced Mini-ITX System Controller With Intel Core 2 Duo/ Quad Processor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com