Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TF-AEC-6876-A2M-1010 Datasheet(PDF) 1 Page - AAEON Technology

Part # TF-AEC-6876-A2M-1010
Description  Fanless Embedded Controller With Intel Core i7/ i5/ Celeron Processor And PCI-Express Expansion
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

TF-AEC-6876-A2M-1010 Datasheet(HTML) 1 Page - AAEON Technology

  TF-AEC-6876-A2M-1010 Datasheet HTML 1Page - AAEON Technology TF-AEC-6876-A2M-1010 Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Note: All specifications are subject to change without notice.
10-23
10
Features
Specifications
COM
VGA
Ethernet x 2
Audio
Power DC-in
PCI-E
USB x 4
HDMI
Keyboard/Mouse
Power Switch
System LED
Power LED
DVI-D
CPU
Intel® Core™-i7-2710QE/ i5-2510E 2.5 GHz/ Celeron®-B810 1.6GHz
Chipset
Intel® QM67
System Memory
DDR3 SODIMM x 2, supports DDR3 1066/1333, Max. 16GB
Display
Interface
VGA
DB-15 x 1 (optional 2nd VGA)
DVI
DVI-D x 1 (optional 2nd DVI), support 1920 x 1200 @ 60 Hz
HDMI
HDMI x 1, support 1920 x 1200 @ 60 Hz
Others
Storage
Device
SSD
CFast™ slot
HDD
SATA 6.0Gb/s x 1 (SATA 0, 2)
Network
LAN
Gigabit Ethernet, RJ-45 x 2
Wireless
Optional by mini-card
Front I/O
USB Host
LAN
Serial Port
RS-232 x 3
DIO
Audio
KB/MS
Others
Power button x 1
Rear I/O
USB Host
USB2.0 x 4
LAN
RJ-45 x 2
Serial Port
RS-232/422/485 x 1
DIO
Audio
Mic-in, Line-in, Line-out
KB/MS
PS/2 KBx 1+MS x 1
Others
Power input x 1
Expansion
PCIe [x4]
1
PCI
Mini Card
1
Mini PCI
Others
Indicator
Front
Power LED x 1, Hard Disk Drive active LED x 1
Rear
Power Requirement
DC-in 12V, with DC jack lockable, DC 9 ~ 30V with 3-pin terminal block
Power Consumption
System Cooling
Passive Cooling
Mounting
Wallmount
AEC-6876
Intel® Core™ i7-2710QE/ i5-2510E/ Celeron®-B810
Processor
Intel® QM67 Chipset
Gigabit Ethernet x 2
Intel® Integrated Graphics Engine Supports Dual View by
VGA, DVI, HDMI, LVDS
COM x 4
PCI x 2, PCI-Express [x4] x 1
Fanless Embedded Controller With Intel® Core™ i7/ i5/ Celeron® Processor And PCI-Express Expansion
DDR
3
COM x 3


Similar Part No. - TF-AEC-6876-A2M-1010

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
TF-AEC-6872-A1-1010 AAEON-TF-AEC-6872-A1-1010 Datasheet
300Kb / 2P
   Fanless Embedded Controller With Intel Atom D510 Processor
TF-AEC-6872-A2-1010 AAEON-TF-AEC-6872-A2-1010 Datasheet
300Kb / 2P
   Fanless Embedded Controller With Intel Atom D510 Processor
TF-AEC-6872-B1-1010 AAEON-TF-AEC-6872-B1-1010 Datasheet
300Kb / 2P
   Fanless Embedded Controller With Intel Atom D510 Processor
TF-AEC-6872-B2-1010 AAEON-TF-AEC-6872-B2-1010 Datasheet
300Kb / 2P
   Fanless Embedded Controller With Intel Atom D510 Processor
More results

Similar Description - TF-AEC-6876-A2M-1010

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
AEC-6877 AAEON-AEC-6877 Datasheet
343Kb / 2P
   Fanless Embedded Controller With Intel Core i7/i5/Celeron Processor And PCI/PCIe Expansion
AEC-6635 AAEON-AEC-6635 Datasheet
524Kb / 2P
   Fanless Embedded Controller With Intel Core i7/i5 Processor
AEC-6940 AAEON-AEC-6940 Datasheet
347Kb / 2P
   Advanced Fanless Embedded Controller With Intel Core 2 Duo Processor And PCI-Express Expansion
AEC-6920 AAEON-AEC-6920 Datasheet
335Kb / 2P
   Advanced Fanless Embedded Controller With Intel Core 2 Duo Processor And PCI-Express Expansion
logo
Axiomtek Co., Ltd.
EBOX730-860-FL AXIOMTEK-EBOX730-860-FL_17 Datasheet
295Kb / 1P
   Fanless Embedded System with Intel Core i7/i3 & Celeron Processor
logo
AAEON Technology
EPIC-QM57 AAEON-EPIC-QM57 Datasheet
318Kb / 2P
   EPIC Express Board with Intel Core i7/ i5/ Celeron (32nm) Processor
logo
Axiomtek Co., Ltd.
EBOX670-883-FL AXIOMTEK-EBOX670-883-FL_17 Datasheet
348Kb / 1P
   Fanless Embedded System with LGA1150 Socket Intel Core i7/i5/i3 & Celeron
TBOX324-894-FL AXIOMTEK-TBOX324-894-FL Datasheet
605Kb / 2P
   Fanless Embedded System with 7th Gen Intel Core i7/i5/i3 & Celeron
EBOX660-872-FL AXIOMTEK-EBOX660-872-FL_17 Datasheet
338Kb / 1P
   Fanless Embedded System with Socket G2 Intel Core i7/i5/i3 & Celeron
logo
AAEON Technology
ACP-5217 AAEON-ACP-5217 Datasheet
462Kb / 2P
   21.5??Fanless Multi-Touch Computer With Intel Core??i7/i5/Celeron Processor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com