Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK433-060N-E Datasheet(PDF) 7 Page - Sanyo Semicon Device

Part # STK433-060N-E
Description  2channel class-AB Audio Power IC 50W50W
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK433-060N-E Datasheet(HTML) 7 Page - Sanyo Semicon Device

Back Button STK433-060N-E Datasheet HTML 3Page - Sanyo Semicon Device STK433-060N-E Datasheet HTML 4Page - Sanyo Semicon Device STK433-060N-E Datasheet HTML 5Page - Sanyo Semicon Device STK433-060N-E Datasheet HTML 6Page - Sanyo Semicon Device STK433-060N-E Datasheet HTML 7Page - Sanyo Semicon Device STK433-060N-E Datasheet HTML 8Page - Sanyo Semicon Device STK433-060N-E Datasheet HTML 9Page - Sanyo Semicon Device STK433-060N-E Datasheet HTML 10Page - Sanyo Semicon Device STK433-060N-E Datasheet HTML 11Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
STK433-060N-E
No.A2106-7/11
[STK433-000N/-100N/-300Nsr Pin Layout]
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
(Size) 47.0mm
×25.6mm×9.0mm
2ch classAB/2.00mm
STK433-040N 40W/JEITA
STK433-060N 50W/JEITA
(Size) 67.0mm
×25.6mm×9.0mm
STK433-130N 150W/JEITA
-
P
R
E
-
V
C
C
+
V
C
C
O
U
T
/
C
H
1
+
O
U
T
/
C
H
1
-
O
U
T
/
C
H
2
+
O
U
T
/
C
H
2
-
+
P
R
E
S
U
B
G
N
D
I
N
/
C
H
1
N
F
/
C
H
1
S
T
A
N
D
B
Y
N
F
/
C
H
2
I
N
/
C
H
2
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
(Size) 64.0mm
×36.6mm×9.0mm
3ch classAB/2.00mm
STK433-330N 150W/JEITA
-
P
R
E
-
V
C
C
+
V
C
C
O
U
T
/
C
H
1
+
O
U
T
/
C
H
1
-
O
U
T
/
C
H
2
+
O
U
T
/
C
H
2
-
+
P
R
E
S
U
B
G
N
D
I
N
/
C
H
1
N
F
/
C
H
1
S
T
A
N
D
B
Y
N
F
/
C
H
2
I
N
/
C
H
2
I
N
/
C
H
3
N
F
/
C
H
3
O
U
T
/
C
H
3
+
O
U
T
/
C
H
3
-
[STK433-000N/-100N/-800Nsr Pin Layout]
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
(Size) 47.0mm
×25.6mm×9.0mm
2ch classAB/2.00mm
STK433-040N 40W/JEITA
STK433-060N 50W/JEITA
(Size) 67.0mm
×25.6mm×9.0mm
STK433-130N 150W/JEITA
-
P
R
E
-
V
C
C
+
V
C
C
O
U
T
/
C
H
1
+
O
U
T
/
C
H
1
-
O
U
T
/
C
H
2
+
O
U
T
/
C
H
2
-
+
P
R
E
S
U
B
G
N
D
I
N
/
C
H
1
N
F
/
C
H
1
S
T
A
N
D
B
Y
N
F
/
C
H
2
I
N
/
C
H
2
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
(Size) 64.0mm
×31.1mm×9.0mm
4ch classAB/2.00mm
STK433-840N 40W/JEITA
STK433-870N 60W/JEITA
(Size) 78.0mm
×44.1mm×9.0mm
STK433-890N 80W/JEITA
-
P
R
E
-
V
C
C
+
V
C
C
O
U
T
/
C
H
1
+
O
U
T
/
C
H
1
-
O
U
T
/
C
H
2
+
O
U
T
/
C
H
2
-
+
P
R
E
S
U
B
G
N
D
I
N
/
C
H
1
N
F
/
C
H
1
S
T
A
N
D
B
Y
N
F
/
C
H
2
I
N
/
C
H
2
N
F
/
C
H
3
I
N
/
C
H
3
I
N
/
C
H
4
N
F
/
C
H
4
O
U
T
/
C
H
3
-
O
U
T
/
C
H
3
+
O
U
T
/
C
H
4
-
O
U
T
/
C
H
4
+


Similar Part No. - STK433-060N-E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
STK433-060N-E ONSEMI-STK433-060N-E Datasheet
372Kb / 11P
   2ch class-AB Audio Power IC
April, 2013
More results

Similar Description - STK433-060N-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK433-760-E SANYO-STK433-760-E Datasheet
205Kb / 12P
   2-channel class AB audio power IC, 50W50W
STK433-060-E SANYO-STK433-060-E Datasheet
228Kb / 11P
   Thick-Film Hybrid IC 2-channel class AB audio power IC, 50W50W
STK433-040N-E SANYO-STK433-040N-E Datasheet
295Kb / 11P
   2channel class-AB Audio Power IC
STK433-130N-E SANYO-STK433-130N-E Datasheet
291Kb / 11P
   2channel class-AB Audio Power IC 150W150W
STK415-090-E SANYO-STK415-090-E Datasheet
186Kb / 12P
   2-Channel Power Switching Audio Power IC, 50W50W
logo
ON Semiconductor
STK433-130N-E ONSEMI-STK433-130N-E Datasheet
375Kb / 11P
   2ch class-AB Audio Power IC
April, 2013
logo
Sanyo Semicon Device
STK404-140N-E SANYO-STK404-140N-E Datasheet
213Kb / 11P
   1ch class-AB Audio Power IC
logo
ON Semiconductor
STK404-070N-E ONSEMI-STK404-070N-E Datasheet
284Kb / 10P
   1ch class-AB Audio Power IC
April, 2013
STK404-140N-E ONSEMI-STK404-140N-E Datasheet
332Kb / 11P
   1ch class-AB Audio Power IC
April, 2013
STK433-330N-E ONSEMI-STK433-330N-E Datasheet
376Kb / 11P
   3ch class-AB Audio Power IC
April, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com