Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AEC-6625 Datasheet(PDF) 2 Page - AAEON Technology

Part # AEC-6625
Description  Fanless Embedded Controller With Intel Dual Core Processors QM57 Chipset
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

AEC-6625 Datasheet(HTML) 2 Page - AAEON Technology

  AEC-6625 Datasheet HTML 1Page - AAEON Technology AEC-6625 Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Ordering Information
AEC-6625
TF-AEC-6625-A1M-1010
AEC-6625 with 2 COM, 4 USB, DC-in 9~30V
TF-AEC-6625-A2M-1010
AEC-6625 with 4 COM, 6 USB, DC-in 9~30V
TF-AEC-6625-A3M-1010
AEC-6625 with 4 COM, 6 USB, DC-in 9~30V, PCI-104 Extension Kit
Certification
EMC
CE /FCC Class A
Safety
Dimension (W x H x D)
8.35" (w) x2.52" (H) x 6.22" (D) (212mm x 64mm x 158mm)
Gross Weight
10.34 lb (4.7 Kg)
Note
Windows® XP Embedded, Windows® XP, Windows® 7 Support
Optional Accessories
1757912001
Power Adapter (120W); Output: DC 19V
1702031830
Power Cord (US Type) - for 1757912001
1702031831
Power Cord (European Type) - for 1757912001
1702031810
Power Cord (Japanese Type) - for 1757912001
9741662507
2.5” SATA HDD/DVD Kit w/o DVD-ROM
9741662504
Dual 2.5” SATA HDD Kit
9741662503
Dual 2.5” SATA HDD Kit (Removable)
9741662506
Slim DVD-ROM + 2.5” SATA HDD Kit
9741662505
VESA Mount Kit
9741662508
Fan Kit
10-6
Dimension
Unit: mm


Similar Part No. - AEC-6625

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
AEC-6620 AAEON-AEC-6620 Datasheet
340Kb / 2P
   Fanless Tiny Embedded Controller With Intel Atom??Processor
More results

Similar Description - AEC-6625

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
AEC-6613 AAEON-AEC-6613 Datasheet
552Kb / 2P
   Fanless Embedded Controller With Intel NM10 Chipset
AEC-6637 AAEON-AEC-6637 Datasheet
293Kb / 2P
   Fanless Embedded Controller With Intel QM77 Chipset
AEC-6636 AAEON-AEC-6636 Datasheet
296Kb / 2P
   Fanless Embedded Controller With Intel QM67 Chipset
AEC-6635 AAEON-AEC-6635 Datasheet
524Kb / 2P
   Fanless Embedded Controller With Intel Core i7/i5 Processor
AEC-6924 AAEON-AEC-6924 Datasheet
289Kb / 2P
   Advanced Fanless Embedded Controller With Intel Core 2 Duo Processor
AEC-6930 AAEON-AEC-6930 Datasheet
273Kb / 2P
   Advanced Fanless Embedded Controller With Intel Core 2 Duo Processor
BOXER-6451-ADP AAEON-BOXER-6451-ADP Datasheet
689Kb / 2P
   Fanless Compact Embedded Computer with 12th Generation Intel® Core™ Processors
2023/04/07
AEC-6967 AAEON-AEC-6967 Datasheet
336Kb / 2P
   Advanced Fanless Embedded Controller With Intel 2nd Generation Core i Series Processors And PCI-Express Expansion
AEC-6831 AAEON-AEC-6831 Datasheet
360Kb / 2P
   Fanless Embedded Controller With Intel Atom Processor
logo
Axiomtek Co., Ltd.
TBOX321-870-FL AXIOMTEK-TBOX321-870-FL_17 Datasheet
594Kb / 2P
   Fanless Embedded System with 3rd Gen Intel Core Processor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com