Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TF-HSB-910I Datasheet(PDF) 2 Page - AAEON Technology

Part # TF-HSB-910I
Description  4-slot Industrial Wallmount IPC System, Half-size CPU Cards Support
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

TF-HSB-910I Datasheet(HTML) 2 Page - AAEON Technology

  TF-HSB-910I Datasheet HTML 1Page - AAEON Technology TF-HSB-910I Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Dimension
Unit: mm
04-44
40.60
88.50
88.50
15.00
253.50
162.50
12.50
7.50
12.00
5.00
Model/Name
Description
Remark
TF-AEC-204B-B
Wallmount, 4-Slot Chassis Bare, 1U Power (20.5cm), PS_SW(ATX), Black
Ordering Information
Power Supply Options
P/N
TYPE
PFC Support
Input Voltage
Watt
Size
TF-PW-H150-A-00
ATX
Active PFC
Auto 115-230V
150W
1U (18.5cm)
Passive Backplane Options
P/N
Description
Master
Interface
Slots
Power Connector,
ATX Extend Function
BP-204SI
Wallmount, ISA 4-slot, Backplane, 4 ISA, Single Segment, AT, A1.3
ISA
0/4/0 (PCI/ ISA/ PICMG)
AT
TF-BP-204SS-P1
Wallmount, PISA 4-slot, Backplane, 1 PCI, 2 ISA, Single Segment, AT/ATX
PCISA
1/2/2 (PCI/ ISA/ PISA)
AT
TF-BP-204SS-P2
Wallmount, PISA 4-slot, Backplane, 2 PCI, 1 ISA, Single Segment, AT
PCISA
1/1/1/1 (PCI/ ISA/ PISA/ PICMG_PCI)
ATX, 6-pin ATX extend
TF-BP-204SP-P3
Wallmount, PCI 4-slot, Backplane, 3 PCI, Single Segment, AT/ATX, Bulk Pack
PCI
3/0/1 (PCI/ ISA/ PICMG_PCI)
ATX, 3-pin ATX extend
AEC-204B
CPU Cards Options
Model/Name
Description
Remark
9741204000
Accessory CD-ROM for AEC-204
Accessories Options
Model/Name
Description
Master Interface
TF-HSB-965P
Socket 478, Core™ 2 Duo (533/667/800MHz)
PCI
TF-HSB-811P
Onboard Celeron® M (600MHz); Socket 479 P-M (1.2 GHz)/ Celeron® M (900MHz)
PCI
TF-HSB-813S
Socket 479 P-M (2.0 GHz)/ Celeron® M (900MHz)
PCISA
TF-HSB-910I
Onboard Celeron® M (600MHz)(400MHz)
ISA
TF-HSB-668I
Onboard VIA CoreFusion 533 MHz CPU
ISA


Similar Part No. - TF-HSB-910I

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
TF-HSB-910I AAEON-TF-HSB-910I Datasheet
339Kb / 2P
   6-Slot Wallmount Chassis, Half-Size CPU Cards Support
TF-HSB-910I-A10-G2 AAEON-TF-HSB-910I-A10-G2 Datasheet
366Kb / 2P
   ISA Half-Size SBC With Intel Celeron M 600 MHz BGA Type Processor
More results

Similar Description - TF-HSB-910I

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
AEC-204 AAEON-AEC-204 Datasheet
339Kb / 2P
   6-Slot Wallmount Chassis, Half-Size CPU Cards Support
AEC-206 AAEON-AEC-206 Datasheet
306Kb / 2P
   6-Slot Wallmount Chassis, Full-Size/ Half-Size CPU Cards Support
AMC-280B AAEON-AMC-280B Datasheet
327Kb / 2P
   8-Slot Wallmount Chassis, Full-Size/ Half-Size CPU Cards Support
AMC-262 AAEON-AMC-262 Datasheet
359Kb / 2P
   6-Slot Wallmount Chassis, Full-Size/ Half-Size Cards Support
AMC-263 AAEON-AMC-263 Datasheet
337Kb / 2P
   5-Slot Wallmount Chassis, Full-Size Cards Support
ARC-640 AAEON-ARC-640 Datasheet
319Kb / 2P
   4U 14-Slot Rackmount Chassis, Full-Size/ Half-Size CPU Cards Support
ARC-645 AAEON-ARC-645 Datasheet
337Kb / 2P
   4U 14-Slot Rackmount Chassis, Full-Size/ Half-Size CPU Cards Support
ARC-625 AAEON-ARC-625 Datasheet
334Kb / 2P
   2U 6-Slot Rackmount Chassis, Full-Size CPU Cards Support
AMC-280M AAEON-AMC-280M Datasheet
438Kb / 2P
   7-Slot Wallmount Chassis, Industrial Main Board Support
logo
BOSER Technology Co., L...
RC-140 BOSER-RC-140 Datasheet
144Kb / 1P
   Half-size Wallmount Chassis with 4-slot Backplane, 80W P/S Provides PICMG1.3 Half-size Backplane
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com