Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

03452RF4H Datasheet(PDF) 2 Page - Littelfuse

Part # 03452RF4H
Description  International Shock-Safe Panel Mount Type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

03452RF4H Datasheet(HTML) 2 Page - Littelfuse

  03452RF4H Datasheet HTML 1Page - Littelfuse 03452RF4H Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
468
www .littelfuse .com
Fuseholders
For 3AG, 5 x 20mm, or 2AG Fuses
International Shock-Safe Panel Mount Type
®
®
V
DE
Fuse Size
2
2AG
.177" x .570"
3
3AG
.250" x 1.250"
5
5 x 20mm
.197" x .787"
USE
USE
.60" DIA.
.65" DIA.
.41"
1.59"
.50" MIN.
1.50" MAX.
Low Profile Fingergrip Knob
Rear Mount Fingergrip Knob
special 1/2" thread
special 1/2" thread
special 1/2" thread
special 1/2" thread
USE
.40"
1.35"
High Profile Screwdriver Slot Knob
.04"x.25"
USE
´
.16"
1.59"
Low Profile Screwdriver Slot Knob
.04"x.25"
USE
.16"
1.59"
Quick Mount Screwdriver Slot Knob
.04"x.25"
Terminal Styles
Suggested Mounting Holes
Bottom Terminal
.090" x .160"
HOLE
.055"
HOLE
.070"
HOLE
3/16" DUAL
PURPOSE
SOLDER/QUICK
CONNECT
1/4" NEMA/DIN
QUICK CONNECT
3/16" NEMA
QUICK CONNECT
.187"
.187"
.250"
.475"
.480"
.460"
.465"
.500"
.505"
A
B
C
AB
C
.187" QC
.250" QC
.53" .30" .020"
.59" .36" .032"
Right Angle
Straight
"Push-On" Type Retaining Nut
for Quick Mount Fuseholder
Plastic Hex Nut with Flange
.91" DIA.
.63"
.19"
.65"
DIA.
.558"
HEX.
SPECIAL
1/2" THREAD
.60" DIA.
.60" DIA.
.60" DIA.
DIMENSION
DRAWINGS:
To Order Body Including Nut(s) Only:
Terminal
Bottom
Low Profile Body
High Profile Body
Rear Mount Body
Quick Mount Body
Style
Terminal
Part Number***
Part Number
Part Number
Part Number
3/16" Dual Purpose
(Rt. Angle)
3453LF1-010
3453HS1-010
3453RF1-010
3453QS1-010
3/16" Dual Purpose
(Straight)
3453LF2-010
3453HS2-010
3453RF2-010
3453QS2-010
3/16" NEMA QC
(Rt. Angle)
3453LF3-010
3453HS3-010
3453RF3-010
3453QS3-010
3/16"NEMA QC
(Straight)
3453LF4-010
3453HS4-010
3453RF4-010
3453QS4-010
1/4" NEMA/DIN QC
(Rt. Angle)
3453LF7-010
3453HS7-010
3453RF7-010
3453QS7-010
1/4"NEMA/DIN QC
(Straight)
3453LF8-010
3453HS8-010
3453RF8-010
3453QS8-010
***Low Profile Body will accept either Fingergrip or Screwdriver Slot Knob.
ORDERING INFORMATION:
EXAMPLE (Complete Assembly with options):
345 3 LS 7 L N NP
Series Number
Style
LF
Low Profile Body
Black Fingergrip Knob
RF
Rear Mount Body
Black Fingergrip Knob
HS
High Profile Body
Screwdriver Slot Knob
LS
Low Profile Body
Screwdriver Slot Knob
QS
Quick Mount Body
Screwdriver Slot Knob
Screwdriver Slot Knob
2AG — Blue Knob
3AG — Grey Knob
5 x 20mm — Black Knob
Terminals
1
3/16" (Rt. Angle)
Dual Purpose Solder/QC
2
3/16" (Straight)
Dual Purpose Solder/QC
3
3/16" (Rt. Angle)
NEMA QC
4
3/16" (Straight)
NEMA QC
7
1/4" (Rt. Angle)
NEMA/DIN QC
8
1/4" (Straight)
NEMA/DIN QC
Options*
L
Lockwasher
N
Neoprene Washer
NP
Drip-Proof “O” Ring**
with Neoprene Washer
**Options (L, N, NP) can be ordered
individually or in combination.
**Screwdriver slot knob only.
Note: To Order Knob Only:
Fuse
Fingergrip Knob
Screwdriver Slot Knob
Size
Part Number
Part Number
2AG
3452LF1-020
3452LS1-020
3AG
3453LF1-020
3453LS1-020
5 x 20mm
3455LF1-020
3455LS1-020


Similar Part No. - 03452RF4H

ManufacturerPart #DatasheetDescription
logo
Littelfuse
03452LF1HX020 LITTELFUSE-03452LF1HX020 Datasheet
658Kb / 3P
   345 Series Shock-Safe Panel Mount Enclosed Fuse Holders
Revised: 01/31/20
03452LS1HX020 LITTELFUSE-03452LS1HX020 Datasheet
658Kb / 3P
   345 Series Shock-Safe Panel Mount Enclosed Fuse Holders
Revised: 01/31/20
More results

Similar Description - 03452RF4H

ManufacturerPart #DatasheetDescription
logo
Littelfuse
02450001H LITTELFUSE-02450001H Datasheet
123Kb / 1P
   Shock-Safe Panel Mount Type
345 LITTELFUSE-345 Datasheet
779Kb / 3P
   345 Series Shock-Safe Panel Mount Enclosed Fuse Holders
03453LS7HXLNP LITTELFUSE-03453LS7HXLNP_V01 Datasheet
658Kb / 3P
   345 Series Shock-Safe Panel Mount Enclosed Fuse Holders
Revised: 01/31/20
03460877H LITTELFUSE-03460877H_V01 Datasheet
711Kb / 1P
   286/346 Series Flip-Top Shock-Safe Panel Mount Fuseholders
Revised: June 9, 2021
3452LS1LNNP LITTELFUSE-3452LS1LNNP Datasheet
112Kb / 2P
   3AG, 5 x 20mm, or 2AG Fuses International Shock-Safe
6010000000 LITTELFUSE-6010000000 Datasheet
648Kb / 1P
   601/602 Series Shock-Safe Panel Mount Fuse Holder for 5횞20mm Fuses
Revised: 12/19/13
03450601H LITTELFUSE-03450601H_V01 Datasheet
719Kb / 3P
   345 HV Series Panel Mount Enclosed Fuse Holders/345 HV Series Shock Safe Circuit Board Mount Enclosed Fuse Holders
Revised: 12/10/19
logo
Schurter Inc.
FQE SCHURTER-FQE_V01 Datasheet
220Kb / 2P
   Shock-safe Fuseholder, Solder Terminals, 5x20 mm
FQE SCHURTER-FQE Datasheet
248Kb / 1P
   Shock-safe Fuseholder, Solder Terminals, 5x20 mm
23530P SCHURTER-23530P Datasheet
258Kb / 1P
   Shock-Safe Fuseholder, 10.3 x 38 mm, Fingergrip
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com