Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK404-120N-E Datasheet(PDF) 10 Page - Sanyo Semicon Device

Part # STK404-120N-E
Description  1ch class-AB Audio Power IC 120W
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK404-120N-E Datasheet(HTML) 10 Page - Sanyo Semicon Device

Back Button STK404-120N-E Datasheet HTML 3Page - Sanyo Semicon Device STK404-120N-E Datasheet HTML 4Page - Sanyo Semicon Device STK404-120N-E Datasheet HTML 5Page - Sanyo Semicon Device STK404-120N-E Datasheet HTML 6Page - Sanyo Semicon Device STK404-120N-E Datasheet HTML 7Page - Sanyo Semicon Device STK404-120N-E Datasheet HTML 8Page - Sanyo Semicon Device STK404-120N-E Datasheet HTML 9Page - Sanyo Semicon Device STK404-120N-E Datasheet HTML 10Page - Sanyo Semicon Device STK404-120N-E Datasheet HTML 11Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
STK404-120N-E
No.A2099-10/11
Thermal Sensor Characteristic
Rp – Tp
STK404-120N-E
STK404-140N-E
100k
100k
0
20
40
60
80
100
120
140
0
20
40
60
80
100
120
140
Rp – Tp
Temperature, Tp --
°C
100
1k
2
3
5
7
10k
2
3
5
7
2
3
5
7
1k
2
3
5
7
10k
2
3
5
7
2
3
5
7
--20
160
Temperature, Tp --
°C
100
--20
160
Min.
Max.
Typ.
Min.
Max.
Typ.
Reference
Reference
STK404-120N-E Road-Short & DC Voltage Protection Application
12
11
10
9
8
7
6
5
4
3
2
1
+
-
56k
Ω
10k
Ω
100k
Ω
100k
Ω
22k
Ω 10kΩ
10k
Ω
10
μF
47
μF
1k
Ω
+5V
to SB1
to SB2
H:Operation Mode
L:Protection Mode
56k
Ω
82k
Ω
6.8k
Ω
0.22
Ω
-VCC
OUT
amp.
-VE
SUB
NF
IN
DC Voltage Protection
Road-Short Protection
+VE


Similar Part No. - STK404-120N-E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
STK404-120N-E ONSEMI-STK404-120N-E Datasheet
331Kb / 11P
   1ch class-AB Audio Power IC
April, 2013
More results

Similar Description - STK404-120N-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK404-140N-E SANYO-STK404-140N-E Datasheet
213Kb / 11P
   1ch class-AB Audio Power IC
logo
ON Semiconductor
STK404-070N-E ONSEMI-STK404-070N-E Datasheet
284Kb / 10P
   1ch class-AB Audio Power IC
April, 2013
STK404-140N-E ONSEMI-STK404-140N-E Datasheet
332Kb / 11P
   1ch class-AB Audio Power IC
April, 2013
STK404-120N-E ONSEMI-STK404-120N-E Datasheet
331Kb / 11P
   1ch class-AB Audio Power IC
April, 2013
logo
Sanyo Semicon Device
STK404-070N-E SANYO-STK404-070N-E Datasheet
193Kb / 10P
   1ch class-AB Audio Power IC 60W
STK433-120-E SANYO-STK433-120-E Datasheet
185Kb / 11P
   Thick-Film Hybrid IC 2-channel class AB audio power IC, 120W120W
STK433-040N-E SANYO-STK433-040N-E Datasheet
295Kb / 11P
   2channel class-AB Audio Power IC
logo
ON Semiconductor
STK433-130N-E ONSEMI-STK433-130N-E Datasheet
375Kb / 11P
   2ch class-AB Audio Power IC
April, 2013
STK433-330N-E ONSEMI-STK433-330N-E Datasheet
376Kb / 11P
   3ch class-AB Audio Power IC
April, 2013
STK433-040N-E ONSEMI-STK433-040N-E Datasheet
372Kb / 11P
   2ch class-AB Audio Power IC
April, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com