Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD13280 Datasheet(PDF) 5 Page - Analog Devices

Part # AD13280
Description  Dual Channel, 12-Bit, 80 MSPS A/D Converter with Analog Input Signal Conditioning
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD13280 Datasheet(HTML) 5 Page - Analog Devices

  AD13280 Datasheet HTML 1Page - Analog Devices AD13280 Datasheet HTML 2Page - Analog Devices AD13280 Datasheet HTML 3Page - Analog Devices AD13280 Datasheet HTML 4Page - Analog Devices AD13280 Datasheet HTML 5Page - Analog Devices AD13280 Datasheet HTML 6Page - Analog Devices AD13280 Datasheet HTML 7Page - Analog Devices AD13280 Datasheet HTML 8Page - Analog Devices AD13280 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
REV. 0
AD13280
–5–
PIN FUNCTION DESCRIPTIONS
Pin No.
Name
Function
1, 35
SHIELD
Internal Ground Shield between Channels
2, 3, 9, 10, 13, 16
AGNDA
A Channel Analog Ground. A and B grounds should be connected as close to
the device as possible.
4
A–IN
Inverting Differential Input (Gain = 1).
5
A+IN
Noninverting Differential Input (Gain = 1).
6
AMP-OUT-A
Single-Ended Amplifier Output (Gain = 2).
7
AMP-IN-A-1
Analog Input for A Side ADC (Nominally
±0.5 V).
8
AMP-IN-A-2
Analog Input for A Side ADC (Nominally
±1.0 V).
11
AVEEA
A Channel Analog Negative Supply Voltage (Nominally –5.0 V or –5.2 V).
12
AVCCA
A Channel Analog Positive Supply Voltage (Nominally 5.0 V).
14
ENCODEA
Complement of Encode; Differential Input.
15
ENCODEA
Encode Input; Conversion Initiated on Rising Edge.
17
DVCCA
A Channel Digital Positive Supply Voltage (Nominally 5.0 V/ 3.3 V).
18, 19, 37, 38
NC
No Connect.
20–25, 28–33
D0A–D11A
Digital Outputs for ADC A. D0 (LSB).
26, 27
DGNDA
A Channel Digital Ground.
34
DROUTA
Data Ready A Output.
36
DROUTB
Data Ready B Output.
39–42, 45–52
D0B–D11B
Digital Outputs for ADC B. D0 (LSB).
43, 44
DGNDB
B Channel Digital Ground.
53
DVCCB
B Channel Digital Positive Supply Voltage (Nominally 5.0 V/ 3.3 V).
54, 57, 60, 61, 67, 68
AGNDB
B Channel Analog Ground. A and B grounds should be connected as close to the
device as possible.
55
ENCODEB
Encode Input; Conversion Initiated on Rising Edge.
56
ENCODEB
Complement of Encode; Differential Input.
58
AVCCB
B Channel Analog Positive Supply Voltage (Nominally 5.0 V).
59
AVEEB
B Channel Analog Negative Supply Voltage (Nominally –5.0 V or –5.2 V).
62
AMP-IN-B-2
Analog Input for B Side ADC (Nominally
±1.0 V).
63
AMP-IN-B-1
Analog Input for B Side ADC (Nominally
±0.5 V).
64
AMP-OUT-B
Single-Ended Amplifier Output (Gain = 2).
65
B+IN
Noninverting Differential Input (Gain = 1).
66
B–IN
Inverting Differential Input (Gain = 1).


Similar Part No. - AD13280

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD13280/PCB AD-AD13280/PCB Datasheet
1Mb / 28P
   Dual-Channel, 12-Bit, 80 MSPS ADC with Analog Input Signal Conditioning
REV. C
AD13280AF AD-AD13280AF Datasheet
1Mb / 28P
   Dual-Channel, 12-Bit, 80 MSPS ADC with Analog Input Signal Conditioning
REV. C
AD13280AZ AD-AD13280AZ Datasheet
1Mb / 28P
   Dual-Channel, 12-Bit, 80 MSPS ADC with Analog Input Signal Conditioning
REV. C
AD13280BF AD-AD13280BF Datasheet
1Mb / 28P
   Dual-Channel, 12-Bit, 80 MSPS ADC with Analog Input Signal Conditioning
REV. C
AD13280 AD-AD13280_15 Datasheet
1Mb / 28P
   Dual-Channel, 12-Bit, 80 MSPS ADC with Analog Input Signal Conditioning
REV. C
More results

Similar Description - AD13280

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD10265 AD-AD10265 Datasheet
267Kb / 18P
   Dual Channel, 12-Bit, 65 MSPS A/D Converter with Analog Input Signal Conditioning
REV. 0
AD13280 AD-AD13280_15 Datasheet
1Mb / 28P
   Dual-Channel, 12-Bit, 80 MSPS ADC with Analog Input Signal Conditioning
REV. C
AD13280BF AD-AD13280BF Datasheet
1Mb / 28P
   Dual-Channel, 12-Bit, 80 MSPS ADC with Analog Input Signal Conditioning
REV. C
AD10242 AD-AD10242 Datasheet
251Kb / 16P
   Dual, 12-Bit, 40 MSPS MCM A/D Converter with Analog Input Signal Conditioning
REV. A
AD10200 AD-AD10200 Datasheet
1Mb / 20P
   Dual Channel, 12-Bit 105 MSPS IF Sampling A/D Converter with Analog Input Signal Conditioning
REV. A
AD13465 AD-AD13465 Datasheet
1Mb / 20P
   Dual Channel, 14-Bit, 65 MSPS A/D Converter with Analog Input Signal Conditioning
REV. 0
AD10465 AD-AD10465 Datasheet
2Mb / 20P
   Dual Channel, 14-Bit, 65 MSPS A/D Converter with Analog Input Signal Conditioning
REV. 0
AD10200 AD-AD10200_17 Datasheet
1Mb / 20P
   A/D Converter with Analog Input Signal Conditioning
AD15452 AD-AD15452 Datasheet
340Kb / 16P
   12-Bit 65 MSPS Quad A/D Converter with Integrated Signal Conditioning
REV. 0
logo
Texas Instruments
ADC12DC080 TI1-ADC12DC080_14 Datasheet
1Mb / 27P
[Old version datasheet]   Dual 12-Bit, 80 MSPS A/D Converter with CMOS Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com