Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD10242BZ Datasheet(PDF) 2 Page - Analog Devices

Part # AD10242BZ
Description  Dual, 12-Bit, 40 MSPS MCM A/D Converter with Analog Input Signal Conditioning
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD10242BZ Datasheet(HTML) 2 Page - Analog Devices

  AD10242BZ Datasheet HTML 1Page - Analog Devices AD10242BZ Datasheet HTML 2Page - Analog Devices AD10242BZ Datasheet HTML 3Page - Analog Devices AD10242BZ Datasheet HTML 4Page - Analog Devices AD10242BZ Datasheet HTML 5Page - Analog Devices AD10242BZ Datasheet HTML 6Page - Analog Devices AD10242BZ Datasheet HTML 7Page - Analog Devices AD10242BZ Datasheet HTML 8Page - Analog Devices AD10242BZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
REV. A
–2–
AD10242–SPECIFICATIONS
Electrical Characteristics (AV
CC = +5 V; AVEE = –5.0 V; DVCC = +5 V; applies to each ADC unless otherwise noted)
Test
Mil
AD10242BZ/TZ
Parameter
Temp
Level
Subgroup
Min
Typ
Max
Units
RESOLUTION
12
Bits
DC ACCURACY
No Missing Codes
Full
VI
1, 2, 3
Guaranteed
Offset Error
+25
°C
I
1
–0.5
±0.05
+0.5
% FS
Full
VI
2, 3
–2.0
±1.0
+2.0
% FS
Offset Error Channel Match
Full
V
±0.1
%
Gain Error
1
+25
°C
I
1
–1.0
±0.5
+1.0
% FS
Full
VI
2, 3
–1.5
±0.8
+1.5
% FS
Gain Error Channel Match
Full
V
±0.1
%
ANALOG INPUT (AIN)
Input Voltage Range
AIN1
Full
I
±0.5
V
AIN2
Full
I
±1.0
V
AIN3
Full
I
±2V
Input Resistance
AIN1
Full
IV
12
99
100
101
AIN2
Full
IV
12
198
200
202
AIN3
Full
IV
12
396
400
404
Input Capacitance
2
+25
°C
IV
12
0
4.0
7.0
pF
Analog Input Bandwidth
3
Full
V
60
MHz
ENCODE INPUT
4, 5
Logic Compatibility
TTL/CMOS
Logic “1” Voltage
Full
I
1, 2, 3
2.0
5.0
V
Logic “0” Voltage
Full
I
1, 2, 3
0
0.8
V
Logic “1” Current (VINH = 5 V)
Full
I
1, 2, 3
625
800
µA
Logic “0” Current (VINL = 0 V)
Full
I
1, 2, 3
–400
–300
µA
Input Capacitance
+25
°C
V
12
7.0
pF
SWITCHING PERFORMANCE
Maximum Conversion Rate
6
Full
VI
4, 5, 6
40
50
MSPS
Minimum Conversion Rate
6
Full
V
12
5
MSPS
Aperture Delay (tA)
+25
°C
V
1.0
ns
Aperture Delay Matching
+25
°CV
±2.0
ns
Aperture Uncertainty (Jitter)
+25
°C
V
1
ps rms
ENCODE Pulse Width High
+25
°CIV
12
12
10
ns
ENCODE Pulse Width Low
+25
°CIV
12
10
41
ns
Output Delay (tOD)
Full
IV
12
10
12
14
ns
SNR
7
Analog Input @ 1.2 MHz
+25
°CV
68
dB
@ 4.85 MHz
+25
°CI
4
63
66
dB
Full
II
5, 6
62
66
dB
@ 9.9 MHz
+25
°CI
4
63
65
dB
Full
II
5, 6
62
65
dB
@ 19.5 MHz
+25
°CI
4
60
63
dB
Full
II
5, 6
59
62
dB
SINAD
8
Analog Input @ 1.2 MHz
+25
°CV
67
dB
@ 4.85 MHz
+25
°CI
4
62
65
dB
Full
II
5, 6
61
64
dB
@ 9.9 MHz
+25
°CI
4
60
64
dB
Full
II
5, 6
60
63
dB
@ 19.5 MHz
+25
°CI
4
58
61
dB
Full
II
5, 6
58
60
dB


Similar Part No. - AD10242BZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD10242BZ AD-AD10242BZ Datasheet
448Kb / 16P
   MCM A/D Converter
More results

Similar Description - AD10242BZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD13280 AD-AD13280 Datasheet
1Mb / 20P
   Dual Channel, 12-Bit, 80 MSPS A/D Converter with Analog Input Signal Conditioning
REV. 0
AD10242 AD-AD10242_15 Datasheet
319Kb / 16P
   Dual, 12-Bit, 40 MSPS MCM A/D Converter
REV. C
AD10265 AD-AD10265 Datasheet
267Kb / 18P
   Dual Channel, 12-Bit, 65 MSPS A/D Converter with Analog Input Signal Conditioning
REV. 0
AD10200 AD-AD10200 Datasheet
1Mb / 20P
   Dual Channel, 12-Bit 105 MSPS IF Sampling A/D Converter with Analog Input Signal Conditioning
REV. A
AD13465 AD-AD13465 Datasheet
1Mb / 20P
   Dual Channel, 14-Bit, 65 MSPS A/D Converter with Analog Input Signal Conditioning
REV. 0
AD10465 AD-AD10465 Datasheet
2Mb / 20P
   Dual Channel, 14-Bit, 65 MSPS A/D Converter with Analog Input Signal Conditioning
REV. 0
AD13280 AD-AD13280_15 Datasheet
1Mb / 28P
   Dual-Channel, 12-Bit, 80 MSPS ADC with Analog Input Signal Conditioning
REV. C
AD13280BF AD-AD13280BF Datasheet
1Mb / 28P
   Dual-Channel, 12-Bit, 80 MSPS ADC with Analog Input Signal Conditioning
REV. C
AD10200 AD-AD10200_17 Datasheet
1Mb / 20P
   A/D Converter with Analog Input Signal Conditioning
AD15452 AD-AD15452 Datasheet
340Kb / 16P
   12-Bit 65 MSPS Quad A/D Converter with Integrated Signal Conditioning
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com