Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD10242BZ Datasheet(PDF) 5 Page - Analog Devices

Part # AD10242BZ
Description  Dual, 12-Bit, 40 MSPS MCM A/D Converter with Analog Input Signal Conditioning
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD10242BZ Datasheet(HTML) 5 Page - Analog Devices

  AD10242BZ Datasheet HTML 1Page - Analog Devices AD10242BZ Datasheet HTML 2Page - Analog Devices AD10242BZ Datasheet HTML 3Page - Analog Devices AD10242BZ Datasheet HTML 4Page - Analog Devices AD10242BZ Datasheet HTML 5Page - Analog Devices AD10242BZ Datasheet HTML 6Page - Analog Devices AD10242BZ Datasheet HTML 7Page - Analog Devices AD10242BZ Datasheet HTML 8Page - Analog Devices AD10242BZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
AD10242
–5–
REV. A
PIN FUNCTION DESCRIPTIONS
Pin No.
Name
Function
1
SHIELD
Internal Ground Shield between channels.
2, 5, 9–11, 26–27
GNDA
A Channel Ground. A and B grounds should be connected as close to the device as possible.
3
UNEGA
Unipolar Negative.
4
UCOMA
Unipolar Common.
6AINA1
Analog Input for A side ADC (nominally
±0.5 V).
7AINA2
Analog Input for A side ADC (nominally
±1.0 V).
8AINA3
Analog Input for A side ADC (nominally
±2.0 V).
12
UPOSA
Unipolar Positive.
13
AVEE
Analog Negative Supply Voltage (nominally –5.0 V or –5.2 V).
14
AVCC
Analog Positive Supply Voltage (nominally +5.0 V).
15–16
NC
No Connect.
17–25, 31–33
D0A–D11A
Digital Outputs for ADC A. D0 (LSB).
28
ENCODEA
ENCODE is complement of ENCODE.
29
ENCODEA
Data conversion initiated on rising edge of ENCODE input.
30
DVCC
Digital positive supply voltage (nominally +5.0 V).
34–35
NC
No Connect.
36–42, 45–49
D0B–D11B
Digital Outputs for ADC B. D0 (LSB).
43–44, 53–54
GNDB
B Channel Ground. A and B grounds should be connected as close to the device
58–61, 65, 68
as possible.
50
DVCC
Digital Positive Supply Voltage (nominally +5.0 V).
51
ENCODEB
Data conversion initiated on rising edge of
ENCODE input.
52
ENCODEB
ENCODE is complement of ENCODE.
55
UCOMB
Unipolar Common.
56
UNEGB
Unipolar Negative.
57
UPOSB
Unipolar Positive.
62
AINB1
Analog Input for B side ADC (nominally
±0.5 V).
63
AINB2
Analog Input for B side ADC (nominally
±1.0 V).
64
AINB3
Analog Input for B side ADC (nominally
±2.0 V).
66
AVCC
Analog Positive Supply Voltage (nominally +5.0 V).
67
AVEE
Analog Negative Supply Voltage (nominally –5.0 V or –5.2 V).
PIN CONFIGURATION
68-Lead Ceramic Leaded Chip Carrier
10
11
12
13
14
15
16
17
18
19
20
22
23
24
25
26
21
27
43
28 29 30 31 32 33 34 35 36 37 38 39 40 41 42
961
8
7
6
5
68 67 66 65 64 63 62
4
32
1
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
TOP VIEW
(Not to Scale)
GNDB
GNDB
GNDB
UPOSB
UNEGB
UCOMB
GNDB
GNDB
ENCODEB
ENCODEB
DVCC
D11B (MSB)
D10B
D9B
D8B
D7B
GNDB
GNDA
GNDA
UPOSA
AVEE
AVCC
NC
NC
(LSB) D0A
D1A
D2A
D3A
D4A
D5A
D6A
D7A
D8A
GNDA
NC = NO CONNECT
AD10242
PIN 1


Similar Part No. - AD10242BZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD10242BZ AD-AD10242BZ Datasheet
448Kb / 16P
   MCM A/D Converter
More results

Similar Description - AD10242BZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD13280 AD-AD13280 Datasheet
1Mb / 20P
   Dual Channel, 12-Bit, 80 MSPS A/D Converter with Analog Input Signal Conditioning
REV. 0
AD10242 AD-AD10242_15 Datasheet
319Kb / 16P
   Dual, 12-Bit, 40 MSPS MCM A/D Converter
REV. C
AD10265 AD-AD10265 Datasheet
267Kb / 18P
   Dual Channel, 12-Bit, 65 MSPS A/D Converter with Analog Input Signal Conditioning
REV. 0
AD10200 AD-AD10200 Datasheet
1Mb / 20P
   Dual Channel, 12-Bit 105 MSPS IF Sampling A/D Converter with Analog Input Signal Conditioning
REV. A
AD13465 AD-AD13465 Datasheet
1Mb / 20P
   Dual Channel, 14-Bit, 65 MSPS A/D Converter with Analog Input Signal Conditioning
REV. 0
AD10465 AD-AD10465 Datasheet
2Mb / 20P
   Dual Channel, 14-Bit, 65 MSPS A/D Converter with Analog Input Signal Conditioning
REV. 0
AD13280 AD-AD13280_15 Datasheet
1Mb / 28P
   Dual-Channel, 12-Bit, 80 MSPS ADC with Analog Input Signal Conditioning
REV. C
AD13280BF AD-AD13280BF Datasheet
1Mb / 28P
   Dual-Channel, 12-Bit, 80 MSPS ADC with Analog Input Signal Conditioning
REV. C
AD10200 AD-AD10200_17 Datasheet
1Mb / 20P
   A/D Converter with Analog Input Signal Conditioning
AD15452 AD-AD15452 Datasheet
340Kb / 16P
   12-Bit 65 MSPS Quad A/D Converter with Integrated Signal Conditioning
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com