Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BSS84WT1 Datasheet(PDF) 3 Page - WILLAS ELECTRONIC CORP

Part # BSS84WT1
Description  130 mAmps, 50 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLAS [WILLAS ELECTRONIC CORP]
Direct Link  http://www.willas.com.tw
Logo WILLAS - WILLAS ELECTRONIC CORP

BSS84WT1 Datasheet(HTML) 3 Page - WILLAS ELECTRONIC CORP

  BSS84WT1 Datasheet HTML 1Page - WILLAS ELECTRONIC CORP BSS84WT1 Datasheet HTML 2Page - WILLAS ELECTRONIC CORP BSS84WT1 Datasheet HTML 3Page - WILLAS ELECTRONIC CORP BSS84WT1 Datasheet HTML 4Page - WILLAS ELECTRONIC CORP  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Figure 3. On–Resistance versus Drain Current
0
0.2
0.4
0.6
2
5
6
Figure 4. On–Resistance versus Drain Current
ID, DDAIN CUDDENT (AMPS)
Figure 5. On–Resistance Variation with Temperature
1
TJ, JUNCTION TEMPEDATUDE (°C)
Figure 6. Gate Charge
25°C
VGS = 4.5 V
VGS = 10 V
ID = 0.52 A
-55
-5
45
95
145
4
0.6
0.8
3
0
0.2
0.4
0.6
2
5
6
ID, DDAIN CUDDENT (AMPS)
VGS = 10 V
4
3
0
6
2
0
QT, TOTAL GATE CHADGE (pC)
8
4
500
VDS = 40 V
TJ = 25°C
1000
ID = 0.5 A
1500
0.1
0.3
0.5
150°C
-55°C
7
4.5
5.5
3.5
2.5
6.5
0.1
0.3
0.5
1.2
2
1.4
1.6
1.8
VGS = 4.5 V
ID = 0.13 A
2000
150°C
25°C
-55°C
8
9
7
5
1
7
3
TYPICAL ELECTRICAL CHARACTERISTICS
0.001
0.1
1
VSD, DIODE FODWAD VOLTAGE (VOLTS)
Figure 7. Body Diode Forward Voltage
TJ = 150°C
0
0.5
1.0
1.5
0.01
-55°C
25°C
2.0
2.5
3.0
2012-0
WILLAS ELECTRONIC CORP.
Power MOSFET
mAmps, 50 Volts
mAmps, 50 Volts
130
BSS84WT1
Features
Batch process design, excellent power dissipation offers
better reverse leakage current and thermal resistance.
Low profile surface mounted application in order to
optimize board space.
Low power loss, high efficiency.
High current capability, low forward voltage drop.
High surge capability.
Guardring for overvoltage protection.
Ultra high-speed switching.
Silicon epitaxial planar chip, metal silicon junction.
Lead-free parts meet environmental standards of
MIL-STD-19500 /228
Package outline
Mechanical data
Epoxy : UL94-V0 rated flame retardant
Case : Molded plastic, SOD-123H
Terminals :Plated terminals, solderable per MIL-STD-750
,
Method 2026
Polarity : Indicated by cathode band
Mounting Position : Any
Weight : Approximated 0.011 gram
0.146(3.7)
0.130(3.3)
0.012(0.3) Typ.
0.071(1.8)
0.056(1.4)
0.040(1.0)
0.024(0.6)
0.031(0.8) Typ.
0.031(0.8) Typ.
Dimensions in inches and (millimeters)
SOD-123H
Pb Free Product
1.0A SURFACE MOUNT SCHOTTKY
SOD-123
PACKAGE
WILLAS
BARRIER RECTIFIERS -20V- 200V
FM120-M
THRU
FM1200-M
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive of inductive load.
For capacitive load, derate current by 20%
WILLAS ELECTRONIC CORP.
201
2-06
 
RATINGS
SYMBOL FM120-MH FM130-MH FM140-MH FM150-MH FM160-MH FM180-MH FM1100-MH FM1150-MH FM1200-MH UNIT
Marking Code
12
13
14
15
16
18
10
115
120
Maximum Recurrent Peak Reverse Voltage
VRRM
Maximum RMS Voltage
VRMS
Maximum DC Blocking Voltage
VDC
20
30
40
50
60
80
100
150
200
14
21
28
35
42
56
70
105
140
20
30
40
50
60
80
100
150
200
Volts
Volts
Volts
Maximum Average Forward Rectified Current
 
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
IO
 
IFSM
1.0
 
30
Amps
 
Amps
Typical Thermal Resistance (Note 2)
RΘJA
Typical Junction Capacitance (Note 1)
CJ
Operating Temperature Range
TJ
Storage Temperature Range
TSTG
 
 
-55 to +125
40
120
 
- 65 to +175
 
 
-55 to +150
℃/W
PF
 
CHARACTERISTICS
SYMBOL FM120-MH FM130-MH FM140-MH FM150-MH FM160-MH FM180-MH FM1100-MH FM1150-MH FM1200-MH UNIT
Maximum Forward Voltage at 1.0A DC
VF
0.50
0.70
0.85
0.9
0.92
Volts
@TA=25℃
0.5
Maximum Average Reverse Current at
Rated DC Blocking Voltage
@TA=125℃
IR
10
 
mAmps
 
NOTES:
1- Measured at 1 MHZ and applied reverse voltage of 4.0 VDC.
2- Thermal Resistance From Junction to Ambient
 
 
RoHS product for packing code suffix "G"
Halogen free product for packing code suffix "H"


Similar Part No. - BSS84WT1

ManufacturerPart #DatasheetDescription
logo
WILLAS ELECTRONIC CORP
BSS84WT1 WILLAS-BSS84WT1 Datasheet
309Kb / 4P
   Small Signal MOSFET 115 mA, 60 V
More results

Similar Description - BSS84WT1

ManufacturerPart #DatasheetDescription
logo
WILLAS ELECTRONIC CORP
BSS84LT1 WILLAS-BSS84LT1 Datasheet
324Kb / 4P
   130 mAmps, 50 Volts
logo
Shanghai Leiditech Elec...
LMSS84W LEIDITECH-LMSS84W Datasheet
484Kb / 4P
   POWER MOSFET 130 mAmps, 50 Volts
logo
First Silicon Co., Ltd
FTK84 FS-FTK84 Datasheet
100Kb / 4P
   POWER MOSFET 130 mAmps, 50 Volts
logo
Leshan Radio Company
LBSS84DW1T1G LRC-LBSS84DW1T1G Datasheet
569Kb / 5P
   Power MOSFET 130 mAmps, 50 Volts
logo
WILLAS ELECTRONIC CORP
BSS138WT1 WILLAS-BSS138WT1 Datasheet
358Kb / 5P
   200 mAmps, 50 Volts
logo
First Silicon Co., Ltd
FTK84D FS-FTK84D Datasheet
516Kb / 5P
   POWER MOSPET 130 mAmps, 50 VOLTS p-channel sc-88(sot-363)
logo
Leshan Radio Company
LBSS84LT1G LRC-LBSS84LT1G_15 Datasheet
145Kb / 4P
   Power MOSFET 130 mAmps
LBSS84WT1G LRC-LBSS84WT1G_15 Datasheet
323Kb / 6P
   Power MOSFET 130 mAmps
LBSS84DW1T1G LRC-LBSS84DW1T1G_15 Datasheet
569Kb / 5P
   Power Mosfet 130 mAmps
logo
First Silicon Co., Ltd
FTK138-AB FS-FTK138-AB Datasheet
585Kb / 4P
   POWER MOSFET 200 mAmps, 50 Volts
2022. 04. 28 Revision No : 0
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com