Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1700251802 Datasheet(PDF) 1 Page - AAEON Technology

Part # 1700251802
Description  21.5??Full HD Infotainment Multi-Touch Display
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

1700251802 Datasheet(HTML) 1 Page - AAEON Technology

  1700251802 Datasheet HTML 1Page - AAEON Technology 1700251802 Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Note: All specifications are subject to change without notice.
07-9
07
Features
Specifications
21.5” Full HD (1920 x 1080) Fanless TFT LCD Display
Easy-To-Clean: Multi-Touch Window Design (Two-Point)
IP-65 Front Bezel & IPx1 Back Chassis
Anti-Scratch Surface (7H Hardness)
Smart Card Reader, RF ID, MSR, Skype Phone Support
21.5” Full HD Infotainment Multi-Touch Display
System
Input Signal
VGA/ DVI
On Screen Display Control
Menu, Auto, LCD On/Off, Up, Down
I/O Connector
USB x 3 (2 on side; 1 on rear), VGA/DVI x 1, Mini-USB x 1 (for T/S), Line-out x
1, 2W speaker x 2
OS Support
Windows® XP (T/S: Single point), Linux Fedora (T/S: Single point), Windows®
7 (T/S: Multi-point)
Mechanical
Construction
IP-65/ NEMA4 for plastic front bezel, IPx1 for plastic chassis
Mounting
VESA 75/100
Dimension
21.5” x 13.7” x 2.34” (546mm x 348.1mm x 59.4mm)
Carton Dimension
26” x 19.52” x 7.87” (661mm x 496mm x 200mm)
Gross Weight
15.4 lb (7 kg)
Net Weight
11.66 lb (5.3 kg)
Environmental
Operating Temperature
32°F ~ 104°F (0°C ~ 40°C)
Storage Temperature
-4°F ~ 140°F (-20°C ~ 60°C)
Storage Humidity
10%~95% @ 40°C; non-condensing
Vibration
1 g rms/ 5~500Hz/ Random operation
Shock
15 G peak acceleration (11 msec. Duration)
EMC
CE/FCC Class A
Power Supply
DC Input
DC 12V, w/ AC power adapter w/ lock (in package)
LCD
Display type
21.5" TFT-LCD, LED
Max Resolution
1920x 1080
Max. Colors
16.7M colors (6/8-bit for R,G,B)
Luminance
250 cd/m2
Viewing Angle
170°(H)/160°(V)
Back Light
LED
Back Light MTBF (hours)
50,000
Touchscreen
Type
Projected Capacitive Multi-Touch (Window® 7)
Light Transmission
90%
ACD-521D
Multi-Touch
1.3 M Camera
LCD On/Off
Up
Down
Auto
Menu
VESA 75/100
USB
Audio out
VGA
DVI
Mini USB
Antenna
USB x 2
Smart Card Reader
Power Input


Similar Part No. - 1700251802

ManufacturerPart #DatasheetDescription
logo
Heyco.
17002 HEYCO-17002 Datasheet
108Kb / 1P
   Snap Latch Rivets
logo
AAEON Technology
1700200200 AAEON-1700200200 Datasheet
567Kb / 1P
   Wiring Kits for PCM-8200
1700200200 AAEON-1700200200 Datasheet
114Kb / 1P
   Wiring Kit for PCM-8150
1700200200 AAEON-1700200200 Datasheet
241Kb / 1P
   Wiring Kit for PCM-9150
logo
PHOENIX CONTACT
1700211 PHOENIX-1700211 Datasheet
416Kb / 11P
   PCB terminal block - FFKDSA1/H-2,54- 9
Jan 10, 2023
More results

Similar Description - 1700251802

ManufacturerPart #DatasheetDescription
logo
Vecow Co., Ltd.
MTD-4021 VECOW-MTD-4021 Datasheet
229Kb / 2P
   21.5??Multi-Touch 16:9 Full HD Projected Capacitive Display, optional IP65 Waterproof
logo
Advantech Co., Ltd.
SPC-221 ADVANTECH-SPC-221 Datasheet
467Kb / 2P
   21.5" Full HD LED LCD Stationary Multi-Touch Panel Computer
5-Jan-2021
SPC-2140WP-T3AE ADVANTECH-SPC-2140WP-T3AE Datasheet
502Kb / 2P
   21.5" Full HD TFT LED LCD stationary Multi-Touch Panel Computer
SPC-815M ADVANTECH-SPC-815M Datasheet
544Kb / 2P
   15.6" HD TFT LED LCD/21.5" Full HD TFT LED LCD Standalone Multi-Touch Industrial Monitor
24-Jun-2022
SPC-815 ADVANTECH-SPC-815 Datasheet
543Kb / 2P
   15.6" HD TFT LED LCD/21.5" Full HD TFT LED LCD Standalone Multi-Touch Panel Computer
24-Jun-2022
logo
AAEON Technology
ACD-518D AAEON-ACD-518D Datasheet
325Kb / 2P
   18.5??WXGA Infotainment Multi-Touch Display
ACD-515D AAEON-ACD-515D Datasheet
466Kb / 2P
   15.6??WXGA Infotainment Multi-Touch Display
logo
LG Semicon Co.,Ltd.
LM215WF3 LG-LM215WF3 Datasheet
597Kb / 32P
   21.5??Full HD TFT LCD
logo
AAEON Technology
ACD-521R AAEON-ACD-521R Datasheet
248Kb / 2P
   21.5??Full HD (1920 x 1080) Fanless TFT LCD Display
logo
Axiomtek Co., Ltd.
GOT3217W-881-PCT AXIOMTEK-GOT3217W-881-PCT Datasheet
483Kb / 2P
   21.5 Full HD TFT Fanless Multi-Touch Panel Computer with LGA1150 Socket 4th Generation Intel Core
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com