Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TIG065E8-TL-H Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # TIG065E8-TL-H
Description  N-Channel IGBT Light-Controlling Flash Applications
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

TIG065E8-TL-H Datasheet(HTML) 3 Page - Sanyo Semicon Device

  TIG065E8-TL-H Datasheet HTML 1Page - Sanyo Semicon Device TIG065E8-TL-H Datasheet HTML 2Page - Sanyo Semicon Device TIG065E8-TL-H Datasheet HTML 3Page - Sanyo Semicon Device TIG065E8-TL-H Datasheet HTML 4Page - Sanyo Semicon Device TIG065E8-TL-H Datasheet HTML 5Page - Sanyo Semicon Device TIG065E8-TL-H Datasheet HTML 6Page - Sanyo Semicon Device TIG065E8-TL-H Datasheet HTML 7Page - Sanyo Semicon Device TIG065E8-TL-H Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TIG065E8
No. A1862-3/8
Case Temperature, Tc -- °C
VGE(off) -- Tc
VCE -- VGE
Gate-to-Emitter Voltage, VGE -- V
Case Temperature, Tc -- °C
VCE(sat) -- Tc
VCE -- VGE
Gate-to-Emitter Voltage, VGE -- V
VCE -- VGE
Gate-to-Emitter Voltage, VGE -- V
Collector-to-Emitter Voltage, VCE -- V
Cies, Coes, Cres -- VCE
SW Time -- RG
SW Time -- ICP
Collector Current (Pulse), ICP -- A
Gate Series Resistance, RG -- Ω
IT16029
050
75
100
125
150
25
--25
--50
5
9
8
7
6
10
4
3
0
1
2
VGE=3V
, IC=150A
4
3
0
1
2
IT16026
0
1.0
0.5
10
5
9
7
6
8
2.0
1.5
2.5
3.0
4.5
3.5
4.0
5.0
130A
100A
Tc= --25°C
IC=150A
IT16030
0
50
75
100
125
150
25
--25
--50
1.0
0.6
0.5
0.9
0.8
0.7
0.4
0.3
0.2
0.1
0
016
18
20
68
412
14
10
2
100
10
7
5
10000
1000
7
5
3
2
3
2
7
5
3
2
IT16031
Cies
Coes
Cres
f=1MHz
4
3
0
1
2
IT16028
0
1.0
0.5
10
5
9
7
6
8
2.0
1.5
2.5
3.0
4.5
3.5
4.0
5.0
130A
100A
Tc=75°C
IC=150A
4
3
0
1
2
IT16027
0
1.0
0.5
10
5
9
7
6
8
2.0
1.5
2.5
3.0
4.5
3.5
4.0
5.0
130A
100A
Tc=25°C
IC=150A
2
3
57
57
3
2
100
1000
10
IT16032
3
2
7
5
7
5
3
2
1000
10000
100
3
2
7
5
7
5
3
2
1000
10000
100
tr
td(of
f)
td(on)
tf
020
40
80
60
100
140
160
120
200
180
IT16033
tr
td(off)
td(on)
tf
VGE=2.5V
, IC=100A
VCE=10V
IC=1mA
Switching test circuit Fig.1
VGE=2.5V
VCC=320V
ICP=150A
CM=100μF
PW=50μs
Switching test circuit Fig.1
VGE=2.5V
VCC=320V
RG=140Ω
CM=100μF
PW=50μs


Similar Part No. - TIG065E8-TL-H

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
TIG065E8-TL-H ONSEMI-TIG065E8-TL-H Datasheet
485Kb / 8P
   N-Channel IGBT
More results

Similar Description - TIG065E8-TL-H

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
TIG064E8 SANYO-TIG064E8 Datasheet
341Kb / 5P
   N-Channel IGBT Light-Controlling Flash Applications
TIG058E8 SANYO-TIG058E8_12 Datasheet
180Kb / 7P
   N-Channel IGBT Light-Controlling Flash Applications
TIG052TS SANYO-TIG052TS Datasheet
55Kb / 5P
   N-Channel IGBT Light-Controlling Flash Applications
TIG030TS SANYO-TIG030TS Datasheet
51Kb / 4P
   N-Channel IGBT Light-Controlling Flash Applications
TIG032TS SANYO-TIG032TS Datasheet
55Kb / 5P
   N-Channel IGBT Light-Controlling Flash Applications
TIG066SS SANYO-TIG066SS Datasheet
483Kb / 6P
   Light-Controlling Flash Applications
TIG058E8 SANYO-TIG058E8 Datasheet
338Kb / 5P
   Light-Controlling Flash Applications
TIG065E8 SANYO-TIG065E8 Datasheet
136Kb / 6P
   Light-Controlling Flash Applications
TIG062E8 SANYO-TIG062E8 Datasheet
339Kb / 5P
   Light-Controlling Flash Applications
TIG062E8_0910 SANYO-TIG062E8_0910 Datasheet
352Kb / 5P
   Light-Controlling Flash Applications
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com