Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VDS8616A8A Datasheet(PDF) 1 Page - A-Data Technology

Part # VDS8616A8A
Description  Synchronous DRAM(4M X 16 Bit X 4 Banks)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-DATA [A-Data Technology]
Direct Link  https://www.adata.com
Logo A-DATA - A-Data Technology

VDS8616A8A Datasheet(HTML) 1 Page - A-Data Technology

  VDS8616A8A Datasheet HTML 1Page - A-Data Technology VDS8616A8A Datasheet HTML 2Page - A-Data Technology VDS8616A8A Datasheet HTML 3Page - A-Data Technology VDS8616A8A Datasheet HTML 4Page - A-Data Technology VDS8616A8A Datasheet HTML 5Page - A-Data Technology VDS8616A8A Datasheet HTML 6Page - A-Data Technology VDS8616A8A Datasheet HTML 7Page - A-Data Technology VDS8616A8A Datasheet HTML 8Page - A-Data Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
V-Data
VDS8616A8A
Synchronous DRAM
4M x 16 Bit x 4 Banks
General Description
The VDS8616A8A are four-bank Synchronous
DRAMs organized as 4,194,304 words x 16 bits x 4
banks,
Synchronous design allows precise cycle control
with the use of system clock I/O transactions are
possible on every clock cycle.
Range of operating frequencies, programmable
burst length and programmable latencies allow the
same device to be useful for a variety of high
bandwidth high performance memory system
applications
Features
JEDEC standard LVTTL 3.3V power supply
MRS Cycle with address key programs
-CAS Latency (2 & 3)
-Burst Length (1,2,4,8,& full page)
-Burst Type (sequential & Interleave)
4 banks operation
All inputs are sampled at the positive edge of
the system clock
Burst Read single write operation
Auto & Self refresh
DQM for masking
8192 Refresh Cycles
Package:54-pins 400 mil TSOP-Type II
Ordering Information.
Part No.
Frequency
Interface
Package
VDS8616A8A-75
133Mhz-333
LVTTL
400mil 54pin TSOPII
VDS8616A8A-75A
133Mhz-222
LVTTL
400mil 54pin TSOPII
Pin Assignment
54
53
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
52
51
50
49
48
47
46
45
44
43
36
37
35
34
33
41
42
40
39
38
32
31
30
29
Vss
DQ7
VssQ
NC
DQ6
VDDQ
NC
DQ5
VSSQ
NC
DQ4
VDDQ
NC
VSS
NC/RFU
DQM
CK
CKE
NC
A11
A9
A8
A7
A6
A5
A4
VSS
VDD
DQ0
VDDQ
NC
DQ1
VSSQ
NC
DQ2
VDDQ
NC
DQ3
VSSQ
NC
VDD
NC
/WE
/CAS
/RAS
/CS
BA0
BA1
A10/AP
A0
A1
A2
A3
VDD
54-pin plastic TSOP II 400 mil
Rev 1.0 December, 2001
1


Similar Part No. - VDS8616A8A

ManufacturerPart #DatasheetDescription
logo
A-Data Technology
VDS8608A8A A-DATA-VDS8608A8A Datasheet
545Kb / 8P
   Synchronous DRAM(8M X 8 Bit X 4 Banks)
Rev 1.0 December, 2001
VDS8608A8A-75 A-DATA-VDS8608A8A-75 Datasheet
545Kb / 8P
   Synchronous DRAM(8M X 8 Bit X 4 Banks)
Rev 1.0 December, 2001
VDS8608A8A-75A A-DATA-VDS8608A8A-75A Datasheet
545Kb / 8P
   Synchronous DRAM(8M X 8 Bit X 4 Banks)
Rev 1.0 December, 2001
More results

Similar Description - VDS8616A8A

ManufacturerPart #DatasheetDescription
logo
A-Data Technology
ADS8616A8A A-DATA-ADS8616A8A Datasheet
550Kb / 8P
   Synchronous DRAM(4M X 16 Bit X 4 Banks)
Rev 1.0 December, 2001
logo
Elite Semiconductor Mem...
M12L2561616A ESMT-M12L2561616A_08 Datasheet
926Kb / 45P
   4M x 16 Bit x 4 Banks Synchronous DRAM
logo
AMIC Technology
A43L4616A AMICC-A43L4616A Datasheet
498Kb / 43P
   4M X 16 Bit X 4 Banks Synchronous DRAM
A43L4616 AMICC-A43L4616 Datasheet
1Mb / 10P
   4M X 16 Bit X 4 Banks Synchronous DRAM
logo
Elite Semiconductor Mem...
M12L2561616A ESMT-M12L2561616A_1 Datasheet
922Kb / 45P
   4M x 16 Bit x 4 Banks Synchronous DRAM
M12L2561616A ESMT-M12L2561616A Datasheet
890Kb / 44P
   4M x 16 Bit x 4 Banks Synchronous DRAM
logo
White Electronic Design...
WED416S16030A WEDC-WED416S16030A Datasheet
900Kb / 26P
   4M x 16 Bits x 4 Banks Synchronous DRAM
logo
A-Data Technology
ADS7608A4A A-DATA-ADS7608A4A Datasheet
696Kb / 8P
   Synchronous DRAM(4M X 8 Bit X 4 Banks)
Rev 1 April, 2001
VDS7608A4A A-DATA-VDS7608A4A Datasheet
696Kb / 8P
   Synchronous DRAM(4M X 8 Bit X 4 Banks)
Rev 1 April, 2001
logo
Hynix Semiconductor
HY57V561620B HYNIX-HY57V561620B Datasheet
165Kb / 12P
   4 Banks x 4M x 16Bit Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com