Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSM932 Datasheet(PDF) 9 Page - Touchstone Semiconductor Inc

Part # TSM932
Description  Ultra Low-Power Single/Dual-Supply Comparators with Reference
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOUCHSTONE [Touchstone Semiconductor Inc]
Direct Link  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TSM932 Datasheet(HTML) 9 Page - Touchstone Semiconductor Inc

Back Button TSM932 Datasheet HTML 5Page - Touchstone Semiconductor Inc TSM932 Datasheet HTML 6Page - Touchstone Semiconductor Inc TSM932 Datasheet HTML 7Page - Touchstone Semiconductor Inc TSM932 Datasheet HTML 8Page - Touchstone Semiconductor Inc TSM932 Datasheet HTML 9Page - Touchstone Semiconductor Inc TSM932 Datasheet HTML 10Page - Touchstone Semiconductor Inc TSM932 Datasheet HTML 11Page - Touchstone Semiconductor Inc TSM932 Datasheet HTML 12Page - Touchstone Semiconductor Inc TSM932 Datasheet HTML 13Page - Touchstone Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
TSM931-TSM934
TSM931_34DS r1p0
Page 9
RTFDS
TYPICAL PERFORMANCE CHARACTERISTICS
V+ = 5V; V- = GND; TA = +25°C, unless otherwise noted.
RESPONSE TIME - µs
0
2
0
0
Response Time For Various
Input Overdrives (Low-to-High)
-2
4
1
2
100
0
6
SINGLE-SUPPLY VOLTAGE - V
1.5
2
10
TSM934 Response Time at
Low Supply Voltages (Low-to-High)
2.5
100
1
SINGLE-SUPPLY VOLTAGE - V
10
TSM934 Source and Sink Current at
Low Supply Voltages
100
1
RESPONSE TIME - µs
Response Time For Various
Input Overdrives (High-to-Low)
10mV
20mV
50mV
±20mV OVERDRIVE
SOURCE CURRENT INTO
0.75V LOAD
TOTAL SUPPLY VOLTAGE - V
2.5
3
Short-Circuit Source Current vs
Supply Voltage
2
3.5
4
8
5
3
4
100mV
10mV
20mV
50mV
100mV
±100mV OVERDRIVE
1.5
2
2.5
80
0
120
160
40
200
OUT CONNECTED TO V-
SINK CURRENT AT
VOUT = 0.4V
10 12 14 16 18 20
0
0
1
2
100
5
3
4
0
2
-2
4
6
8 10 12 14 16 18
4.5
5
5.5
TOTAL SUPPLY VOLTAGE - V
22
16
Short-Circuit Sink Current vs
Supply Voltage
18
4
6
2
GND CONNECTED TO V-
OUT CONNECTED TO V+
8
10
20
24


Similar Part No. - TSM932

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
TSM932 SILABS-TSM932 Datasheet
1Mb / 21P
   Ultra Low-Power Single/Dual-Supply Comparators with Reference
TSM932C SILABS-TSM932C Datasheet
1Mb / 21P
   Ultra Low-Power Single/Dual-Supply Comparators with Reference
TSM932E SILABS-TSM932E Datasheet
1Mb / 21P
   Ultra Low-Power Single/Dual-Supply Comparators with Reference
More results

Similar Description - TSM932

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
TSM931 SILABS-TSM931 Datasheet
1Mb / 21P
   Ultra Low-Power Single/Dual-Supply Comparators with Reference
TSM921 SILABS-TSM921 Datasheet
1Mb / 20P
   Ultra-Low-Power, Single/Dual-Supply Comparators
logo
Maxim Integrated Produc...
MAX921 MAXIM-MAX921 Datasheet
139Kb / 16P
   Ultra Low-Power, Single/Dual-Supply Comparators
19-0115; Rev 3; 3/95
logo
Touchstone Semiconducto...
TSM921 TOUCHSTONE-TSM921 Datasheet
1Mb / 19P
   Ultra-Low-Power, Single/Dual-Supply Comparators
logo
Maxim Integrated Produc...
MAX921 MAXIM-MAX921_09 Datasheet
192Kb / 17P
   Ultra Low-Power, Single/Dual-Supply Comparators
Rev 6; 4/09
logo
Silicon Laboratories
TSM971 SILABS-TSM971 Datasheet
1Mb / 19P
   Ultra-Low-Power, Open-Drain Single/Dual-Supply Comparators
logo
Maxim Integrated Produc...
MAX971 MAXIM-MAX971 Datasheet
325Kb / 17P
   Ultra-Low-Power, Open-Drain, Single/Dual-Supply Comparators
Rev 3; 2/03
logo
Touchstone Semiconducto...
TSM971 TOUCHSTONE-TSM971 Datasheet
1Mb / 18P
   Ultra-Low-Power, Open-Drain Single/Dual-Supply Comparators
logo
Motorola, Inc
LM393 MOTOROLA-LM393 Datasheet
136Kb / 6P
   SINGLE SUPPLY, LOW POWER DUAL COMPARATORS
logo
Touchstone Semiconducto...
TS9002 TOUCHSTONE-TS9002 Datasheet
910Kb / 11P
   Low-Power Single/Dual-Supply Dual Comparator with Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com