Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FT311D-32Q1C Datasheet(PDF) 1 Page - Future Technology Devices International Ltd.

Part # FT311D-32Q1C
Description  The FT311D is a Full Speed USB host specifically targeted at providing access to peripheral hardware from an Android platform with a USB device port.
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT311D-32Q1C Datasheet(HTML) 1 Page - Future Technology Devices International Ltd.

  FT311D-32Q1C Datasheet HTML 1Page - Future Technology Devices International Ltd. FT311D-32Q1C Datasheet HTML 2Page - Future Technology Devices International Ltd. FT311D-32Q1C Datasheet HTML 3Page - Future Technology Devices International Ltd. FT311D-32Q1C Datasheet HTML 4Page - Future Technology Devices International Ltd. FT311D-32Q1C Datasheet HTML 5Page - Future Technology Devices International Ltd. FT311D-32Q1C Datasheet HTML 6Page - Future Technology Devices International Ltd. FT311D-32Q1C Datasheet HTML 7Page - Future Technology Devices International Ltd. FT311D-32Q1C Datasheet HTML 8Page - Future Technology Devices International Ltd. FT311D-32Q1C Datasheet HTML 9Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
Copyright © 2012 Future Technology Devices International Limited
1
DS_FT311D USB ANDROID HOST IC Datasheet
Version 1.0
Document No.: FT_000660 Clearance No.: FTDI# 305
Future Technology Devices
International Ltd.
FT311D
(USB Android Host IC)
The FT311D is a Full Speed USB host
specifically
targeted
at
providing
access to peripheral hardware from an
Android platform with a USB device
port. The device will bridge the USB
port to six user selectable interface
types and has the following advanced
features:
Single chip USB to selectable interface.
Entire USB protocol handled on the chip. No
USB specific firmware programming required.
Interface options selectable via 3 mode select
pins.
7 GPIO lines interface option
Basic UART interface with RXD, TXD, RTS, CTS
pins option.
TX_ACTIVE signal for controlling transceivers
on RS485 interfaces.
4 PWM channels option.
I2C master interface option.
SPI Slave interface option supporting modes 0,
1, 2 and 3 with MSB/LSB options
SPI Master interface option supporting modes
0, 1, 2 and 3 with MSB/LSB options.
USB error indicator pin
Suitable for use on any Android platform
supporting Android Open Accessory Mode
(Typically
3.1
onwards,
however
some
platforms may port Open Accessory Mode to
version 2.3.4)
12MHz oscillator using external crystal.
Integrated power-on-reset circuit.
+3V3 Single Supply Operation with 5V tolerant
inputs.
USB 2.0 Full Speed compatible.
Extended operating temperature range; -40⁰C
to 85⁰C.
Available in compact Pb-free 32 Pin LQFP and
QFN packages (both RoHS compliant).
Neither the whole nor any part of the information contained in, or the product described in this manual, may be adapted or reproduced
in any material or electronic form without the prior written consent of the copyright holder. This product and its documentation are
supplied on an as-is basis and no warranty as to their suitability for any particular purpose is either made or implied. Future Technology
Devices International Ltd will not accept any claim for damages howsoever arising as a result of use or failure of this product. Your
statutory rights are not affected. This product or any variant of it is not intended for use in any medical appliance, device or system in
which the failure of the product might reasonably be expected to result in personal injury. This document provides preliminary
information that may be subject to change without notice. No freedom to use patents or other intellectual property rights is implied by
the publication of this document. Future Technology Devices International Ltd, Unit 1, 2 Seaward Place, Centurion Business Park, Glasgow
G41 1HH United Kingdom. Scotland Registered Company Number: SC136640


Similar Part No. - FT311D-32Q1C

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
FT311D-32Q1C FTDI-FT311D-32Q1C Datasheet
1Mb / 40P
   USB Android Host IC
FT311D-32Q1C-R FTDI-FT311D-32Q1C-R Datasheet
1Mb / 40P
   USB Android Host IC
FT311D-32Q1C-x FTDI-FT311D-32Q1C-x Datasheet
1Mb / 40P
   USB Android Host IC
FT311D-32Q1C-X FTDI-FT311D-32Q1C-X Datasheet
1Mb / 40P
   USB Android Host IC
Version 1.2
More results

Similar Description - FT311D-32Q1C

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
FT311D FTDI-FT311D Datasheet
1Mb / 40P
   USB Android Host IC
Version 1.2
FT312D FTDI-FT312D Datasheet
757Kb / 27P
   The FT312D is a USB 2.0 Full Speed host IC specifically targeted at providing access to peripheral hardware from an Android platform with a USB device port.
DS_UMFT311EV FTDI-DS_UMFT311EV Datasheet
827Kb / 16P
   The FT311D Development Module is a development module which utilises the FT311D IC to develop USB accessories connecting to Android platforms via Android Open Accessory mode.
logo
Nanjing Qinheng Microel...
CH9343 WCH-CH9343 Datasheet
140Kb / 7P
   USB Android Host Chip
logo
Oxford Semiconductor
OXU121HP OXFORD-OXU121HP Datasheet
530Kb / 22P
   USB On-The-Go Full-Speed Host and High-Speed Peripheral Controller
logo
Future Technology Devic...
FT311D-32Q1C-R FTDI-FT311D-32Q1C-R Datasheet
1Mb / 40P
   USB Android Host IC
logo
Oxford Semiconductor
OXU140CM OXFORD-OXU140CM Datasheet
515Kb / 20P
   USB On-The-Go Full Speed Host, High Speed Peripheral with Multi-Storage Interface
logo
Future Technology Devic...
FT312D-32Q1C-R FTDI-FT312D-32Q1C-R Datasheet
757Kb / 27P
   USB Android Host IC
FT312D-32Q1C-T FTDI-FT312D-32Q1C-T Datasheet
757Kb / 27P
   USB Android Host IC
FT311D-32L1C-R FTDI-FT311D-32L1C-R Datasheet
1Mb / 40P
   USB Android Host IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com