Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS_FT313H Datasheet(PDF) 2 Page - Future Technology Devices International Ltd.

Part # DS_FT313H
Description  The FT313H is a Hi-Speed Universal Serial Bus (USB) Host Controller compatible with Universal Serial Bus Specification Rev 2.0 and supports data transfer speeds of up to 480M bit/s.
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

DS_FT313H Datasheet(HTML) 2 Page - Future Technology Devices International Ltd.

  DS_FT313H Datasheet HTML 1Page - Future Technology Devices International Ltd. DS_FT313H Datasheet HTML 2Page - Future Technology Devices International Ltd. DS_FT313H Datasheet HTML 3Page - Future Technology Devices International Ltd. DS_FT313H Datasheet HTML 4Page - Future Technology Devices International Ltd. DS_FT313H Datasheet HTML 5Page - Future Technology Devices International Ltd. DS_FT313H Datasheet HTML 6Page - Future Technology Devices International Ltd. DS_FT313H Datasheet HTML 7Page - Future Technology Devices International Ltd. DS_FT313H Datasheet HTML 8Page - Future Technology Devices International Ltd. DS_FT313H Datasheet HTML 9Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 64 page
background image
Copyright © 2012 Future Technology Devices International Limited
2
Document No.: FT_000589
FT313H USB2.0 HS Host Controller Datasheet Version 1.1
Clearance No.: FTDI# 318
1 Typical Applications
TV/TV box
Printer
Instrumentation
Media player
Tablet
Set-top box
1.1 Part Numbers
Part Number
Package
FT313HQ-x
64 Pin QFN
FT313HL-x
64 Pin LQFP
FT313HP-x
64 Pin TQFP
Table 1-1 FT313H Numbers
Note: Packaging codes for x is:
-R: Taped and Reel, (QFN is 3000pcs, LQFP is 1000 pcs, TQFP is 2500pcs per reel)
-T: Tray packing, (QFN is 2600pcs, LQFP is 1600 pcs, TQFP is 2500pcs per tray)
For example: FT313HQ-R is 3000 QFN pcs in taped and reel packaging
1.2 USB Compliant
At the time of writing this datasheet, the FT313H was still to complete USB compliance testing.


Similar Part No. - DS_FT313H

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
DS_FT311D FTDI-DS_FT311D Datasheet
1Mb / 40P
   The FT311D is a Full Speed USB host specifically targeted at providing access to peripheral hardware from an Android platform with a USB device port.
logo
List of Unclassifed Man...
DS_FT312D ETC1-DS_FT312D Datasheet
701Kb / 25P
   Future Technology Devices International Ltd.
logo
Future Technology Devic...
DS_FT312D FTDI-DS_FT312D Datasheet
757Kb / 27P
   Future Technology Devices International Ltd.
Nov 2013
More results

Similar Description - DS_FT313H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ISP1562 PHILIPS-ISP1562 Datasheet
442Kb / 98P
   Hi-Speed Universal Serial Bus PCI Host Controller
Rev. 01-14 July 2005
ISP1563 PHILIPS-ISP1563 Datasheet
481Kb / 107P
   Hi-Speed Universal Serial Bus PCI Host Controller
Rev. 01-14 July 2005
SAF1562 NXP-SAF1562 Datasheet
454Kb / 97P
   Hi-Speed Universal Serial Bus PCI Host Controller
Rev. 01-7 February 2007
ISP1760 PHILIPS-ISP1760 Datasheet
449Kb / 105P
   Hi-Speed Universal Serial Bus host controller for embedded applications
Rev. 01-8 November 2004
ISP1520BDGA NXP-ISP1520BDGA Datasheet
261Kb / 54P
   Hi-Speed Universal Serial Bus hub controller
Rev. 04-28 April 2006
ISP1582 PHILIPS-ISP1582 Datasheet
325Kb / 66P
   Hi-Speed Universal Serial Bus peripheral controller
Rev. 03-25 August 2004
ISP1583 PHILIPS-ISP1583 Datasheet
420Kb / 87P
   Hi-Speed Universal Serial Bus peripheral controller
Rev. 03-12 July 2004
ISP1520 PHILIPS-ISP1520 Datasheet
259Kb / 51P
   Hi-Speed Universal Serial Bus hub controller
Rev. 02-04 May 2004
ISP1521 PHILIPS-ISP1521 Datasheet
270Kb / 53P
   Hi-Speed Universal Serial Bus hub controller
Rev. 03-24 November 2004
ISP1761 PHILIPS-ISP1761 Datasheet
724Kb / 158P
   Hi-Speed Universal Serial Bus On-The-Go controller
Rev. 01-12 January 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com