Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VDS6608A4A Datasheet(PDF) 5 Page - A-Data Technology

Part # VDS6608A4A
Description  Synchronous DRAM(2M X 8 Bit X 4 Banks)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-DATA [A-Data Technology]
Direct Link  https://www.adata.com
Logo A-DATA - A-Data Technology

VDS6608A4A Datasheet(HTML) 5 Page - A-Data Technology

  VDS6608A4A Datasheet HTML 1Page - A-Data Technology VDS6608A4A Datasheet HTML 2Page - A-Data Technology VDS6608A4A Datasheet HTML 3Page - A-Data Technology VDS6608A4A Datasheet HTML 4Page - A-Data Technology VDS6608A4A Datasheet HTML 5Page - A-Data Technology VDS6608A4A Datasheet HTML 6Page - A-Data Technology VDS6608A4A Datasheet HTML 7Page - A-Data Technology VDS6608A4A Datasheet HTML 8Page - A-Data Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
V-Data
VDS6608A4A
DC Characteristics II
Speed
Parameter
Symbol
Test condition
-7.5
Unit
Note
Operating Current
IDD1
Burst length=1, One bank active
tRC≧tRC(min),IOL=0mA
75
mA
1
IDD2P
CKE≦VIL(max), tCK=min
1
Precharge standby
current in power
down mode
IDD2PS CKE≦VIL(max), tCK=∞
1
mA
IDD2N
CKE≧VIH(min), /CS≧VIH(min),
tCK=min input signals are
changed one time during 2clks.
All other pins ≧VDD-0.2V or ≦
0.2V
15
Precharge standby
current in Non power
down mode
IDD2NS
CKE≧VIH(min), tCK=∞
Input signals are stable.
6
mA
IDD3P
CKE≦VIL(max), tCK=min
3
Active standby
current in power
down mode
IDD3PS CKE≦VIL(max), tCK=∞
3
mA
IDD3N
CKE≧VIH(min), /CS≧VIH(min),
tCK=min input signals are
changed one time during 2clks.
All other pins ≧VDD-0.2V or ≦
0.2V
30
Active standby
current in Non power
down mode
IDD3NS
CKE≧VIH(min), tCK=∞
Input signals are stable.
25
mA
Burst mode
operating current
IDD4
tCK≧tCK(min),IOL=0 mA
All banks active
115
mA
1
Auto refresh current IDD5
tRRC≧tRRC(min), All banks
active
135
mA
2
Self refresh current
IDD6
CKE≦0.2V
1
mA
Note: 1. IDD1 and IDD4 depend on output loading and cycle rates. Specified values are measured with the output
open.
2. Min. of tRRC is shown at AC characteristics.
Rev 1 April, 2001
5


Similar Part No. - VDS6608A4A

ManufacturerPart #DatasheetDescription
logo
A-Data Technology
VDS6616A4A A-DATA-VDS6616A4A Datasheet
608Kb / 8P
   Synchronous DRAM(1M X 16 Bit X 4 Banks)
Rev 1.1 April, 2001
VDS6616A4A-5 A-DATA-VDS6616A4A-5 Datasheet
608Kb / 8P
   Synchronous DRAM(1M X 16 Bit X 4 Banks)
Rev 1.1 April, 2001
VDS6616A4A-6 A-DATA-VDS6616A4A-6 Datasheet
608Kb / 8P
   Synchronous DRAM(1M X 16 Bit X 4 Banks)
Rev 1.1 April, 2001
VDS6616A4A-7 A-DATA-VDS6616A4A-7 Datasheet
608Kb / 8P
   Synchronous DRAM(1M X 16 Bit X 4 Banks)
Rev 1.1 April, 2001
VDS6616A4A-75 A-DATA-VDS6616A4A-75 Datasheet
608Kb / 8P
   Synchronous DRAM(1M X 16 Bit X 4 Banks)
Rev 1.1 April, 2001
More results

Similar Description - VDS6608A4A

ManufacturerPart #DatasheetDescription
logo
A-Data Technology
ADS6608A4A A-DATA-ADS6608A4A Datasheet
522Kb / 8P
   Synchronous DRAM(2M X 8 Bit X 4 Banks)?
Rev 1 April, 2001
logo
AMIC Technology
A43L3616 AMICC-A43L3616 Datasheet
865Kb / 41P
   2M X 16 Bit X 4 Banks Synchronous DRAM
logo
Elite Semiconductor Mem...
M12L128168A ESMT-M12L128168A_06 Datasheet
786Kb / 43P
   2M x 16 Bit x 4 Banks Synchronous DRAM
logo
A-Data Technology
ADS7616A4A A-DATA-ADS7616A4A Datasheet
565Kb / 8P
   Synchronous DRAM(2M X 16 Bit X 4 Banks)
Rev 1.0 April, 2001
logo
Elite Semiconductor Mem...
M12L128168A ESMT-M12L128168A_09 Datasheet
673Kb / 45P
   2M x 16 Bit x 4 Banks Synchronous DRAM
logo
White Electronic Design...
WED48S8030E WEDC-WED48S8030E Datasheet
1Mb / 26P
   2M x 8 Bits x 4 Banks Synchronous DRAM
logo
Elite Semiconductor Mem...
M52S128168A ESMT-M52S128168A_08 Datasheet
1Mb / 47P
   2M x 16 Bit x 4 Banks Synchronous DRAM
M12L128168A ESMT-M12L128168A Datasheet
808Kb / 44P
   2M x 16 Bit x 4 Banks Synchronous DRAM
M12L128168A ESMT-M12L128168A_1 Datasheet
366Kb / 22P
   2M x 16 Bit x 4 Banks Synchronous DRAM
M52D128168A ESMT-M52D128168A_1 Datasheet
1Mb / 47P
   2M x 16 Bit x 4 Banks Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com