Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VDS6608A4A Datasheet(PDF) 1 Page - A-Data Technology

Part # VDS6608A4A
Description  Synchronous DRAM(2M X 8 Bit X 4 Banks)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-DATA [A-Data Technology]
Direct Link  https://www.adata.com
Logo A-DATA - A-Data Technology

VDS6608A4A Datasheet(HTML) 1 Page - A-Data Technology

  VDS6608A4A Datasheet HTML 1Page - A-Data Technology VDS6608A4A Datasheet HTML 2Page - A-Data Technology VDS6608A4A Datasheet HTML 3Page - A-Data Technology VDS6608A4A Datasheet HTML 4Page - A-Data Technology VDS6608A4A Datasheet HTML 5Page - A-Data Technology VDS6608A4A Datasheet HTML 6Page - A-Data Technology VDS6608A4A Datasheet HTML 7Page - A-Data Technology VDS6608A4A Datasheet HTML 8Page - A-Data Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
V-Data
VDS6608A4A
Synchronous DRAM
2M x 8 Bit x 4 Banks
General Description
The VDS6608A4A are four-bank Synchronous
DRAMs organized as 2,097,152 words x 8 bits x 4
banks.
Synchronous design allows precise cycle control
with the use of system clock I/O transactions are
possible on every clock cycle.
Range of operating frequencies, programmable
burst length and programmable latencies allow the
same device to be useful for a variety of high
bandwidth high performance memory system
applications
Features
JEDEC standard LVTTL 3.3V power supply
MRS Cycle with address key programs
-CAS Latency (2 & 3)
-Burst Length (1,2,4,8,& full page)
-Burst Type (sequential & Interleave)
4 banks operation
All inputs are sampled at the positive edge of
the system clock
Burst Read single write operation
Auto & Self refresh
4096 refresh cycle
DQM for masking
Package:54-pins 400 mil TSOP-Type II
Ordering Information.
Part No.
Frequency
Interface
Package
VDS6608A4A-75
133Mhz
LVTTL
400mil 54pin TSOPII
Pin Assignment
54
53
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
52
51
50
49
48
47
46
45
44
43
36
37
35
34
33
41
42
40
39
38
32
31
30
29
Vss
DQ7
VssQ
NC
DQ6
VDDQ
NC
DQ5
VSSQ
NC
DQ4
VDDQ
NC
VSS
NC/RFU
DQM
CK
CKE
NC
A11
A9
A8
A7
A6
A5
A4
VSS
VDD
DQ0
VDDQ
NC
DQ1
VSSQ
NC
DQ2
VDDQ
NC
DQ3
VSSQ
NC
VDD
NC
/WE
/CAS
/RAS
/CS
BA0
BA1
A10/AP
A0
A1
A2
A3
VDD
54-pin plastic TSOP II 400 mil
Rev 1 April, 2001
1


Similar Part No. - VDS6608A4A

ManufacturerPart #DatasheetDescription
logo
A-Data Technology
VDS6616A4A A-DATA-VDS6616A4A Datasheet
608Kb / 8P
   Synchronous DRAM(1M X 16 Bit X 4 Banks)
Rev 1.1 April, 2001
VDS6616A4A-5 A-DATA-VDS6616A4A-5 Datasheet
608Kb / 8P
   Synchronous DRAM(1M X 16 Bit X 4 Banks)
Rev 1.1 April, 2001
VDS6616A4A-6 A-DATA-VDS6616A4A-6 Datasheet
608Kb / 8P
   Synchronous DRAM(1M X 16 Bit X 4 Banks)
Rev 1.1 April, 2001
VDS6616A4A-7 A-DATA-VDS6616A4A-7 Datasheet
608Kb / 8P
   Synchronous DRAM(1M X 16 Bit X 4 Banks)
Rev 1.1 April, 2001
VDS6616A4A-75 A-DATA-VDS6616A4A-75 Datasheet
608Kb / 8P
   Synchronous DRAM(1M X 16 Bit X 4 Banks)
Rev 1.1 April, 2001
More results

Similar Description - VDS6608A4A

ManufacturerPart #DatasheetDescription
logo
A-Data Technology
ADS6608A4A A-DATA-ADS6608A4A Datasheet
522Kb / 8P
   Synchronous DRAM(2M X 8 Bit X 4 Banks)?
Rev 1 April, 2001
logo
AMIC Technology
A43L3616 AMICC-A43L3616 Datasheet
865Kb / 41P
   2M X 16 Bit X 4 Banks Synchronous DRAM
logo
Elite Semiconductor Mem...
M12L128168A ESMT-M12L128168A_06 Datasheet
786Kb / 43P
   2M x 16 Bit x 4 Banks Synchronous DRAM
logo
A-Data Technology
ADS7616A4A A-DATA-ADS7616A4A Datasheet
565Kb / 8P
   Synchronous DRAM(2M X 16 Bit X 4 Banks)
Rev 1.0 April, 2001
logo
Elite Semiconductor Mem...
M12L128168A ESMT-M12L128168A_09 Datasheet
673Kb / 45P
   2M x 16 Bit x 4 Banks Synchronous DRAM
logo
White Electronic Design...
WED48S8030E WEDC-WED48S8030E Datasheet
1Mb / 26P
   2M x 8 Bits x 4 Banks Synchronous DRAM
logo
Elite Semiconductor Mem...
M52S128168A ESMT-M52S128168A_08 Datasheet
1Mb / 47P
   2M x 16 Bit x 4 Banks Synchronous DRAM
M12L128168A ESMT-M12L128168A Datasheet
808Kb / 44P
   2M x 16 Bit x 4 Banks Synchronous DRAM
M12L128168A ESMT-M12L128168A_1 Datasheet
366Kb / 22P
   2M x 16 Bit x 4 Banks Synchronous DRAM
M52D128168A ESMT-M52D128168A_1 Datasheet
1Mb / 47P
   2M x 16 Bit x 4 Banks Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com