Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VDS4616A4A-5 Datasheet(PDF) 4 Page - A-Data Technology

Part # VDS4616A4A-5
Description  Synchronous DRAM(512K X 16 Bit X 2 Banks)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-DATA [A-Data Technology]
Direct Link  https://www.adata.com
Logo A-DATA - A-Data Technology

VDS4616A4A-5 Datasheet(HTML) 4 Page - A-Data Technology

  VDS4616A4A-5 Datasheet HTML 1Page - A-Data Technology VDS4616A4A-5 Datasheet HTML 2Page - A-Data Technology VDS4616A4A-5 Datasheet HTML 3Page - A-Data Technology VDS4616A4A-5 Datasheet HTML 4Page - A-Data Technology VDS4616A4A-5 Datasheet HTML 5Page - A-Data Technology VDS4616A4A-5 Datasheet HTML 6Page - A-Data Technology VDS4616A4A-5 Datasheet HTML 7Page - A-Data Technology VDS4616A4A-5 Datasheet HTML 8Page - A-Data Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
V-Data
VDS4616A4A
Capacitance
TA=25℃, f-=1Mhz, VDD=3.3V
Parameter
Pin
Symbol
Min
Max
Unit
CLK
C11
2.5
4
pF
Input capacitance
A0~A11,BA0,BA1,CKE,/CS,/RAS,
/CAS,/WE,DQM
C12
2.5
5
pF
Data input / output capacitance DQM
CI/O
4
6.5
pF
Output load circuit
1.4 V
50 ohms
Output
30 pF
Z= 50 ohms
DC Characteristics I
Parameter
Symbol
Min
Max
Unit
Note
Input leakage current
ILI
-5
5
uA
1
Output leakage current
ILO
-5
5
uA
2
Output high voltage
VOH
2.4
-
V
IOH = -2mA
Output low voltage
VOL
-
0.4
V
IOL = 2mA
Note : 1.VIN = 0 TO 3.6V, All other pins are not tested under VIN = 0V.
2.DOUT is disabled, VOUT = 0 to 3.6.
Rev 1 December, 2001
4


Similar Part No. - VDS4616A4A-5

ManufacturerPart #DatasheetDescription
logo
Level One
VDS-0110 LVL1-VDS-0110 Datasheet
1Mb / 3P
   Ethernet over VDSL2 Converter (Sender)
VDS-0111 LVL1-VDS-0111 Datasheet
1Mb / 3P
   Ethernet over VDSL2 Converter (Receiver)
VDS-0120 LVL1-VDS-0120 Datasheet
1Mb / 3P
   Ethernet Over VDSL2 Converter (PSE)
VDS-0130 LVL1-VDS-0130 Datasheet
1Mb / 3P
   Ethernet Over VDSL2 Converter (PD)
VDS-0200 LVL1-VDS-0200 Datasheet
1Mb / 3P
   Ethernet over VDSL2 Converter (AnnexA)
More results

Similar Description - VDS4616A4A-5

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY57V161610D HYNIX-HY57V161610D Datasheet
73Kb / 13P
   2 Banks x 512K x 16 Bit Synchronous DRAM
logo
A-Data Technology
ADS4616A4A A-DATA-ADS4616A4A Datasheet
530Kb / 8P
   Synchronous DRAM(512K X 16 Bit X 2 Banks)
Rev 1 December, 2001
logo
AMIC Technology
A43L0616B AMICC-A43L0616B Datasheet
585Kb / 48P
   512K X 16 Bit X 2 Banks Synchronous DRAM
A43L0616B AMICC-A43L0616B Datasheet
1Mb / 45P
   512K X 16 Bit X 2 Banks Synchronous DRAM
A43L0616A AMICC-A43L0616A Datasheet
1,011Kb / 45P
   512K X 16 Bit X 2 Banks Synchronous DRAM
logo
Hynix Semiconductor
HY67V161610D HYNIX-HY67V161610D Datasheet
75Kb / 11P
   2 Banks x 512K x 16 Bit Synchronous DRAM
logo
AMIC Technology
A43E06161 AMICC-A43E06161 Datasheet
1Mb / 46P
   512K X 16 Bit X 2 Banks Synchronous DRAM
logo
Hynix Semiconductor
HY57V161610ET-I HYNIX-HY57V161610ET-I Datasheet
482Kb / 13P
   2 Banks x 512K x 16 Bit Synchronous DRAM
HY57V161610D-I HYNIX-HY57V161610D-I Datasheet
574Kb / 11P
   2 Banks x 512K x 16 Bit Synchronous DRAM
HY57V161610ETP-I HYNIX-HY57V161610ETP-I Datasheet
215Kb / 13P
   2 Banks x 512K x 16 Bit Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com