Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS8616A8A-75A Datasheet(PDF) 2 Page - A-Data Technology

Part # ADS8616A8A-75A
Description  Synchronous DRAM(4M X 16 Bit X 4 Banks)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-DATA [A-Data Technology]
Direct Link  https://www.adata.com
Logo A-DATA - A-Data Technology

ADS8616A8A-75A Datasheet(HTML) 2 Page - A-Data Technology

  ADS8616A8A-75A Datasheet HTML 1Page - A-Data Technology ADS8616A8A-75A Datasheet HTML 2Page - A-Data Technology ADS8616A8A-75A Datasheet HTML 3Page - A-Data Technology ADS8616A8A-75A Datasheet HTML 4Page - A-Data Technology ADS8616A8A-75A Datasheet HTML 5Page - A-Data Technology ADS8616A8A-75A Datasheet HTML 6Page - A-Data Technology ADS8616A8A-75A Datasheet HTML 7Page - A-Data Technology ADS8616A8A-75A Datasheet HTML 8Page - A-Data Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
A-Data
ADS8616A8A
Pin Description
PIN
NAME
FUNCTION
CK
System Clock
Active on the positive edge to sample all inputs.
CKE
Clock Enable
Masks system clock to freeze operation from the next clock cycle. CKE
should be enabled at least on cycle prior new command. Disable input
buffers for power down in standby
/CS
Chip Select
Disables or Enables device operation by masking or enabling all input
except CK, CKE and L(U)DQM
A0~A12
Address
Row / Column address are multiplexed on the same pins.
Row address : A0~A12
Column address : A0~A8
BS0~BS1 Banks Select
Selects bank to be activated during row address latch time.
Selects bank for read / write during column address latch time.
DQ0~DQ16 Data
Data inputs / outputs are multiplexed on the same pins.
/RAS
Row Address Strobe
Latches row addresses on the positive edge of the CLK with /RAS low
/CAS
Column Address Strobe
Latches Column addresses on the positive edge of the CLK with /CAS low
/WE
Write Enable
Enables write operation and row recharge.
VDD/VSS Power Supply/Ground
Power and Ground for the input buffers and the core logic.
VDDQ/VSSQ Data Output Power/Ground
Power supply for output buffers.
NC
No Connection
This pin is recommended to be left No Connection on the device.
Block Diagram
CK
CKE
Clock
Generator
Address
/CS
/RAS
/CAS
/WE
DQM
Mode
Register
Address
 Buffer
     &
Refresh 
Counter
Column
Address
 Buffer
     &
Refresh 
Counter
Bank0
Bank2
Bank3
Bank1
Amplifier
Column Decoder
Data Control Circuit
DQ0~DQn
DQS
Rev 1.0 December, 2001
2


Similar Part No. - ADS8616A8A-75A

ManufacturerPart #DatasheetDescription
logo
A-Data Technology
ADS8608A8A A-DATA-ADS8608A8A Datasheet
533Kb / 8P
   Synchronous DRAM(8M X 8 Bit X 4 Banks)
Rev 1.0 December, 2001
ADS8608A8A-75 A-DATA-ADS8608A8A-75 Datasheet
533Kb / 8P
   Synchronous DRAM(8M X 8 Bit X 4 Banks)
Rev 1.0 December, 2001
ADS8608A8A-75A A-DATA-ADS8608A8A-75A Datasheet
533Kb / 8P
   Synchronous DRAM(8M X 8 Bit X 4 Banks)
Rev 1.0 December, 2001
logo
Texas Instruments
ADS8634 TI1-ADS8634 Datasheet
1Mb / 75P
[Old version datasheet]   12-Bit, 1MSPS, 4-/8-Channel, Bipolar-Input, SAR Analog-to-Digital Converter
ADS8634SRGER TI1-ADS8634SRGER Datasheet
1Mb / 75P
[Old version datasheet]   12-Bit, 1MSPS, 4-/8-Channel, Bipolar-Input, SAR Analog-to-Digital Converter
More results

Similar Description - ADS8616A8A-75A

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M12L2561616A ESMT-M12L2561616A_08 Datasheet
926Kb / 45P
   4M x 16 Bit x 4 Banks Synchronous DRAM
logo
AMIC Technology
A43L4616A AMICC-A43L4616A Datasheet
498Kb / 43P
   4M X 16 Bit X 4 Banks Synchronous DRAM
A43L4616 AMICC-A43L4616 Datasheet
1Mb / 10P
   4M X 16 Bit X 4 Banks Synchronous DRAM
logo
A-Data Technology
VDS8616A8A A-DATA-VDS8616A8A Datasheet
538Kb / 8P
   Synchronous DRAM(4M X 16 Bit X 4 Banks)
Rev 1.0 December, 2001
logo
Elite Semiconductor Mem...
M12L2561616A ESMT-M12L2561616A_1 Datasheet
922Kb / 45P
   4M x 16 Bit x 4 Banks Synchronous DRAM
M12L2561616A ESMT-M12L2561616A Datasheet
890Kb / 44P
   4M x 16 Bit x 4 Banks Synchronous DRAM
logo
White Electronic Design...
WED416S16030A WEDC-WED416S16030A Datasheet
900Kb / 26P
   4M x 16 Bits x 4 Banks Synchronous DRAM
logo
A-Data Technology
ADS7608A4A A-DATA-ADS7608A4A Datasheet
696Kb / 8P
   Synchronous DRAM(4M X 8 Bit X 4 Banks)
Rev 1 April, 2001
VDS7608A4A A-DATA-VDS7608A4A Datasheet
696Kb / 8P
   Synchronous DRAM(4M X 8 Bit X 4 Banks)
Rev 1 April, 2001
logo
Hynix Semiconductor
HY57V561620B HYNIX-HY57V561620B Datasheet
165Kb / 12P
   4 Banks x 4M x 16Bit Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com