Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFH484 Datasheet(PDF) 5 Page - OSRAM GmbH

Part # SFH484
Description  GaAlAs-IR-Lumineszenzdioden (880 nm)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH484 Datasheet(HTML) 5 Page - OSRAM GmbH

  SFH484_10 Datasheet HTML 1Page - OSRAM GmbH SFH484_10 Datasheet HTML 2Page - OSRAM GmbH SFH484_10 Datasheet HTML 3Page - OSRAM GmbH SFH484_10 Datasheet HTML 4Page - OSRAM GmbH SFH484_10 Datasheet HTML 5Page - OSRAM GmbH SFH484_10 Datasheet HTML 6Page - OSRAM GmbH SFH484_10 Datasheet HTML 7Page - OSRAM GmbH SFH484_10 Datasheet HTML 8Page - OSRAM GmbH SFH484_10 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
SFH 484, SFH 485
2010-11-29
5
Radiation Characteristics, SFH 484
Ι
rel = f (ϕ)
Radiation Characteristics SFH 485
Ι
rel = f (ϕ)
OHR01891
020
40
60
80
100
120
0.4
0.6
0.8
1.0
100
90
80
70
60
50
0
10
20
30
40
0
0.2
0.4
0.6
0.8
1.0
ϕ
OHR01892
020
40
60
80
100
120
0.4
0.6
0.8
1.0
100
90
80
70
60
50
0
10
20
30
40
0
0.2
0.4
0.6
0.8
1.0
ϕ


Similar Part No. - SFH484_10

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH484-1 SIEMENS-SFH484-1 Datasheet
84Kb / 2P
   GaAlAs INFRARED EMITTER
SFH484-1 SIEMENS-SFH484-1 Datasheet
48Kb / 5P
   GaAIAs-IR-Lumineszenzdioden 880 nm GaAIAs Infrared Emitters 880 nm
More results

Similar Description - SFH484_10

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH480 SIEMENS-SFH480 Datasheet
66Kb / 7P
   GaAlAs-IR-Lumineszenzdioden 880 nm GaAlAs Infrared Emitters 880 nm
logo
OSRAM GmbH
SFH4580 OSRAM-SFH4580_12 Datasheet
159Kb / 9P
   GaAlAs-IR-Lumineszenzdioden (880 nm) in SMR짰 Geh채use
logo
Siemens Semiconductor G...
SFH4580 SIEMENS-SFH4580 Datasheet
60Kb / 6P
   GaAIAs-IR-Lumineszenzdioden 880 nm GaAIAs Infrared Emitters 880 nm
SFH484 SIEMENS-SFH484 Datasheet
48Kb / 5P
   GaAIAs-IR-Lumineszenzdioden 880 nm GaAIAs Infrared Emitters 880 nm
logo
OSRAM GmbH
SFH486 OSRAM-SFH486 Datasheet
143Kb / 8P
   GaAlAs-IR-Lumineszenzdiode (880 nm)
SFH-4580 OSRAM-SFH-4580 Datasheet
84Kb / 7P
   GaAlAs-IR-Lumineszenzdioden
SFH-484 OSRAM-SFH-484 Datasheet
81Kb / 8P
   GaAlAs-IR-Lumineszenzdioden
SFH7221 OSRAM-SFH7221 Datasheet
84Kb / 8P
   GaAlAs-IR-Lumineszenzdiode (880 nm) und Si-Fototransistor
SFH7221 OSRAM-SFH7221_12 Datasheet
164Kb / 10P
   GaAlAs-IR-Lumineszenzdiode (880 nm) und Si-Fototransistor
logo
OSA Opto Light GmbH
SFH7221-Z OSA-SFH7221-Z Datasheet
85Kb / 8P
   GaAlAs-IR-Lumineszenzdiode (880 nm) und Si-Fototransistor GaAlAs-Infrared-Emitter (880 nm) and Si-Phototransistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com