Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LCWJNSH.PC-BRBT-5H7I-1 Datasheet(PDF) 7 Page - OSRAM GmbH

Part # LCWJNSH.PC-BRBT-5H7I-1
Description  Vorl채ufige Daten / Preliminary Data
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCWJNSH.PC-BRBT-5H7I-1 Datasheet(HTML) 7 Page - OSRAM GmbH

Back Button LCWJNSH.PC-BRBT-5H7I-1 Datasheet HTML 3Page - OSRAM GmbH LCWJNSH.PC-BRBT-5H7I-1 Datasheet HTML 4Page - OSRAM GmbH LCWJNSH.PC-BRBT-5H7I-1 Datasheet HTML 5Page - OSRAM GmbH LCWJNSH.PC-BRBT-5H7I-1 Datasheet HTML 6Page - OSRAM GmbH LCWJNSH.PC-BRBT-5H7I-1 Datasheet HTML 7Page - OSRAM GmbH LCWJNSH.PC-BRBT-5H7I-1 Datasheet HTML 8Page - OSRAM GmbH LCWJNSH.PC-BRBT-5H7I-1 Datasheet HTML 9Page - OSRAM GmbH LCWJNSH.PC-BRBT-5H7I-1 Datasheet HTML 10Page - OSRAM GmbH LCWJNSH.PC-BRBT-5H7I-1 Datasheet HTML 11Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
LCW JNSH.PC
2011-06-09
7
Farbtemperatur 3500 K
Color temperature 3500 K
Gruppe
Group
Cx
Cy
Gruppe
Group
Cx
Cy
Gruppe
Group
Cx
Cy
5O
0.389
0.369
5P
0.398
0.373
5Q
0.406
0.377
0.392
0.377
0.401
0.381
0.410
0.386
0.401
0.381
0.410
0.386
0.419
0.390
0.398
0.373
0.406
0.377
0.415
0.381
6O
0.392
0.377
6P
0.401
0.381
6Q
0.410
0.386
0.394
0.385
0.404
0.390
0.413
0.394
0.404
0.390
0.413
0.394
0.422
0.399
0.401
0.381
0.410
0.386
0.419
0.390
7O
0.394
0.385
7P
0.404
0.390
7Q
0.413
0.394
0.397
0.393
0.407
0.398
0.416
0.403
0.407
0.398
0.416
0.403
0.426
0.408
0.404
0.390
0.413
0.394
0.422
0.399
8O
0.397
0.393
8P
0.407
0.398
8Q
0.416
0.403
0.400
0.401
0.410
0.406
0.420
0.412
0.410
0.408
0.420
0.412
0.430
0.417
0.407
0.398
0416
0.403
0.426
0.408
Farbtemperatur 4000 K
Color temperature 4000 K
Gruppe
Group
Cx
Cy
Gruppe
Group
Cx
Cy
Gruppe
Group
Cx
Cy
5L
0.367
0.358
5M
0.375
0.362
5N
0.382
0.367
0.369
0.368
0.377
0.373
0.385
0.376
0.377
0.373
0.385
0.378
0.393
0.383
0.375
0.362
0.382
0.367
0.390
0.372
6L
0.369
0.368
6M
0.377
0.373
6N
0.385
0.378
0.371
0.378
0.380
0.383
0.388
0.388
0.380
0.383
0.388
0.388
0.397
0.393
0.377
0.373
0.385
0.376
0.393
0.383
7L
0.371
0.378
7M
0.380
0.383
7N
0.388
0.388
0.374
0.387
0.383
0.393
0.392
0.399
0.383
0.393
0.392
0.399
0.401
0.404
0.380
0.383
0.388
0.388
0.397
0.393


Similar Part No. - LCWJNSH.PC-BRBT-5H7I-1

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LCWJNSH.PC-BRBT-5H7I-1 OSRAM-LCWJNSH.PC-BRBT-5H7I-1 Datasheet
2Mb / 20P
   Vorl채ufige Daten / Preliminary Data
More results

Similar Description - LCWJNSH.PC-BRBT-5H7I-1

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LCWJNSH.PC-BRBT-5H7I-1 OSRAM-LCWJNSH.PC-BRBT-5H7I-1 Datasheet
2Mb / 20P
   Vorl채ufige Daten / Preliminary Data
logo
Infineon Technologies A...
FF6MR12W2M1B70 INFINEON-FF6MR12W2M1B70 Datasheet
536Kb / 8P
   Vorl채ufige Daten / Preliminary Data
datasheet V2.0 2020-05-11
logo
OSRAM GmbH
LUWJNSH.EC-BRBT-5C8E-1 OSRAM-LUWJNSH.EC-BRBT-5C8E-1 Datasheet
2Mb / 18P
   Vorl채ufige Daten / Preliminary Data
logo
Infineon Technologies A...
FF11MR12W1M1B70 INFINEON-FF11MR12W1M1B70 Datasheet
514Kb / 8P
   Vorl채ufige Daten / Preliminary Data
datasheet V2.0 2020-05-11
logo
List of Unclassifed Man...
LWW5SG ETC1-LWW5SG Datasheet
178Kb / 15P
   Vorlaufige Daten Preliminary Data
logo
eupec GmbH
BSM35GB120DLC EUPEC-BSM35GB120DLC Datasheet
87Kb / 8P
   vorlafige Daten preliminary data
logo
OSRAM GmbH
LSGF971 OSRAM-LSGF971 Datasheet
63Kb / 7P
   Vorlaufige Daten / Preliminary Data
LGY870 OSRAM-LGY870 Datasheet
132Kb / 13P
   Vorlaufige Daten / Preliminary Data
logo
List of Unclassifed Man...
LBW5SG ETC1-LBW5SG Datasheet
200Kb / 14P
   Vorlaufige Daten Preliminary Data
logo
OSRAM GmbH
LWV283 OSRAM-LWV283 Datasheet
521Kb / 15P
   White Hyper-Bright LED Vorlaufige Daten / Preliminary Data
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com