Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS8608A8A Datasheet(PDF) 6 Page - A-Data Technology

Part # ADS8608A8A
Description  Synchronous DRAM(8M X 8 Bit X 4 Banks)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-DATA [A-Data Technology]
Direct Link  https://www.adata.com
Logo A-DATA - A-Data Technology

ADS8608A8A Datasheet(HTML) 6 Page - A-Data Technology

  ADS8608A8A Datasheet HTML 1Page - A-Data Technology ADS8608A8A Datasheet HTML 2Page - A-Data Technology ADS8608A8A Datasheet HTML 3Page - A-Data Technology ADS8608A8A Datasheet HTML 4Page - A-Data Technology ADS8608A8A Datasheet HTML 5Page - A-Data Technology ADS8608A8A Datasheet HTML 6Page - A-Data Technology ADS8608A8A Datasheet HTML 7Page - A-Data Technology ADS8608A8A Datasheet HTML 8Page - A-Data Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
A-Data
ADS8608A8A
AC Characteristics
Speed
75
75A
Parameter
Symbol
Min
Max
Min
Max
Unit
Note
/CAS Latency = 2
tCK2
7.5
1000
10
10
System clock
Cycle time
/CAS Latency = 3
tCK3
7
1000
7.5
7
ns
Clock high pulse width
tCHW
2.5
2.5
ns
1
Clock low pulse width
tCLW
2.5
2.5
ns
1
/CAS Latency = 2
tAC2
5.4
Access time form
clock
/CAS Latency = 3
tAC3
5.4
ns
2
/CAS Latency = 2
tWR2
7.5
10
7.5
Write Recovery
Time
/CAS Latency = 3
tWR3
7
7.5
/RAS cycle time
tRC
56
65
ns
/RAS to /CAS delay
tRCD
15
20
ns
/RAS active time
tRAS
40
100K
45
100K
ns
/RAS precharge time
tRP
15
20
ns
/RAS to /RAS bank active delay
tRRD
15
15
ns
/CAS to /CAS delay
tCCD
1
1
CLK
Data – input setup time
tDS
1.5
1.5
ns
1
Data – input hold time
tDH
0.8
0.8
ns
1
Address setup time
tAS
1.5
1.5
ns
1
Address hold time
tAH
0.8
0.8
ns
1
CKE setup time
tCKS
1.5
1.5
ns
1
CKE hold time
tCKH
0.8
0.8
ns
1
Command setup time
tCMS
1.5
1.5
ns
1
Command hold time
tCMH
0.8
0.8
ns
1
Output Data Hold Time
tOH
3
3
ns
Output Data High Impedance Time
tHZ
3
7
3
7.5
ns
Output Data Low Impedance Time
tLZ
0
0
ns
Mode register Set Cycle Time
tRSC
14
15
ns
Refresh time
tREF
64
64
ms
Note : 1. Assume tR / tF (input rise and fall time) is 1 ns.
2. Access times to be measured with input signals of 1v / ns edge rate.
3.A new command can be given tRRC after self refresh exit.
Rev 1.0 December, 2001
6


Similar Part No. - ADS8608A8A

ManufacturerPart #DatasheetDescription
logo
A-Data Technology
ADS8616A8A A-DATA-ADS8616A8A Datasheet
550Kb / 8P
   Synchronous DRAM(4M X 16 Bit X 4 Banks)
Rev 1.0 December, 2001
ADS8616A8A-75 A-DATA-ADS8616A8A-75 Datasheet
550Kb / 8P
   Synchronous DRAM(4M X 16 Bit X 4 Banks)
Rev 1.0 December, 2001
ADS8616A8A-75A A-DATA-ADS8616A8A-75A Datasheet
550Kb / 8P
   Synchronous DRAM(4M X 16 Bit X 4 Banks)
Rev 1.0 December, 2001
logo
Texas Instruments
ADS8634 TI1-ADS8634 Datasheet
1Mb / 75P
[Old version datasheet]   12-Bit, 1MSPS, 4-/8-Channel, Bipolar-Input, SAR Analog-to-Digital Converter
ADS8634SRGER TI1-ADS8634SRGER Datasheet
1Mb / 75P
[Old version datasheet]   12-Bit, 1MSPS, 4-/8-Channel, Bipolar-Input, SAR Analog-to-Digital Converter
More results

Similar Description - ADS8608A8A

ManufacturerPart #DatasheetDescription
logo
A-Data Technology
VDS8608A8A A-DATA-VDS8608A8A Datasheet
545Kb / 8P
   Synchronous DRAM(8M X 8 Bit X 4 Banks)
Rev 1.0 December, 2001
logo
Hynix Semiconductor
HY57V121620 HYNIX-HY57V121620 Datasheet
160Kb / 12P
   4 Banks x 8M x 16Bit Synchronous DRAM
logo
Samsung semiconductor
KM44S32030 SAMSUNG-KM44S32030 Datasheet
116Kb / 10P
   8M x 4Bit x 4 Banks Synchronous DRAM
logo
Hynix Semiconductor
HY57V56820B HYNIX-HY57V56820B Datasheet
151Kb / 12P
   4 Banks x 8M x 8Bit Synchronous DRAM
logo
Elite Semiconductor Mem...
M52D5121632A ESMT-M52D5121632A Datasheet
1Mb / 46P
   8M x 16 Bit x 4 Banks Mobile Synchronous DRAM
logo
Hynix Semiconductor
HY5756820C HYNIX-HY5756820C Datasheet
86Kb / 12P
   4 Banks x 8M x 8Bit Synchronous DRAM
logo
A-Data Technology
ADS6608A4A A-DATA-ADS6608A4A Datasheet
522Kb / 8P
   Synchronous DRAM(2M X 8 Bit X 4 Banks)?
Rev 1 April, 2001
ADS7608A4A A-DATA-ADS7608A4A Datasheet
696Kb / 8P
   Synchronous DRAM(4M X 8 Bit X 4 Banks)
Rev 1 April, 2001
VDS6608A4A A-DATA-VDS6608A4A Datasheet
521Kb / 8P
   Synchronous DRAM(2M X 8 Bit X 4 Banks)
VDS7608A4A A-DATA-VDS7608A4A Datasheet
696Kb / 8P
   Synchronous DRAM(4M X 8 Bit X 4 Banks)
Rev 1 April, 2001
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com