Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV47009P Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LV47009P
Description  For Car Audio Systems 4-Channel BTL Power Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV47009P Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LV47009P_12 Datasheet HTML 1Page - Sanyo Semicon Device LV47009P_12 Datasheet HTML 2Page - Sanyo Semicon Device LV47009P_12 Datasheet HTML 3Page - Sanyo Semicon Device LV47009P_12 Datasheet HTML 4Page - Sanyo Semicon Device LV47009P_12 Datasheet HTML 5Page - Sanyo Semicon Device LV47009P_12 Datasheet HTML 6Page - Sanyo Semicon Device LV47009P_12 Datasheet HTML 7Page - Sanyo Semicon Device LV47009P_12 Datasheet HTML 8Page - Sanyo Semicon Device LV47009P_12 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
LV47009P
No.A1959-3/11
Package Dimensions
unit : mm (typ)
3236A
Block Diagram
SANYO : HZIP25
2.0
29.2
25.6
(22.8)
(2.6)
(1.0)
0.52
(R1.7)
0.4
4.5
4.2
4.0
(8.5)
( 2.5)
125
2.0
+
-
+
-
OUT 1+
VCC3/4
VCC1/2
Tab
VCC
OUT 1-
PWR GND1
RL
Protective
circuit
Mute
circuit
Stand by
Switch
PWR GND2
PWR GND3
PWR GND4
PRE GND
11
9
7
8
12
1
6
20
+
2
22
13
+
AC GND
16
25
RL
RL
RL
+
-
+
-
OUT 2+
OUT 2-
Mute
5V
CLIP
DIAG
5
3
+
-
+
-
OUT 3+
OUT 3-
15
17
19
18
IN 4
14
STBY
24
Protective
circuit
4
-
++
-
OUT 4+
OUT 4-
21
23
Low Level
Mute ON
+5V
ST ON
Ripple
Filter
DC
10
+
IN 3
IN 2
IN 1
C1
C2
C6
C5
C3
C4
C8
C7
R2
R1
C9
Pd max -- Ta
-40
-20
0
20
40
60
80
100
120
140
160
0
10
20
30
40
50
60
70
Ambient temperature, Ta --
°C


Similar Part No. - LV47009P_12

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV47009P SANYO-LV47009P Datasheet
283Kb / 11P
   For Car Audio Systems 4-Channel BTL Power Amplifier
logo
ON Semiconductor
LV47009P ONSEMI-LV47009P Datasheet
177Kb / 11P
   4-Channel BTL Power Amplifier
May, 2013
More results

Similar Description - LV47009P_12

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV47011P SANYO-LV47011P Datasheet
267Kb / 10P
   For Car Audio Systems 4-Channel BTL Power Amplifier
LV47004P SANYO-LV47004P_12 Datasheet
308Kb / 11P
   For Car Audio Systems 4-Channel BTL Power Amplifier
logo
ON Semiconductor
LV47022P ONSEMI-LV47022P Datasheet
284Kb / 12P
   4-Channel BTL Power Amplifier for Car Audio Systems
May, 2013
logo
Sanyo Semicon Device
LV47017P SANYO-LV47017P Datasheet
278Kb / 11P
   For Car Audio Systems 4-Channel BTL Power Amplifier
LV47004P SANYO-LV47004P Datasheet
290Kb / 11P
   For Car Audio Systems 4-Channel BTL Power Amplifier
LV47009P SANYO-LV47009P Datasheet
283Kb / 11P
   For Car Audio Systems 4-Channel BTL Power Amplifier
logo
ON Semiconductor
LV47004P-E ONSEMI-LV47004P-E Datasheet
180Kb / 11P
   4-Channel BTL Power Amplifier for Car Audio Systems
May, 2013
logo
Sanyo Semicon Device
LV47022P SANYO-LV47022P Datasheet
404Kb / 12P
   Monolithic Linear IC For Car Audio Systems 4-Channel BTL Power Amplifier
LA47202P SANYO-LA47202P Datasheet
103Kb / 8P
   Monolithic Linear IC Four-Channel BTL Power Amplifier for Car Audio Systems
LA47516 SANYO-LA47516 Datasheet
118Kb / 7P
   Four-Channel 50W BTL Power Amplifier for Car Stereo Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com