Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV3327PV Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part # LV3327PV
Description  Electronic Volume IC
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV3327PV Datasheet(HTML) 6 Page - Sanyo Semicon Device

Back Button LV3327PV Datasheet HTML 2Page - Sanyo Semicon Device LV3327PV Datasheet HTML 3Page - Sanyo Semicon Device LV3327PV Datasheet HTML 4Page - Sanyo Semicon Device LV3327PV Datasheet HTML 5Page - Sanyo Semicon Device LV3327PV Datasheet HTML 6Page - Sanyo Semicon Device LV3327PV Datasheet HTML 7Page - Sanyo Semicon Device LV3327PV Datasheet HTML 8Page - Sanyo Semicon Device LV3327PV Datasheet HTML 9Page - Sanyo Semicon Device LV3327PV Datasheet HTML 10Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
LV3327PV
No.A1879-6/11
Volume control :10.0dB to -18.0dB (DATA_5, DATA_6)
D7
D6
D5
D4
D3
D2
D1
D0
DATA_5:Lch side
DATA_6:Rch side
0
0
1
1
0
1
1
1
10.0dB
1
0
1
1
0
1
1
1
9.5dB
0
1
1
1
0
1
1
1
9.0dB
1
1
1
1
0
1
1
1
8.5dB
0
0
0
0
1
1
1
1
8.0dB
1
0
0
0
1
1
1
1
7.5dB
0
1
0
0
1
1
1
1
7.0dB
1
1
0
0
1
1
1
1
6.5dB
0
0
1
0
1
1
1
1
6.0dB
1
0
1
0
1
1
1
1
5.5dB
0
1
1
0
1
1
1
1
5.0dB
1
1
1
0
1
1
1
1
4.5dB
0
0
0
1
1
1
1
1
4.0dB
1
0
0
1
1
1
1
1
3.5dB
0
1
0
1
1
1
1
1
3.0dB
1
1
0
1
1
1
1
1
2.5dB
0
0
1
1
1
1
1
1
2.0dB
1
0
1
1
1
1
1
1
1.5dB
0
1
1
1
1
1
1
1
1.0dB
1
1
1
1
1
1
1
1
0.5dB
0
0
0
0
0
0
0
0
0dB
1
0
0
0
0
0
0
0
-0.5dB
0
1
0
0
0
0
0
0
-1.0dB
1
1
0
0
0
0
0
0
-1.5dB
0
0
1
0
0
0
0
0
-2.0dB
1
0
1
0
0
0
0
0
-2.5dB
0
1
1
0
0
0
0
0
-3.0dB
1
1
1
0
0
0
0
0
-3.5dB
0
0
0
1
0
0
0
0
-4.0dB
1
0
0
1
0
0
0
0
-4.5dB
0
1
0
1
0
0
0
0
-5.0dB
1
1
0
1
0
0
0
0
-5.5dB
0
0
1
1
0
0
0
0
-6.0dB
1
0
1
1
0
0
0
0
-6.5dB
0
1
1
1
0
0
0
0
-7.0dB
1
1
1
1
0
0
0
0
-7.5dB
0
0
0
0
1
0
0
0
-8.0dB
1
0
0
0
1
0
0
0
-8.5dB
0
1
0
0
1
0
0
0
-9.0dB
1
1
0
0
1
0
0
0
-9.5dB
0
0
1
0
1
0
0
0
-10.0dB
1
0
1
0
1
0
0
0
-10.5dB
0
1
1
0
1
0
0
0
-11.0dB
1
1
1
0
1
0
0
0
-11.5dB
0
0
0
1
1
0
0
0
-12.0dB
1
0
0
1
1
0
0
0
-12.5dB
0
1
0
1
1
0
0
0
-13.0dB
1
1
0
1
1
0
0
0
-13.5dB
0
0
1
1
1
0
0
0
-14.0dB
1
0
1
1
1
0
0
0
-14.5dB
0
1
1
1
1
0
0
0
-15.0dB
1
1
1
1
1
0
0
0
-15.5dB
0
0
0
0
0
1
0
0
-16.0dB
1
0
0
0
0
1
0
0
-16.5dB
0
1
0
0
0
1
0
0
-17.0dB
1
1
0
0
0
1
0
0
-17.5dB
0
0
1
0
0
1
0
0
-18.0dB


Similar Part No. - LV3327PV

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV3327PV SANYO-LV3327PV Datasheet
224Kb / 11P
   Electronic Volume IC
logo
ON Semiconductor
LV3327PV ONSEMI-LV3327PV Datasheet
167Kb / 11P
   Electronic Volume IC
June, 2013
More results

Similar Description - LV3327PV

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LV3319PM ONSEMI-LV3319PM Datasheet
281Kb / 26P
   Electronic Volume IC
June, 2013
logo
Sanyo Semicon Device
LV3327PV SANYO-LV3327PV Datasheet
224Kb / 11P
   Electronic Volume IC
logo
ON Semiconductor
LV3327PV ONSEMI-LV3327PV Datasheet
167Kb / 11P
   Electronic Volume IC
June, 2013
logo
Princeton Technology Co...
PT2257 PTC-PT2257_08 Datasheet
296Kb / 16P
   Electronic Volume Controller IC
logo
Toshiba Semiconductor
TC9210P TOSHIBA-TC9210P Datasheet
325Kb / 9P
   ELECTRONIC VOLUME CONTROL IC
logo
Princeton Technology Co...
PT2254A PTC-PT2254A Datasheet
117Kb / 7P
   Electronic Volume Controller IC???
PT2256 PTC-PT2256 Datasheet
70Kb / 4P
   Electronic Volume Controller IC??????
PT2256 PTC-PT2256_07 Datasheet
394Kb / 21P
   Electronic Volume Controller IC
PT2257 PTC-PT2257_07 Datasheet
352Kb / 20P
   Electronic Volume Controller IC
PT2253B PTC-PT2253B Datasheet
130Kb / 7P
   Electronic Volume Controller IC?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com