Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS6616A4A-6 Datasheet(PDF) 5 Page - A-Data Technology

Part # ADS6616A4A-6
Description  Synchronous DRAM(1M X 16 Bit X 4 Banks)???
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-DATA [A-Data Technology]
Direct Link  https://www.adata.com
Logo A-DATA - A-Data Technology

ADS6616A4A-6 Datasheet(HTML) 5 Page - A-Data Technology

  ADS6616A4A-6 Datasheet HTML 1Page - A-Data Technology ADS6616A4A-6 Datasheet HTML 2Page - A-Data Technology ADS6616A4A-6 Datasheet HTML 3Page - A-Data Technology ADS6616A4A-6 Datasheet HTML 4Page - A-Data Technology ADS6616A4A-6 Datasheet HTML 5Page - A-Data Technology ADS6616A4A-6 Datasheet HTML 6Page - A-Data Technology ADS6616A4A-6 Datasheet HTML 7Page - A-Data Technology ADS6616A4A-6 Datasheet HTML 8Page - A-Data Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
A-Data
ADS6616A4A
DC Characteristics II
Speed
Parameter
Symbol
Test condition
-5
-6
-7
-7.5
Unit
Note
Operating Current
IDD1
Burst length=1, One bank active
tRC≧tRC(min),IOL=0mA
105
90
80
80
mA
1
IDD2P
CKE≦VIL(max), tCK=min
1
Precharge standby
current in power
down mode
IDD2PS CKE≦VIL(max), tCK=∞
1
mA
IDD2N
CKE≧VIH(min), /CS≧VIH(min),
tCK=min input signals are
changed one time during 2clks.
All other pins ≧VDD-0.2V or ≦
0.2V
35
Precharge standby
current in Non power
down mode
IDD2NS
CKE≧VIH(min), tCK=∞
Input signals are stable.
8
mA
IDD3P
CKE≦VIL(max), tCK=min
5
Active standby
current in power
down mode
IDD3PS CKE≦VIL(max), tCK=∞
5
mA
IDD3N
CKE≧VIH(min), /CS≧VIH(min),
tCK=min input signals are
changed one time during 2clks.
All other pins ≧VDD-0.2V or ≦
0.2V
30
Active standby
current in Non power
down mode
IDD3NS
CKE≧VIH(min), tCK=∞
Input signals are stable.
20
mA
Burst mode operating
current
IDD4
tCK≧tCK(min),IOL=0 mA
All banks active
185
165
145
145
mA
1
Auto refresh current
IDD5
tRRC≧tRRC(min), All banks
active
120
mA
2
Self refresh current
IDD6
CKE≦0.2V
1
mA
Note: 1. IDD1 and IDD4 depend on output loading and cycle rates. Specified values are measured with the output
open.
2. Min. of tRRC is shown at AC characteristics.
Rev 1.1 April, 2001
5


Similar Part No. - ADS6616A4A-6

ManufacturerPart #DatasheetDescription
logo
A-Data Technology
ADS6608A4A A-DATA-ADS6608A4A Datasheet
522Kb / 8P
   Synchronous DRAM(2M X 8 Bit X 4 Banks)?
Rev 1 April, 2001
ADS6608A4A-75 A-DATA-ADS6608A4A-75 Datasheet
522Kb / 8P
   Synchronous DRAM(2M X 8 Bit X 4 Banks)?
Rev 1 April, 2001
ADS6632A4A A-DATA-ADS6632A4A Datasheet
648Kb / 8P
   Synchronous DRAM(512K X 32 Bit X 4 Banks)???
Rev 1.0 April, 2001
ADS6632A4A-5 A-DATA-ADS6632A4A-5 Datasheet
648Kb / 8P
   Synchronous DRAM(512K X 32 Bit X 4 Banks)???
Rev 1.0 April, 2001
ADS6632A4A-5.5 A-DATA-ADS6632A4A-5.5 Datasheet
648Kb / 8P
   Synchronous DRAM(512K X 32 Bit X 4 Banks)???
Rev 1.0 April, 2001
More results

Similar Description - ADS6616A4A-6

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M52S128168A ESMT-M52S128168A Datasheet
1Mb / 47P
   1M x 16 Bit x 4 Banks Synchronous DRAM
M12S64164A ESMT-M12S64164A Datasheet
1Mb / 45P
   1M x 16 Bit x 4 Banks Synchronous DRAM
M12L64164A ESMT-M12L64164A_07 Datasheet
814Kb / 45P
   1M x 16 Bit x 4 Banks Synchronous DRAM
logo
A-Data Technology
VDS6616A4A A-DATA-VDS6616A4A Datasheet
608Kb / 8P
   Synchronous DRAM(1M X 16 Bit X 4 Banks)
Rev 1.1 April, 2001
logo
AMIC Technology
A43L2616A AMICC-A43L2616A Datasheet
1Mb / 42P
   1M X 16 Bit X 4 Banks Synchronous DRAM
logo
Elite Semiconductor Mem...
M12L64164A ESMT-M12L64164A_09 Datasheet
1Mb / 45P
   1M x 16 Bit x 4 Banks Synchronous DRAM
M12L64164A ESMT-M12L64164A_1 Datasheet
818Kb / 44P
   1M x 16 Bit x 4 Banks Synchronous DRAM
logo
AMIC Technology
A43L2616B AMICC-A43L2616B Datasheet
502Kb / 42P
   1M X 16 Bit X 4 Banks Synchronous DRAM
logo
Elite Semiconductor Mem...
M52L64164A ESMT-M52L64164A Datasheet
1Mb / 47P
   1M x 16 Bit x 4 Banks Synchronous DRAM
M12L64164A_0712 ESMT-M12L64164A_0712 Datasheet
826Kb / 45P
   1M x 16 Bit x 4 Banks Synchronous DRAM
M52S64164A ESMT-M52S64164A Datasheet
1Mb / 47P
   1M x 16 Bit x 4 Banks Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com