Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QS0057 Datasheet(PDF) 3 Page - Zilog, Inc.

Part # QS0057
Description  Z16F Series Flash Microcontroller A 16-bit Single-Cycle CISC MCU Solution
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

QS0057 Datasheet(HTML) 3 Page - Zilog, Inc.

  QS0057 Datasheet HTML 1Page - Zilog, Inc. QS0057 Datasheet HTML 2Page - Zilog, Inc. QS0057 Datasheet HTML 3Page - Zilog, Inc. QS0057 Datasheet HTML 4Page - Zilog, Inc. QS0057 Datasheet HTML 5Page - Zilog, Inc. QS0057 Datasheet HTML 6Page - Zilog, Inc. QS0057 Datasheet HTML 7Page - Zilog, Inc. QS0057 Datasheet HTML 8Page - Zilog, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ZNEO® Z16F sEriEs Flash miCrOCONTrOllEr
high-pErFOrmaNCE 16-BiT Flash sOluTiON
ZNEO Z16F Flash Controller Detailed Feature Set (continued...)
flexible timers
The ZNEO Z16F Series contains three 16-bit reloadable timers used for timing, event counting, or generation
of Pulse Width Modulator (PWM) signals. The timers include the following features:
• 3-Phase, 12-bit PWM with 6 outputs
• 3, 16-bit timers with 8 Modes
• Watchdog timer with RC Oscillator
4
-channel dma controller
The four DMA channels are used to transfer data from memory to memory, memory to peripherals, peripherals
to memory, or peripherals to peripherals. The features of DMA controller include:
• Four independent DMA channels
• Supports Internal and External Memory
• Direct and Linked List Modes
• Round-Robin Channel Priority
• Byte, word, or quad operation, up to 64K transfers (64 KByte, 64 KWord or 64 KQuad)
• Shared bandwidth ZNEO Core
flexible interrupt control
The ZNEO Z16F Series includes offers interrupt control flexibility including:
• 8 External Rising or Falling Edge
• 4 External Dual Edge
• Vectored or Polled Interrupts
• 24 Interrupts with 3 Programmable Priority Levels
internal precision oscillator
The ZNEO Z16F incorporates a fully integrated Internal Precision Oscillator (IPO) that eliminates the need for
external components. With nominal untrimmed accuracy of ±30%., and the ability to manually trim the oscillator
to achieve a ±4% frequency accuracy over the operating temperature and supply voltage range of the device,
the ZNEO Z16F provides a best-in-class IPO feature set, including:
• On-chip RC oscillator which does not require external components
• Nominal ±30% accuracy without trim or manually trim the oscillator to achieve a ± 4%
• Typical output frequency of 5.5296 MHz or 32 kHz
• Trimming possible through Flash option bits with user override
• Eliminates crystals/ceramic resonators in applications where high timing accuracy is not required
single
-pin on-chip debug
All of Zilog’s embedded Flash devices offer a uniquely integrated On-Chip Debugger (OCD) that provides the
following advanced features:
• Only 1 pin, frees up other pins
• Unlimited Software Breakpoints
• 4 Hardware Breakpoints
• In-Circuit Flash Programming
• Instruction Execution Trace
pB019206-0907
3
key hardware features
flexible timers
dma controller
interrupt control
ipo
single-pin debug
16-BiT EmBEddEd Flash sOluTiONs


Similar Part No. - QS0057

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
QS0057 ZILOG-QS0057 Datasheet
310Kb / 8P
   Z16F Series Flash Microcontroller A 16-bit Single-Cycle CISC MCU Solution
QS0057 ZILOG-QS0057 Datasheet
310Kb / 8P
   Z16F Series Flash Microcontroller A 16-bit Single-Cycle CISC MCU Solution
QS0057 ZILOG-QS0057 Datasheet
310Kb / 8P
   Z16F Series Flash Microcontroller A 16-bit Single-Cycle CISC MCU Solution
QS0057 ZILOG-QS0057 Datasheet
310Kb / 8P
   Z16F Series Flash Microcontroller A 16-bit Single-Cycle CISC MCU Solution
QS0057 ZILOG-QS0057 Datasheet
310Kb / 8P
   Z16F Series Flash Microcontroller A 16-bit Single-Cycle CISC MCU Solution
More results

Similar Description - QS0057

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z16F2810FI20AG ZILOG-Z16F2810FI20AG Datasheet
310Kb / 8P
   Z16F Series Flash Microcontroller A 16-bit Single-Cycle CISC MCU Solution
Z16F2810VH20EG ZILOG-Z16F2810VH20EG Datasheet
310Kb / 8P
   Z16F Series Flash Microcontroller A 16-bit Single-Cycle CISC MCU Solution
Z16F6411AL20EG ZILOG-Z16F6411AL20EG Datasheet
310Kb / 8P
   Z16F Series Flash Microcontroller A 16-bit Single-Cycle CISC MCU Solution
Z16F2811FI20EG ZILOG-Z16F2811FI20EG Datasheet
310Kb / 8P
   Z16F Series Flash Microcontroller A 16-bit Single-Cycle CISC MCU Solution
Z16F2811AL20EG ZILOG-Z16F2811AL20EG Datasheet
310Kb / 8P
   Z16F Series Flash Microcontroller A 16-bit Single-Cycle CISC MCU Solution
Z16F3211FI20SG ZILOG-Z16F3211FI20SG Datasheet
310Kb / 8P
   Z16F Series Flash Microcontroller A 16-bit Single-Cycle CISC MCU Solution
Z16F3211FI20AG ZILOG-Z16F3211FI20AG Datasheet
310Kb / 8P
   Z16F Series Flash Microcontroller A 16-bit Single-Cycle CISC MCU Solution
Z16F6411FI20EG ZILOG-Z16F6411FI20EG Datasheet
310Kb / 8P
   Z16F Series Flash Microcontroller A 16-bit Single-Cycle CISC MCU Solution
Z16F3211AL20SG ZILOG-Z16F3211AL20SG Datasheet
310Kb / 8P
   Z16F Series Flash Microcontroller A 16-bit Single-Cycle CISC MCU Solution
Z16F2811FI20AG ZILOG-Z16F2811FI20AG Datasheet
310Kb / 8P
   Z16F Series Flash Microcontroller A 16-bit Single-Cycle CISC MCU Solution
Z16F6411AL20AG ZILOG-Z16F6411AL20AG Datasheet
310Kb / 8P
   Z16F Series Flash Microcontroller A 16-bit Single-Cycle CISC MCU Solution
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com