Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC72717PW Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LC72717PW
Description  Mobile FM Multiplex Broadcast (DARC) Receiver IC
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC72717PW Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LC72717PW Datasheet HTML 1Page - Sanyo Semicon Device LC72717PW Datasheet HTML 2Page - Sanyo Semicon Device LC72717PW Datasheet HTML 3Page - Sanyo Semicon Device LC72717PW Datasheet HTML 4Page - Sanyo Semicon Device LC72717PW Datasheet HTML 5Page - Sanyo Semicon Device LC72717PW Datasheet HTML 6Page - Sanyo Semicon Device LC72717PW Datasheet HTML 7Page - Sanyo Semicon Device LC72717PW Datasheet HTML 8Page - Sanyo Semicon Device LC72717PW Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
LC72717PW
No.A2064-3/26
Electrical Characteristics at Ta = -40
C to +85C, VDD = 2.7V to 3.6V, VSS = 0V
Parameter
Symbol
Pin Name
Type
Conditions
Ratings
unit
min
typ
max
Input high-level current
IIH1
A0/CL, A1/CE, A2/DI, RST, STNBY
Schmitt
1.0
A
IIH2
IOCNT1, IOCNT2, DACK
D0, D1, D2, D3, D4, D5, D6, D7
WR, RD, A3, CS
Schmitt
1.0
A
IIH3
SP, BUSWD, TIN, TPC1, TPC2,
TOSEL1, TOSEL2
1.0
A
Input low-level current
IIL1
A0/CL, A1/CE, A2/DI, RST, STNBY
Schmitt
-1.0
A
IIL2
IOCNT1, IOCNT2, DACK
D0, D1, D2, D3, D4, D5, D6, D7
WR, RD, A3, CS
Schmitt
-1.0
A
IIL3
SP, BUSWD, TIN, TPC1, TPC2,
TOSEL1, TOSEL2
-1.0
A
Output high-level voltage
VOH1
CLK16, DATA, FLOCK, BLOCK,
FCK, BCK, CRC4
CMOS
IOH=-1mA
VDD-0.4
V
VOH2
DREQ, RDY, D0, D1, D2, D3, D4,
D5, D6, D7, D8, D9, D10, D11, D12,
D13, D14, D15, INT
CMOS
IOH=-2mA
VDD-0.4
V
Output low-level voltage
VOL1
CLK16, DATA, FLOCK, BLOCK,
FCK, BCK, CRC4
CMOS
IOL=1mA
0.4
V
VOL2
DREQ, RDY, D0, D1, D2, D3, D4,
D5, D6, D7, D8, D9, D10, D11, D12,
D13, D14, D15, INT
CMOS
IOL=2mA
0.4
V
VOL3
DO
Nch-Open
Drain
IOL=2mA
0.4
V
Output leakage current
IOFF
DO
VO=VDD
1.0
A
Hysteresis voltage
VHYS
A0/CL, A1/CE, A2/DI, RST,
STNBY, IOCNT1, IOCNT2, DACK
D0, D1, D2, D3, D4, D5, D6, D7
WR, RD, A3, CS
0.1VDD
V
Internal feedback
resistance
RF
XIN, XOUT
1.0
M
Current drain
IDD
6
12
mA
Bandpass Filter Characteristics at Ta = 25
C, VDD = 2.7V to 3.6V, VSS = 0V
Parameter
Symbol
Conditions
Ratings
unit
min
typ
max
Input resistance
RMPX
MPXIN-Vssa, f=100kHz
50
k
Reference supply voltage output
VREF
Vref, Vdda=3V
1.5
V
BPF center frequency
FC
FLOUT
76.0
kHz
-3dB band width
FBW
FLOUT
19.0
kHz
Group-delay in band width
DGD
FLOUT
7.5
s
Gain
Gain
FLOUT-MPXIN, f=76kHz
20
dB
Attenuation characteristic
ATT1
FLOUT, f=50kHz
25
dB
ATT2
FLOUT, f=100kHz
15
dB
ATT3
FLOUT, f=30kHz
50
dB
ATT4
FLOUT, f=150kHz
50
dB


Similar Part No. - LC72717PW

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC72717PW ONSEMI-LC72717PW Datasheet
254Kb / 27P
   Mobile FM Multiplex Broadcast Receiver IC
March, 2014
LC72717PW ONSEMI-LC72717PW Datasheet
324Kb / 27P
   Mobile FM Multiplex Broadcast Receiver IC
June 2017 - Rev. 3
LC72717PW-H ONSEMI-LC72717PW-H Datasheet
254Kb / 27P
   Mobile FM Multiplex Broadcast Receiver IC
March, 2014
LC72717PW-H ONSEMI-LC72717PW-H Datasheet
324Kb / 27P
   Mobile FM Multiplex Broadcast Receiver IC
June 2017 - Rev. 3
LC72717PW-NH ONSEMI-LC72717PW-NH Datasheet
254Kb / 27P
   Mobile FM Multiplex Broadcast Receiver IC
March, 2014
More results

Similar Description - LC72717PW

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC72711W SANYO-LC72711W Datasheet
155Kb / 29P
   Mobile FM Multiplex Broadcast DARC Receiver IC
LC72711W SANYO-LC72711W_12 Datasheet
163Kb / 26P
   Mobile FM Multiplex Broadcast (DARC) Receiver IC
logo
ON Semiconductor
LC72717PW ONSEMI-LC72717PW Datasheet
254Kb / 27P
   Mobile FM Multiplex Broadcast Receiver IC
March, 2014
LC72717PW ONSEMI-LC72717PW_17 Datasheet
324Kb / 27P
   Mobile FM Multiplex Broadcast Receiver IC
June 2017 - Rev. 3
logo
Sanyo Semicon Device
LC72710W SANYO-LC72710W Datasheet
168Kb / 33P
   Mobile FM Multiplex Broadcast DARC Receiver IC with On-Chip VICS Decoder
LC72700E SANYO-LC72700E Datasheet
200Kb / 14P
   Mobile FM Multiplex Broadcast Receiver LSI
LC72708E SANYO-LC72708E Datasheet
159Kb / 15P
   FM Multiplex Broadcast Reception IC for Mobile VICS Systems
LC72714W SANYO-LC72714W Datasheet
232Kb / 29P
   Mobile FM Multiplex Broadcast IC with On-Chip VICS Decoder
LC72715PW SANYO-LC72715PW Datasheet
173Kb / 26P
   CMOS IC Mobile FM Multiplex Broadcast IC with On-Chip VICS Decoder
logo
Toshiba Semiconductor
TC90A60U TOSHIBA-TC90A60U Datasheet
1Mb / 33P
   DATA SLICE IC FOR VIDEO MULTIPLEX BROADCAST RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com