Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC72131KMA Datasheet(PDF) 7 Page - Sanyo Semicon Device

Part # LC72131KMA
Description  PLL Frequency Synthesizer
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC72131KMA Datasheet(HTML) 7 Page - Sanyo Semicon Device

Back Button LC72131KMA Datasheet HTML 3Page - Sanyo Semicon Device LC72131KMA Datasheet HTML 4Page - Sanyo Semicon Device LC72131KMA Datasheet HTML 5Page - Sanyo Semicon Device LC72131KMA Datasheet HTML 6Page - Sanyo Semicon Device LC72131KMA Datasheet HTML 7Page - Sanyo Semicon Device LC72131KMA Datasheet HTML 8Page - Sanyo Semicon Device LC72131KMA Datasheet HTML 9Page - Sanyo Semicon Device LC72131KMA Datasheet HTML 10Page - Sanyo Semicon Device LC72131KMA Datasheet HTML 11Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
LC72131K, LC72131KMA
No.A0788-7/22
Pin Functions
Symbol
Pin No.
Type
Functions
Circuit configuration
LC72131K
LC72131KMA
XIN
XOUT
1
22
1
20
X'tal OSC
Crystal resonator connection
(4.5MHz/7.2MHz)
FMIN
16
14
Local
oscillator
signal input
FMIN is selected when the serial data input DVS bit is set to 1.
The input frequency range is from 10 to 160MHz.
The input signal passes through the internal divide-by-two
prescaler and is input to the swallow counter.
The divisor can be in the range 272 to 65535. However,
since the signal has passed through the divide-by-two
prescaler, the actual divisor is twice the set value.
AMIN
15
13
Local
oscillator
signal input
AMIN is selected when the serial data input DVS bit is set to 0.
When the serial data input SNS bit is set to 1:
 The input frequency range is 2 to 40MHz.
 The signal is directly input to the swallow counter.
 The divisor can be in the range 272 to 65535, and the divisor
used will be the value set.
When the serial data input SNS bit is set to 0:
 The input frequency range is 0.5 to 10MHz.
 The signal is directly input to a 12-bit programmable divider.
 The divisor can be in the range 4 to 4095, and the divisor
used will be the value set.
CE
3
2
Chip enable
Set this pin high when inputting (DI) or outputting (DO) serial
data.
DI
4
3
Input data
Inputs serial data transferred from the controller to the
LC72131K/KMA.
CL
5
4
Clock
Used as the synchronization clock when inputting (DI) or
outputting (DO) serial data.
DO
6
5
Output data
Outputs serial data transferred from the LC72131K/KMA to the
controller.
The content of the output data is determined by the serial data
DOC0 to DOC2.
VDD
17
15
Power supply
The LC72131K/KMA power supply pin (VDD=4.5 to 5.5V)
The power on reset circuit operates when power is first applied.
-
VSS
21
19
Ground
The LC72131K/KMA ground
-
BO1
BO2
BO3
BO4
7
8
9
10
6
7
8
9
Output port
Dedicated output pins
The output states are determined by BO1 to BO4 bits in
the serial data.
Data: 0=open, 1=low
A time base signal (8Hz) can be output from the BO1 pin.
(When the serial data TBC bit is set to 1.)
Care is required when using the BO1 pin, since it has a higher on
impedance that the other output ports (pins BO2 to BO4).
IO1
IO2
11
13
10
12
I/O port
I/O dual-use pins
The direction (input or output) is determined by bits IOC1 and
IOC2 in the serial data.
Data: 0=input port, 1=output port
When specified for use as input ports:
The state of the input pin is transmitted to the controller over
the DO pin.
Input state: low=0 data value
high=1 data value
When specified for use as output ports:
The output states are determined by the IO1 and IO2 bits in
the serial data.
Data: 0=open, 1=low
These pins function as input pins following a power on reset.
Continued on next page.
S
S
S
S


Similar Part No. - LC72131KMA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC72131KMA ONSEMI-LC72131KMA Datasheet
228Kb / 22P
   PLL Frequency Synthesizer
June, 2013
LC72131KMA-AE ONSEMI-LC72131KMA-AE Datasheet
228Kb / 22P
   PLL Frequency Synthesizer
June, 2013
More results

Similar Description - LC72131KMA

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB31206FN TOSHIBA-TB31206FN Datasheet
602Kb / 15P
   PLL FREQUENCY SYNTHESIZER
logo
Analog Devices
ADF4107 AD-ADF4107_15 Datasheet
470Kb / 20P
   PLL Frequency Synthesizer
REV. D
ADF4108 AD-ADF4108 Datasheet
445Kb / 20P
   PLL Frequency Synthesizer
REV. 0
ADF4107BCPZ AD-ADF4107BCPZ Datasheet
470Kb / 20P
   PLL Frequency Synthesizer
Rev. D
EVAL-ADF4108EBZ1 AD-EVAL-ADF4108EBZ1 Datasheet
404Kb / 20P
   PLL Frequency Synthesizer
REV. B
ADF4106 AD-ADF4106_15 Datasheet
361Kb / 24P
   PLL Frequency Synthesizer
Rev. E
logo
Sanyo Semicon Device
LC72131K SANYO-LC72131K Datasheet
206Kb / 22P
   PLL Frequency Synthesizer
logo
Analog Devices
ADF4108S AD-ADF4108S Datasheet
791Kb / 21P
   PLL Frequency Synthesizer
REV. A
logo
Infineon Technologies A...
PMB2304R INFINEON-PMB2304R Datasheet
1Mb / 33P
   PLL-FREQUENCY SYNTHESIZER
Version 2.1 June 2002
logo
LANSDALE Semiconductor ...
ML145106 LANSDALE-ML145106_08 Datasheet
151Kb / 8P
   PLL Frequency Synthesizer
logo
Analog Devices
ADF4106 AD-ADF4106 Datasheet
228Kb / 20P
   PLL Frequency Synthesizer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com