Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA4815VH Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LA4815VH
Description  Monaural Power Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA4815VH Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LA4815VH_12 Datasheet HTML 1Page - Sanyo Semicon Device LA4815VH_12 Datasheet HTML 2Page - Sanyo Semicon Device LA4815VH_12 Datasheet HTML 3Page - Sanyo Semicon Device LA4815VH_12 Datasheet HTML 4Page - Sanyo Semicon Device LA4815VH_12 Datasheet HTML 5Page - Sanyo Semicon Device LA4815VH_12 Datasheet HTML 6Page - Sanyo Semicon Device LA4815VH_12 Datasheet HTML 7Page - Sanyo Semicon Device LA4815VH_12 Datasheet HTML 8Page - Sanyo Semicon Device LA4815VH_12 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
's products or
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment. The products mentioned herein
shall not be intended for use for any "special application" (medical equipment whose purpose is to sustain life,
aerospace instrument, nuclear control device, burning appliances, transportation machine, traffic signal system,
safety equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives
in case of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any
guarantee thereof. If you should intend to use our products for new introduction or other application different
from current conditions on the usage of automotive device, communication device, office equipment, industrial
equipment etc. , please consult with us about usage condition (temperature, operation time etc.) prior to the
intended use. If there is no consultation or inquiry before the intended use, our customer shall be solely
responsible for the use.
D0512NK 20090226-S00009 /31109 MS / D1008 MS PC No.A1374-1/15
LA4815VH
Overview
The LA4815VH incorporates a 1-channel power amplifier with a wide operating supply voltage range built into a
surface-mounted package. This IC also has a mute function and requires only a few external components, making it
suitable for low-cost set design.
Applications
Intercoms, door phones, transceivers, radios, toys, home appliances with voice guidance, etc.
Features
• Built-in 1-channel power amplifier
Output power 1 = 1.84W typ. (VCC = 12V, RL = 8Ω, THD = 10%)
Output power 2 = 1.55W typ. (VCC = 9V, RL = 4Ω, THD = 10%)
Output power 3 = 0.36W typ. (VCC = 6V, RL = 8Ω, THD = 10%)
Output power 4 = 0.23W typ. (VCC = 5V, RL = 8Ω, THD = 10%)
• Mute function
• Selectable voltage gain : 2 types
26dB/40dB
* Gain values between 26 and 40dB can also be set by adding external components (two resistors).
• Only a few external components
4 components/total
• Wide supply voltage range
4 to 16V
Monolithic Linear IC
Monaural Power Amplifier
Ordering number : ENA1374B


Similar Part No. - LA4815VH_12

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4815VH SANYO-LA4815VH Datasheet
159Kb / 15P
   Monaural Power Amplifier
logo
ON Semiconductor
LA4815VH ONSEMI-LA4815VH Datasheet
264Kb / 15P
   Monaural Power Amplifier
May, 2013
More results

Similar Description - LA4815VH_12

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4815M SANYO-LA4815M Datasheet
153Kb / 14P
   Monaural Power Amplifier
LA4815VH SANYO-LA4815VH Datasheet
159Kb / 15P
   Monaural Power Amplifier
logo
ON Semiconductor
LA4815VH ONSEMI-LA4815VH Datasheet
264Kb / 15P
   Monaural Power Amplifier
May, 2013
logo
Sanyo Semicon Device
LA4815M SANYO-LA4815M_10 Datasheet
258Kb / 14P
   Monaural Power Amplifier
LV4991M SANYO-LV4991M Datasheet
173Kb / 11P
   Monaural BTL Power Amplifier
LA42031-E SANYO-LA42031-E Datasheet
89Kb / 7P
   5W Monaural Power Amplifier
logo
Sony Corporation
CXA1622M SONY-CXA1622M Datasheet
215Kb / 13P
   Stereo Power Amplifier/Monaural BTL Power Amplifier
logo
New Japan Radio
NJM2166 NJRC-NJM2166 Datasheet
94Kb / 8P
   MONAURAL AUDIO POWER AMPLIFIER IC
logo
Sanyo Semicon Device
LA4267 SANYO-LA4267 Datasheet
70Kb / 6P
   5 W Monaural Power Amplifier
LA4268 SANYO-LA4268 Datasheet
69Kb / 6P
   10 W Monaural Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com