Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MM4148 Datasheet(PDF) 1 Page - WILLAS ELECTRONIC CORP

Part # MM4148
Description  Mini Melf Switching diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLAS [WILLAS ELECTRONIC CORP]
Direct Link  http://www.willas.com.tw
Logo WILLAS - WILLAS ELECTRONIC CORP

MM4148 Datasheet(HTML) 1 Page - WILLAS ELECTRONIC CORP

  MM4148 Datasheet HTML 1Page - WILLAS ELECTRONIC CORP MM4148 Datasheet HTML 2Page - WILLAS ELECTRONIC CORP MM4148 Datasheet HTML 3Page - WILLAS ELECTRONIC CORP  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
D Electrical data identical with the devices
1N4148 and 1N4448 respectively
Weight:0.03g
Applications
Extreme fast switches
Absolute Maximum Ratings
Tj = 25_C
Parameter
Test Conditions
Type
Symbol
Value
Unit
Repetitive peak reverse voltage
VRRM
100
V
Reverse voltage
VR
75
V
Peak forward surge current
tp=1ms
IFSM
2
A
Repetitive peak forward current
IFRM
500
mA
Forward current
IF
300
mA
Average forward current
VR=0
IFAV
150
mA
Power dissipation
PV
500
mW
Operating junction
temperature
Tj
-65~
175
°C
Storage temperature range
Tstg
-65~175
°C
Maximum Thermal Resistance
Tj = 25_C
Parameter
Test Conditions
Symbol
Value
Unit
Junction ambient
on PC board 50mmx50mmx1.6mm
RthJA
500
K/W
D
2012-10
WILLAS ELEECTRONIC CORP.
WILLAS
MM4148,MM4448
Mini Melf Switching diode
SCS501V
VOLTAGE 40V
0.1AMP Schottky Barrier Rectifiers
FEATURES
* Extremely Low VF
* Extremely thin package
* Low stored charge
* Majority carrier conduction
* Case:Molded plastic, JEDEC SOD-323(SC-76)
* Terminal : Solder plated, solderable per MIL-STD-750,
Method 2026
* Polarity : Indicated by cathode band
* Mounting Position : Any
* Weight : 0.000159 ounce, 0.0045 gram
MAXIMUM RATING AND ELECTRICAL CHARACTERISTICS
Rating 25
oC ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive of inductive load.
For capacitive load, derate current by 20%
Symbol
Min.
Typ.
Max.
Unit
VRM
45
V
VR
40
V
I F = 10mA DC
F1
V
V
VR = 10V DC
IR
0.55
0.34
µ A
IO
30
A
A
TJ
oC
TSTG
oC
1
Continuous Reverse Voltage
Parameter
Forward Voltage
IFSM
Operating Temperature
Mean Rectifying Current
Conditions
Repetitive Peak Reverse Voltage
Storage Temperature
Reverse Current
V
F2
V
I F = 100mA DC
0.1
125
Peak forward surge current
Capacitance between terminals
CT
6.0
pF
-40
SOD-323(SC-76)
Marking Code: JV or 4
.010 (0.25)
min.
.012 (0.3)
.059 (1.5)
Cathode Band
Top View
.043 (1.1)
Dimensions in inches
and (millimeters)
+125
MECHANICAL DATA
Pb Free Product
2004.12


Similar Part No. - MM4148

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
MM4148 RECTRON-MM4148 Datasheet
22Kb / 1P
   1N4148 mini-MELF SIGNAL DIODE
logo
Jinan Gude Electronic D...
MM4148 JGD-MM4148 Datasheet
213Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
logo
Shanghai Sunrise Electr...
MM4148 SSE-MM4148 Datasheet
15Kb / 1P
   SURFACE MOUNT SWITCHING DIODE
logo
Formosa MS
MM4148 FORMOSA-MM4148 Datasheet
110Kb / 3P
   High-speed switching diode
logo
PACELEADER INDUSTRIAL
MM4148 PACELEADER-MM4148 Datasheet
572Kb / 2P
   SURFACE MOUNT SWITCHING DIODES
More results

Similar Description - MM4148

ManufacturerPart #DatasheetDescription
logo
WILLAS ELECTRONIC CORP
MM4148 WILLAS-MM4148 Datasheet
374Kb / 3P
   Mini Melf Switching diode
logo
Rectron Semiconductor
MM4448 RECTRON-MM4448 Datasheet
37Kb / 1P
   mini- MELF SIGNAL DIODE
logo
Formosa MS
LL4148 FORMOSA-LL4148 Datasheet
72Kb / 2P
   MINI-MELF Switching Diode - Silicon epitaxial planar type
logo
Frontier Electronics.
ZMM5221B FRONTIER-ZMM5221B Datasheet
119Kb / 2P
   500mW MINI MELF ZENER DIODE
ZMM55-C2V4-LFR FRONTIER-ZMM55-C2V4-LFR Datasheet
118Kb / 2P
   500mW MINI MELF ZENER DIODE
ZMM5221B-LFR FRONTIER-ZMM5221B-LFR Datasheet
119Kb / 2P
   500mW MINI MELF ZENER DIODE
logo
Microsemi Corporation
1N4148UR-1 MICROSEMI-1N4148UR-1 Datasheet
63Kb / 1P
   MINI-MELF-SMD Silicon Diode
1N4150UR-1 MICROSEMI-1N4150UR-1 Datasheet
84Kb / 1P
   MINI-MELF-SMD Silicon Diode
logo
WILLAS ELECTRONIC CORP
MM4150 WILLAS-MM4150 Datasheet
479Kb / 1P
   1N4150 mini-MELF SIGNAL DIODE
logo
Rectron Semiconductor
MCL4148 RECTRON-MCL4148 Datasheet
65Kb / 1P
   Micro MELF SWITCHING Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com