Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM1MA141WK Datasheet(PDF) 3 Page - WILLAS ELECTRONIC CORP

Part # LM1MA141WK
Description  Common Cathode Silicon Dual Switching Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLAS [WILLAS ELECTRONIC CORP]
Direct Link  http://www.willas.com.tw
Logo WILLAS - WILLAS ELECTRONIC CORP

LM1MA141WK Datasheet(HTML) 3 Page - WILLAS ELECTRONIC CORP

  LM1MA141WK Datasheet HTML 1Page - WILLAS ELECTRONIC CORP LM1MA141WK Datasheet HTML 2Page - WILLAS ELECTRONIC CORP LM1MA141WK Datasheet HTML 3Page - WILLAS ELECTRONIC CORP  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
0.7
1.9
0.028
0.65
0.025
0.65
0.025
inches
mm
0.075
0.035
0.9
2012-1
WILLAS ELECTRONIC CORP.
Common Cathode Silicon
Dual Switching Diode
LM1MA141WK
LM1MA142WK
SOT-323
Dimensions in inches and (millimeters)
.056(1.40)
.047(1.20)
.010(0.25)
.003(0.08)
.016(0.40)
.008(0.20)
.004(0.10)MAX.
.087(2.20)
.070(1.80)
Features
Batch process design, excellent power dissipation offers
better reverse leakage current and thermal resistance.
Low profile surface mounted application in order to
optimize board space.
Low power loss, high efficiency.
High current capability, low forward voltage drop.
High surge capability.
Guardring for overvoltage protection.
Ultra high-speed switching.
Silicon epitaxial planar chip, metal silicon junction.
Lead-free parts meet environmental standards of
MIL-STD-19500 /228
Package outline
Mechanical data
Epoxy : UL94-V0 rated flame retardant
Case : Molded plastic, SOD-123H
Terminals :Plated terminals, solderable per MIL-STD-750
,
Method 2026
Polarity : Indicated by cathode band
Mounting Position : Any
Weight : Approximated 0.011 gram
0.146(3.7)
0.130(3.3)
0.012(0.3) Typ.
0.071(1.8)
0.056(1.4)
0.040(1.0)
0.024(0.6)
0.031(0.8) Typ.
0.031(0.8) Typ.
Dimensions in inches and (millimeters)
SOD-123H
Pb Free Product
1.0A SURFACE MOUNT SCHOTTKY
SOD-123
PACKAGE
WILLAS
BARRIER RECTIFIERS -20V- 200V
FM120-M
THRU
FM1200-M
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive of inductive load.
For capacitive load, derate current by 20%
WILLAS ELECTRONIC CORP.
201
2-06
 
RATINGS
SYMBOL FM120-MH FM130-MH FM140-MH FM150-MH FM160-MH FM180-MH FM1100-MH FM1150-MH FM1200-MH UNIT
Marking Code
12
13
14
15
16
18
10
115
120
Maximum Recurrent Peak Reverse Voltage
VRRM
Maximum RMS Voltage
VRMS
Maximum DC Blocking Voltage
VDC
20
30
40
50
60
80
100
150
200
14
21
28
35
42
56
70
105
140
20
30
40
50
60
80
100
150
200
Volts
Volts
Volts
Maximum Average Forward Rectified Current
 
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
IO
 
IFSM
1.0
 
30
Amps
 
Amps
Typical Thermal Resistance (Note 2)
RΘJA
Typical Junction Capacitance (Note 1)
CJ
Operating Temperature Range
TJ
Storage Temperature Range
TSTG
 
 
-55 to +125
40
120
 
- 65 to +175
 
 
-55 to +150
℃/W
PF
 
CHARACTERISTICS
SYMBOL FM120-MH FM130-MH FM140-MH FM150-MH FM160-MH FM180-MH FM1100-MH FM1150-MH FM1200-MH UNIT
Maximum Forward Voltage at 1.0A DC
VF
0.50
0.70
0.85
0.9
0.92
Volts
@TA=25℃
0.5
Maximum Average Reverse Current at
Rated DC Blocking Voltage
@TA=125℃
IR
10
 
mAmps
 
NOTES:
1- Measured at 1 MHZ and applied reverse voltage of 4.0 VDC.
2- Thermal Resistance From Junction to Ambient
 
 
RoHS product for packing code suffix "G"
Halogen free product for packing code suffix "H"


Similar Part No. - LM1MA141WK

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LM1MA141WKT1 LRC-LM1MA141WKT1 Datasheet
101Kb / 4P
   Common Cathode Silicon Dual Switching Diode
LM1MA141WKT1G LRC-LM1MA141WKT1G Datasheet
101Kb / 4P
   Common Cathode Silicon Dual Switching Diode
logo
Shanghai Leiditech Elec...
LM1MA141WKT1G LEIDITECH-LM1MA141WKT1G Datasheet
554Kb / 4P
   Common Cathode Silicon Dual Switching Diode
logo
Leshan Radio Company
LM1MA141WKT3 LRC-LM1MA141WKT3 Datasheet
101Kb / 4P
   Common Cathode Silicon Dual Switching Diode
LM1MA141WKT3G LRC-LM1MA141WKT3G Datasheet
101Kb / 4P
   Common Cathode Silicon Dual Switching Diode
More results

Similar Description - LM1MA141WK

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LDAN222T1G LRC-LDAN222T1G_15 Datasheet
223Kb / 3P
   Common Cathode Silicon Dual Switching Diode
logo
ON Semiconductor
M1MA141WKT1 ONSEMI-M1MA141WKT1 Datasheet
50Kb / 4P
   Common Cathode Silicon Dual Switching Diode
November, 2005 ??Rev. 7
DAN222 ONSEMI-DAN222_06 Datasheet
49Kb / 4P
   Common Cathode Silicon Dual Switching Diode
March, 2006 ??Rev. 4
DAN222M3T5G ONSEMI-DAN222M3T5G Datasheet
94Kb / 4P
   Common Cathode Silicon Dual Switching Diode
January, 2013 ??Rev. 6
DAN222 ONSEMI-DAN222_V01 Datasheet
165Kb / 5P
   Common Cathode Silicon Dual Switching Diode
September, 2013 - Rev. 7
DAN222G ONSEMI-DAN222G Datasheet
125Kb / 4P
   Common Cathode Silicon Dual Switching Diode
October, 2010 -- Rev. 6
M1MA141WKT1G ONSEMI-M1MA141WKT1G_11 Datasheet
133Kb / 4P
   Common Cathode Silicon Dual Switching Diode
November, 2011 ??Rev. 9
logo
First Silicon Co., Ltd
FDS222 FS-FDS222 Datasheet
106Kb / 4P
   Common Cathode Silicon Dual Switching Diode
logo
Leshan Radio Company
LDAN222T1 LRC-LDAN222T1 Datasheet
143Kb / 3P
   Common Cathode Silicon Dual Switching Diode
LDAN222T1G LRC-LDAN222T1G Datasheet
168Kb / 4P
   Common Cathode Silicon Dual Switching Diode
LM1MA141WKT1 LRC-LM1MA141WKT1 Datasheet
101Kb / 4P
   Common Cathode Silicon Dual Switching Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com