Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0316002.NAT1 Datasheet(PDF) 1 Page - Littelfuse

Part # 0316002.NAT1
Description  316 Series PICO짰II, Very Fast-Acting Fuse
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0316002.NAT1 Datasheet(HTML) 1 Page - Littelfuse

  0316002.NAT1 Datasheet HTML 1Page - Littelfuse 0316002.NAT1 Datasheet HTML 2Page - Littelfuse 0316002.NAT1 Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Revised: January 7, 2009
227
© 2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Axial Lead & Cartridge Fuses
316 Series
Please refer to www.littelfuse.com/series/316.html for current information.
PICO® ll > Very Fast Acting > 316 Series
316 Series PICO®II, Very Fast-Acting Fuse
Description
The 316 Series PICO® II Very Fast-Acting Fuse is
designed to meet an extensive array of performance
characteristics in a space-saving subminiature package
while complying with the requirements of CCC.
Agency Approvals
Agency
Agency File Number
Ampere Range
2007010207241295
0.50mA–5A
Features
Applications
Electrical Characteristics
% of Ampere Rating
OpeningTime
100%
4 Hours, Min.
200%
5 Seconds, Max.
275%
0.30 Seconds, Max.
400%
0.03 Seconds, Max.
1000%
0.004 Seconds, Max.
Ampere
Rating
(A)
Amp Code
Max
Voltage
Rating
(V)
Interrupting
Rating
Nominal Cold
Resistance
(Ohms)
Nominal
Melting
I2t (A2 sec)
Max Voltage
Drop (mV)
Agency
Approvals
0.50
.500
125
50A @ 125VAC
50A @ 125VDC
0.280
0.0598
0.202
X
1.00
001.
125
0.128
0.256
0.186
X
2.00
002.
125
0.0473
0.405
0.158
X
3.15
3.15
125
0.0290
1.190
0.160
X
5.00
005.
125
0.0155
4.140
0.110
X
Electrical Characteristics
and Cartridge Fuse
Lead–free solder
alloys and higher
temperature profiles
associated with
Lead–free assembly
0.50A, 1.00A, 2.00A,
3.15A and 5.00
amperes
Notes:
1. Cold resistance measured at less than 10% of rated current at 23°C.
2. Agency Approval Table Key: X=Approved or Certified, P=Pending and Blank=Not Approved
3. Have special electrical characteristic needs? Contact Littelfuse to learn more about application specific options.
Secondary protection for space constrained applications


Similar Part No. - 0316002.NAT1

ManufacturerPart #DatasheetDescription
logo
Lumberg
031603 LUMBERG-031603 Datasheet
1Mb / 3P
   Rundsteckverbinder mit Schraubverschluss nach IEC 60130-9 und AISG-Spezifikation, IP 68
031603 LUMBERG-031603 Datasheet
804Kb / 5P
   Circular connectors with threaded joint M16 acc. to IEC 61076-2-106, IP40/IP67/IP68
031604 LUMBERG-031604 Datasheet
1Mb / 3P
   Rundsteckverbinder mit Schraubverschluss nach IEC 60130-9 und AISG-Spezifikation, IP 68
031604 LUMBERG-031604 Datasheet
804Kb / 5P
   Circular connectors with threaded joint M16 acc. to IEC 61076-2-106, IP40/IP67/IP68
logo
Tyco Electronics
0316040-6 MACOM-0316040-6 Datasheet
2Mb / 43P
   AMP Dynamic Series Connectors
More results

Similar Description - 0316002.NAT1

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0275020.MRT1L LITTELFUSE-0275020.MRT1L Datasheet
187Kb / 4P
   275 Series, PICO , Very Fast-Acting Fuse
0275.062M- LITTELFUSE-0275.062M- Datasheet
85Kb / 2P
   PICO짰 Fuse Very Fast-Acting Fuse 275/276 Series
265 LITTELFUSE-265 Datasheet
90Kb / 1P
   PICO Fuse Very Fast-Acting Fuse 265/266/267 Series
451 LITTELFUSE-451 Datasheet
102Kb / 1P
   NANO2 FUSE Very Fast-Acting 451/453 Series
045903.5ER LITTELFUSE-045903.5ER Datasheet
330Kb / 3P
   PICO Very Fast-Acting Surface Mount Fuse
045903.5UR LITTELFUSE-045903.5UR Datasheet
330Kb / 3P
   PICO Very Fast-Acting Surface Mount Fuse
logo
Bel Fuse Inc.
C1Q BEL-C1Q_17 Datasheet
1Mb / 4P
   SURFACE MOUNT VERY FAST-ACTING CHIP FUSE
C2Q BEL-C2Q_17 Datasheet
1Mb / 4P
   SURFACE MOUNT VERY FAST-ACTING CHIP FUSE
C1Q BEL-C1Q_12 Datasheet
878Kb / 4P
   Surface Mount Very Fast-Acting Chip Fuse
C2Q BEL-C2Q_12 Datasheet
936Kb / 4P
   Surface Mount Very Fast-Acting Chip Fuse
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com