Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS5501 Datasheet(PDF) 4 Page - ams AG

Part # AS5501
Description  Multimode Powerline-Modem
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5501 Datasheet(HTML) 4 Page - ams AG

  AS5501 Datasheet HTML 1Page - ams AG AS5501 Datasheet HTML 2Page - ams AG AS5501 Datasheet HTML 3Page - ams AG AS5501 Datasheet HTML 4Page - ams AG AS5501 Datasheet HTML 5Page - ams AG AS5501 Datasheet HTML 6Page - ams AG AS5501 Datasheet HTML 7Page - ams AG AS5501 Datasheet HTML 8Page - ams AG AS5501 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
1. FUNCTIONAL DESCRIPTION
The AS5501/02 is a SYNCHRONOUS HALF DUPLEX FSK MODEM with programmable
FSK-frequencies, Baud-Rate and ReceiverFilter-Characteristics working with a single +5V
SUPPLY. The circuit is designed to be used with an external buffer-stage and transformer-
coupling to transfer data over a POWER-LINE.
A mask-programmed default setting defines the state after power-up (reset) see chapter 1.1.
With the serial interface the default setting can be overwritten.
A0/CS
SD-IN
SCLK
RES-TH
MCLK
SD-OUT
RESN
VREF
CKSYS
SERIF
RESET
TIMING
AFCF
AGND
TxFb
TxOut1
M1M
P1M
contr. & clock signals
TXD
TxEn
TRANSMITTER
RXI,AGND,CKTX,SC-CLK...
ZC
RECEIVER
CD
RXD
CLR/T
RXO,IFI,IFO
TST-IN
TEST-MUX
TST-OUT
AVSS
AVDD
DVSS
DVDD
TxOut2
AS5501 / AS5502 Multimode Powerline Modem
Data Sheet
Rev A, May 2000
Page 3/25


Similar Part No. - AS5501

ManufacturerPart #DatasheetDescription
logo
ams AG
AS5510 AMSCO-AS5510 Datasheet
254Kb / 19P
   Linear Hall Sensor with IC Output
logo
List of Unclassifed Man...
AS5510-DWLT ETC2-AS5510-DWLT Datasheet
576Kb / 29P
   Linear Hall Sensor with IC Output
logo
ams AG
AS5510DWLT AMSCO-AS5510DWLT Datasheet
254Kb / 19P
   Linear Hall Sensor with IC Output
More results

Similar Description - AS5501

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8CLED16P01 CYPRESS-CY8CLED16P01 Datasheet
843Kb / 58P
   Powerline Communication Solution Integrated Powerline Modem PHY
logo
Maxim Integrated Produc...
MAX2982 MAXIM-MAX2982 Datasheet
1Mb / 3P
   Industrial Broadband Powerline Modem
Rev 0; 9/11
logo
List of Unclassifed Man...
AC-PLM-1 ETC1-AC-PLM-1 Datasheet
364Kb / 7P
   AC-PLM-1 Powerline Modem
logo
STMicroelectronics
UM1038 STMICROELECTRONICS-UM1038 Datasheet
802Kb / 24P
   This user manual describes the STarGrid powerline modem
logo
Maxim Integrated Produc...
MAX79356 MAXIM-MAX79356 Datasheet
638Kb / 18P
   ZENO Flexible Narrowband OFDM Powerline Communication Modem with Integrated Analog Front End
Rev 2; 9/17
logo
Bel Fuse Inc.
0804-5000-18 BEL-0804-5000-18 Datasheet
1Mb / 11P
   Powerline Modules
0804-5000-17 BEL-0804-5000-17 Datasheet
394Kb / 16P
   Powerline Modules
0804-5000A50 BEL-0804-5000A50 Datasheet
1Mb / 18P
   Powerline Modules
logo
Level One
PLI-4051 LVL1-PLI-4051 Datasheet
198Kb / 3P
   500Mbps Powerline
logo
List of Unclassifed Man...
CS1100 ETC-CS1100 Datasheet
169Kb / 2P
   Powerline Networking Chipset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com