Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS5020 Datasheet(PDF) 6 Page - ams AG

Part # AS5020
Description  6-BIT MAGNETIC ANGULAR POSITION ENCODER WITH SERIAL INTERFACE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5020 Datasheet(HTML) 6 Page - ams AG

Back Button AS5020 Datasheet HTML 2Page - ams AG AS5020 Datasheet HTML 3Page - ams AG AS5020 Datasheet HTML 4Page - ams AG AS5020 Datasheet HTML 5Page - ams AG AS5020 Datasheet HTML 6Page - ams AG AS5020 Datasheet HTML 7Page - ams AG AS5020 Datasheet HTML 8Page - ams AG AS5020 Datasheet HTML 9Page - ams AG AS5020 Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6-Bit Magnetic Position Encoder –Data Sheet Rev.1.0
AS5020
Rev. n/c
Page 6/11
Feb 2001
Electrical Characteristics
Absolute Maximum Ratings*
Supply Voltage ............................................................................................................... -0.3
”#9
DD ”#:9
Input Current ................................................................................................................................ 25 mA
Digital Input Voltage ......................................................................................... -0.3V
”#9
IN ”#9DD + 0.3V
Electrostatic Discharge ............................................................................................................+/- 1000V
Storage Temperature Range............................................................................................ -50 to +125°C
Total Power Dissipation ............................................................................................................. 150mW
*Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are
stress ratings only. Functional operation of the device at these or any other conditions beyond those indicated under
“Operating Conditions” is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Operating Conditions
Symbol
Parameter
Conditions
Min.
Typ.*
Max.
Unit
VDD
Supply Voltage
Measurement mode,
VSS = 0 V
4.5
5.0
5.5
V
TAMB
Ambient Operating Temp.
Range
-40
25
+85
°C
VIL
Input Low Voltage
VSS
0.3 VDD
V
VIH
Input High Voltage**
0.7 VDD
VDD
V
* Typical figures are at 25°C and are for design aid only; not guaranteed and not subject to production testing.
Note: External Buffer-Capacitance is needed: e.g. 4.7uF between the Supply-Pins.
** Note: At pin PROG a higher voltage (up to 8.5V) as defined for the zero position programming routine.
Programming Input see Figure 4
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
VPROG
Programming Voltage
8
8.5
V
tZAP
Zap pulse duration
4.5
5
5.5
µs
tProgEN
Delay after CS=1
200
µs
tLH
Pulse slew rate
2
V/µs
DC Characteristics
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
IDD
Operating Supply Current
Continuous Read Out
Mode*
15
24
mA
IDD0
Power Down Current
PD/CS=1
0.5
1
mA
IOL
Output Current, Sink
VOL = 0.4V
1
mA
Note: IDD in Single Read Out Mode is the same during the measurement phase


Similar Part No. - AS5020

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
AS50 ALLIED-AS50 Datasheet
965Kb / 1P
   Axial Shielded Inductors
AS50-100K-RC ALLIED-AS50-100K-RC Datasheet
956Kb / 1P
   Axial Shielded Inductors
AS50-100K-RC ALLIED-AS50-100K-RC Datasheet
961Kb / 1P
   Axial Shielded Inductors
AS50-100K-RC ALLIED-AS50-100K-RC Datasheet
965Kb / 1P
   Axial Shielded Inductors
AS50-101K-RC ALLIED-AS50-101K-RC Datasheet
956Kb / 1P
   Axial Shielded Inductors
More results

Similar Description - AS5020

ManufacturerPart #DatasheetDescription
logo
ams AG
AS5048 AMSCO-AS5048 Datasheet
2Mb / 30P
   Magnetic Rotary Encoder 14-bit Angular Position Sensor
logo
Broadcom Corporation.
AEAT-8800-Q24 BOARDCOM-AEAT-8800-Q24 Datasheet
1Mb / 21P
   10-Bit to16-Bit Programmable Angular Magnetic Encoder
AEAT-8811-Q24 BOARDCOM-AEAT-8811-Q24 Datasheet
1Mb / 26P
   Magnetic Encoder IC: 10-Bit to 16-Bit Programmable Angular Magnetic Encoder with No Offset Calibration
logo
AVAGO TECHNOLOGIES LIMI...
AEAT-6600-T16 AVAGO-AEAT-6600-T16 Datasheet
539Kb / 11P
   10 to16-Bit Programmable Angular Magnetic Encoder IC
logo
IC-Haus GmbH
IC-MH16 ICHAUS-IC-MH16_15 Datasheet
792Kb / 25P
   12-BIT ANGULAR HALL ENCODER
IC-MH8 ICHAUS-IC-MH8_11 Datasheet
713Kb / 25P
   12 BIT ANGULAR HALL ENCODER
IC-MH ICHAUS-IC-MH Datasheet
473Kb / 23P
   12 BIT ANGULAR HALL ENCODER
IC-MH8 ICHAUS-IC-MH8_14 Datasheet
605Kb / 25P
   12 BIT ANGULAR HALL ENCODER
logo
Honeywell Solid State E...
APS00B HONEYWELL-APS00B Datasheet
607Kb / 6P
   High Resolution Magnetic Angular Position Sensor IC
logo
IC-Haus GmbH
IC-MH ICHAUS-IC-MH_17 Datasheet
666Kb / 26P
   12-BIT ANGULAR HALL ENCODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com