Part Name
         Description
AS3588A

 DIGITAL TIME/SPACE CROSSPOINT SWITCH ( 15 Page)


AMSCO
100% 
Zoom Out Zoom In
 6 page
background image
Data Sheet
AS3588A
Rev. 3.1
Page 6 of 15
July 1999
Reading the registers in the order OR1 , OR2 must be
continued until completion or until the time frame runs
out. With a new time frame a new extraction process
begins,
resuming
the
copy
operation
from
the
background register. During extraction the active
channels are scanned from the highest to the lowest
number (from 7 to 0). While extraction is being carried
out the time interval requirements between active ris-
ing edges of RD are minimum 5 to 13 tCK for se-
quence OR2- OR1 and minimum 3 times tCK for se-
quence OR1 - OR2. Channel 0 extraction is disabled
by a reset pulse or by writing a zero mask into the de-
vice. This clears the mask register and the background
register
Instruction Tables
Instruction 1: Channel Connection / Disonnection
Control Signals
Data Bus
Comments
SEL
C/D
CS
WR
RD
D7
D6
D5
D4
D3
D2
D1
D0
X
0
0
0
1
X
X
X
X
X
BI2
BI1
BI0
Byte 1: PCM input line
X
0
0
0
1
X
X
X
CI4
CI3
CI2
CI1
CI0
Byte2: PCM input channel
X
0
0
0
1
X
X
X
X
X
BO2 BO1 BO0 Byte 3: PCM output line
X
0
0
0
1
X
X
X
CO4 CO3 CO2 CO1 CO0 Byte4: PCM output channel
1/0
1
0
0
1
X
X
X
X
0
0
0
1
Instruction Byte
1
0
0
1
0
C7
C6
C5
C4
C3
C2
C1
C0
OR1
(BI2)
(BI1)
(BI0)
(CI4)
(CI3)
(CI2)
(CI1)
(CI0) Contents of CM
(1)
(1)
(1)
(1)
(1)
(1)
(1)
(1)
Note 1
1
1
0
1
0
A7
A6
A5
C8
OP3 OP2 OP1 OP0 OR2
(BO2) (BO1) (BO0)
(0)
(0)
(0)
(0)
(1)
(BO2) (BO1) (BO0)
(1)
(0)
(0)
(0)
(1)
Note 1
Note1: The Connection memory contains all ones if not connected
Instruction 2: Output Channel Disconnection
Control Signals
Data Bus
Comments
SEL
C/D
CS
WR
RD
D7
D6
D5
D4
D3
D2
D1
D0
X
0
0
0
1
X
X
X
X
X
BO2 BO1 BO0 Byte 1: PCM output line
X
0
0
0
1
X
X
X
CO4 CO3 CO2 CO1 CO0 Byte 2: PCM output channel
1
1
0
0
1
X
X
X
X
0
0
1
0
Instruction Byte
1
0
0
1
0
C7
C6
C5
C4
C3
C2
C1
C0
OR1
(1)
(1)
(1)
(1)
(1)
(1)
(1)
(1)
Note 1
1
1
0
1
0
A7
A6
A5
C8
OP3 OP2 OP1 OP0 OR2
(BO2) (BO1) (BO0)
(1)
(0)
(0)
(1)
(0)
Note1: The Connection memory contains all ones if not connected



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
AD815234 x 34 3.2 Gbps Asynchronous Digital Crosspoint Switch 1 2 3 4 5 MoreAnalog Devices
CLC0188 x 8 Digital Crosspoint Switch 1.4 Gbps 1 2 3 4 5 MoreNational Semiconductor
AD815033 x 17 1.5 Gbps Digital Crosspoint Switch 1 2 3 4 5 MoreAnalog Devices
AD815133 x 17 3.2 Gb/s Digital Crosspoint Switch 1 2 3 4 5 MoreAnalog Devices
MSX532532 Port Digital Crosspoint Switch with LVTTL I/O’s 1 2 3 4 5 MoreFairchild Semiconductor
TQ80151.25 Gigabit/sec 16x16 Digital ECL Crosspoint Switch 1 2 3 4 5 MoreTriQuint Semiconductor
TQ80161.3 Gigabit/sec 16x16 Digital ECL Crosspoint Switch 1 2 3 4 5 MoreTriQuint Semiconductor
TQ80171.25 Gigabit/sec 16x16 Digital PECL Crosspoint Switch 1 2 3 4 5 MoreTriQuint Semiconductor
TQ80252.5 Gigabit/sec 16x16 Digital Crosspoint Switch 1 2 3 4 5 MoreTriQuint Semiconductor
TQ8032800 Megabit/sec 32x32 Digital ECL Crosspoint Switch 1 2 3 4 5 MoreTriQuint Semiconductor

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl