Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS3502 Datasheet(PDF) 1 Page - ams AG

Part # AS3502
Description  13-BIT LINEAR FEATURE CODEC WITH ANALOGUE FRONTEND
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3502 Datasheet(HTML) 1 Page - ams AG

  AS3502 Datasheet HTML 1Page - ams AG AS3502 Datasheet HTML 2Page - ams AG AS3502 Datasheet HTML 3Page - ams AG AS3502 Datasheet HTML 4Page - ams AG AS3502 Datasheet HTML 5Page - ams AG AS3502 Datasheet HTML 6Page - ams AG AS3502 Datasheet HTML 7Page - ams AG AS3502 Datasheet HTML 8Page - ams AG AS3502 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
REV. M
Page 1
September 1998
AS3502
Key Features
q
q
13-Bit Linear Sigma Delta Codec with Filters
Exceeding ETSI prETS30085 and G712 .
q
q
Single Rail 3.0 V ~5.5 V Power Supply.
q
q
Typical Power Dissipation of 30 mW at 3 V.
q
q
Two Low Noise Microphone Inputs with Internal
Gain Adjust (+16 / +46 dB).
q
q
150
Ω Push/Pull Earpiece Driver with Internal
Gain Adjust (-12 / +6 dB).
q
q
50
Ω Loudspeaker Amplifier with up to 50 mW
Output Power.
q
q
Push/ Pull Output Driver for Tone Ringer.
q
q
On Chip Electret Microphone Voltage Source.
q
q
Digital Transmit Gain Setting (-38 / +10 dB).
q
q
Digital Receive Gain Setting ( -42 / +6 dB).
q
q
Digital Sidetone Control Function ( 0 / -48 dB).
q
q
Programmable Call Progress Tone/ DTMF /
Ring Tone Generator.
q
q
Analogue and Digital Loopback Modes.
q
q
16-Bit Linear / 8-Bit A-Law Switchable Serial
PCM Interface with Non Delayed and Delayed
Timing Modes.
q
q
4-Wire Serial Control Interface.
q
q
Packaged in SOIC-28, TQFP-64.
General Description
AS3502 is a high performance 13-bit linear feature
Codec/Filter with 8 kHz sampling rate specifically
tailored to implement all analogue frontend functions
of battery powered digital terminals. It includes a
programmable analogue interfaces for handset and
handsfree operation with a minimum amount of
external components.
The Codec function of AS3502 uses Sigma-Delta (
Σ∆)
modulation conversion techniques with 2nd order
modulators and an over sampling rate of 128 for
excellent signal to noise performance. The AS3502
exceeds all CCITT G712 recommendations and the
European ETSI prETS 300085 recommendations.
Digital gain setting stages for transmit and receive
allow to compensate for transducer tolerances and to
set up a handsfree function under software control. A
programmable tone generator allows to generate
DTMF/Call-Progress Tones and alert sounds required
in digital terminals. All programmable functions of
AS3502 are controlled by a 4-wire serial control port
that easily interfaces to any popular micro controller.
The interface to the digital world is accomplished by a
serial PCM interface that supports 16-bit linear format
or 8-bit A-Law format for both non-delayed and
delayed frame synchronzation modes.
Block Diagramme
MIC1+
EP+
EP-
SPK+
SPK-
SCL
SDI
SDO
TXD
TXS
SCLK
RXS
RXD
MIC1-
MIC2+
MIC2-
CS
PCM
TX
MCLK
VREF
POR
+
16/46
dB
AGX
F1-F3,
V1-V3
DGX
TRO+
TRO-
POR
GND
CAP
AGND
AVDD
AVSS
DVDD
30Kž
-
+
dB
-38/+10
Decimation
Filter
Interpolation
Filter
Freq.
Gen.
Seq.
Serial Control
+
-
VREF
AAF
ADC
DAC
DAC
V2
LPF
-12/+6
dB
AGR
+
+
+3dB
VOICE
TONE
LOOP
SINE
SQ.
BPF
PCM
TX
Comp.
S1, S2
Caden.
CP, CP
Rep.
RP, RO
SG
dB
0/-48
Contr.
DC
Lin/A-
PCM
TX
DGR
dB
-42/+6
LPF
PCM
RX
Exp.
Lin/A-
+
AS3502
LOOP
Austria Mikro Systeme International AG
13-BIT LINEAR FEATURE CODEC
WITH ANALOGUE FRONTEND


Similar Part No. - AS3502

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AS350 ETC-AS350 Datasheet
442Kb / 4P
   HOL-SEALERS Hole Seals
logo
AMETHERM Circuit Protec...
AS350R550 AMETHERM-AS350R550 Datasheet
31Kb / 1P
   Resistance @ 25째c
AS350R550 AMETHERM-AS350R550 Datasheet
244Kb / 3P
   I N R U S H C U R R E N T L I M I T E R S
logo
List of Unclassifed Man...
AS350SS ETC-AS350SS Datasheet
442Kb / 4P
   HOL-SEALERS Hole Seals
More results

Similar Description - AS3502

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC145402 MOTOROLA-MC145402 Datasheet
137Kb / 16P
   Serial 13-Bit Linear Codec
MC145482 MOTOROLA-MC145482 Datasheet
221Kb / 19P
   5V 13-BIT LINEAR PCM CODEC-FILTER
MC145483 MOTOROLA-MC145483 Datasheet
220Kb / 19P
   3V 13-BIT LINEAR PCM CODEC-FILTER
logo
Freescale Semiconductor...
MC145483ENR2 FREESCALE-MC145483ENR2 Datasheet
1Mb / 24P
   3 V 13-BIT LINEAR PCM CODEC-FILTER
logo
Winbond
W681360 WINBOND-W681360 Datasheet
520Kb / 34P
   3V SINGLE-CHANNEL 13-BIT LINEAR VOICE-BAND CODEC
logo
Nuvoton Technology Corp...
W681360 NUVOTON-W681360 Datasheet
758Kb / 34P
   3V SINGLE-CHANNEL 13-BIT LINEAR VOICE-BAND CODEC
logo
Freescale Semiconductor...
MC143416 FREESCALE-MC143416 Datasheet
744Kb / 24P
   Dual 16-Bit Linear Codec-Filter
logo
Micronas
MAS9090B MICRONAS-MAS9090B Datasheet
564Kb / 30P
   LOW VOLTAGE 14-BIT LINEAR CODEC
logo
Harris Corporation
CD22354A HARRIS-CD22354A Datasheet
55Kb / 10P
   CMOS Single-Chip, Full-Feature PCM CODEC
logo
STMicroelectronics
STW5093 STMICROELECTRONICS-STW5093 Datasheet
627Kb / 34P
   2.7V SUPPLY 14-BIT LINEAR CODEC WITH HIGH-PERFORMANCE AUDIO FRONT-END
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com