Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS43DR32800A Datasheet(PDF) 6 Page - Integrated Silicon Solution, Inc

Part # IS43DR32800A
Description  256Mb DDR2 DRAM
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS43DR32800A Datasheet(HTML) 6 Page - Integrated Silicon Solution, Inc

Back Button IS43DR32800A Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS43DR32800A Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS43DR32800A Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS43DR32800A Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS43DR32800A Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS43DR32800A Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS43DR32800A Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS43DR32800A Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS43DR32800A Datasheet HTML 10Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
6
Integrated Silicon Solution, Inc. — www.issi.com
Rev.  00E
09/08/2010
IS43DR32800A, IS43/46DR32801A
ELECTRICAL SPECIFICATIONS
Absolute Maximum DC Ratings
Symbol 
Parameter 
Rating 
Units  Notes
Vdd
VoltageonVDDpinrelativetoVss
-1.0V~2.3V
V
1,3
Vddq
VoltageonVDDQpinrelativetoVss
-0.5V~2.3V
V
1,3
Vddl
VoltageonVDDLpinrelativetoVss
-0.5V~2.3V
V
1,3
Vin,Vout
VoltageonanypinrelativetoVss
-0.5V~2.3V
V
1,4
Tstg
StorageTemperature
-55to+150
°C
1,2
Notes:
1.Stressesgreaterthanthoselistedunder“AbsoluteMaximumRatings”maycausepermanentdamagetothedevice.Thisisastressratingonly
andfunctionaloperationofthedeviceattheseoranyotherconditionsabovethoseindicatedintheoperationalsectionsofthisspecificationis
notimplied.Exposuretoabsolutemaximumratingconditionsforextendedperiodsmayaffectreliability
2.StorageTemperatureisthecasesurfacetemperatureonthecenter/topsideoftheDRAM.Forthemeasurementconditions,pleasereferto
JESD51-2standard.
3.VDDandVDDQmustbewithin300mVofeachotheratalltimes;andVREFmustbenotgreaterthan0.6xVDDQ.WhenVDDandVDDQand
VDDLarelessthan500mV,Vrefmaybeequaltoorlessthan300mV.
4.VoltageonanyinputorI/OmaynotexceedvoltageonVDDQ.
AC & DC Recommended Operating Conditions
Recommended DC Operating Conditions (SSTL-1.8)
Symbol
Parameter
Rating
Units Notes
Min.
Typ.
Max.
VDD
SupplyVoltage
1.7
1.8
1.9
V
1
VDDL
SupplyVoltageforDLL
1.7
1.8
1.9
V
5
VDDQ
SupplyVoltageforOutput
1.7
1.8
1.9
V
1,5
VREF
InputReferenceVoltage
0.49xVDDQ
0.50xVDDQ
0.51xVDDQ
mV 2.3
VTT
TerminationVoltage
VREF-0.04
VREF
VREF+0.04
V
4
Notes:
1.ThereisnospecificdeviceVDDsupplyvoltagerequirementforSSTL_18compliance.HoweverunderallconditionsVDDQmustbelessthan
orequaltoVDD.
2.ThevalueofVREFmaybeselectedbytheusertoprovideoptimumnoisemargininthesystem.TypicallythevalueofVREFisexpectedtobe
about0.5xVDDQofthetransmittingdeviceandVREFisexpectedtotrackvariationsinVDDQ.
3.PeaktopeakacnoiseonVREFmaynotexceed+/-2%VREF(dc).
4.VTToftransmittingdevicemusttrackVREFofreceivingdevice.
5.VDDQtrackswithVDD,VDDLtrackswithVDD.ACparametersaremeasuredwithVDD,VDDQandVDDDLtiedtogether


Similar Part No. - IS43DR32800A

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS43DR32801B ISSI-IS43DR32801B Datasheet
999Kb / 44P
   256Mb DDR2 DRAM
More results

Similar Description - IS43DR32800A

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS43DR32801B ISSI-IS43DR32801B Datasheet
999Kb / 44P
   256Mb DDR2 DRAM
logo
Hynix Semiconductor
HY5PS561621BLFPE3 HYNIX-HY5PS561621BLFPE3 Datasheet
827Kb / 34P
   256Mb DDR2 SDRAM
HY5PS561621BLFPE3I HYNIX-HY5PS561621BLFPE3I Datasheet
826Kb / 34P
   256Mb DDR2 SDRAM
logo
List of Unclassifed Man...
NT5SV64M4AT ETC1-NT5SV64M4AT Datasheet
817Kb / 65P
   256Mb Synchronous DRAM
logo
Integrated Silicon Solu...
IS42S83200J ISSI-IS42S83200J Datasheet
1Mb / 63P
   256Mb SYNCHRONOUS DRAM
IS42S32800G ISSI-IS42S32800G Datasheet
1,009Kb / 58P
   256Mb SYNCHRONOUS DRAM
logo
Hynix Semiconductor
H5PS2562GFR HYNIX-H5PS2562GFR Datasheet
1Mb / 61P
   256Mb DDR2 SDRAM
HY5PS561621AFP-E3 HYNIX-HY5PS561621AFP-E3 Datasheet
2Mb / 34P
   256Mb DDR2 SDRAM
HY5PS56421LF-E3 HYNIX-HY5PS56421LF-E3 Datasheet
614Kb / 35P
   256Mb DDR2 SDRAM
logo
Samsung semiconductor
K4C561638C-TCD4000 SAMSUNG-K4C561638C-TCD4000 Datasheet
880Kb / 42P
   256Mb Network-DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com