Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS2591 Datasheet(PDF) 9 Page - ams AG

Part # AS2591
Description  16-Digit LCD Driver CMOS Integrated Circuit
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2591 Datasheet(HTML) 9 Page - ams AG

Back Button AS2591 Datasheet HTML 2Page - ams AG AS2591 Datasheet HTML 3Page - ams AG AS2591 Datasheet HTML 4Page - ams AG AS2591 Datasheet HTML 5Page - ams AG AS2591 Datasheet HTML 6Page - ams AG AS2591 Datasheet HTML 7Page - ams AG AS2591 Datasheet HTML 8Page - ams AG AS2591 Datasheet HTML 9Page - ams AG AS2591 Datasheet HTML 10Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Preliminary
AS2591
Rev. 1.0
Page 9
May 1999
Electrical Characteristics
Absolute Maximum Ratings*
Supply Voltage............................................................................................................................... -0.3
≤ V
DD
≤ 7V
Input Current..........................................................................................................................................+/- 25 mA
Input Voltage.....................................................................................................................-0.3V
≤ V
IN
≤ V
DD
+ 0.3V
Electrostatic Discharge...........................................................................................................................+/- 1000V
Storage Temperature Range........................................................................................................... -65 to +125°C
Total Power Dissipation ............................................................................................................................ 500mW
*Exceeding these figures may cause permanent damage. Functional operation under these conditions is not permitted.
Recommended Operating Range
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
V
DD
Operating Voltage
3.2
4.0
4.8
V
V
LCD
LCD Reference Voltage
2.5
3.0
3.5
V
T
AMB
Ambient Operating Temp. Range
-25
+70
°C
f
OSC
Oscillator Frequency
32.768
kHz
DC Characteristics
Recommended operating conditions unless otherwise specified.
Symbol
Parameter
Conditions
Min.
Typ.*
Max.
Units
I
DD
Operating Supply Current
Unloaded
150
µA
I
DD0
Idle Current
Idle mode, oscillator not running
1
µA
V
33
Contrast Output Voltage at
COM1-4 and S1-2_n Pins
V
LCD = 3.27V
Contrast voltage low
Contrast voltage middle
Contrast voltage high
2.83
2.97
3.09
V
V
V
V
IL
Input Low Voltage
V
SS
0.3 V
DD
V
V
IH
Input High Voltage
0.7 V
DD
V
DD
V
* Typical figures are at 25°C and are for design aid only; not guaranteed and not subject to production testing.


Similar Part No. - AS2591

ManufacturerPart #DatasheetDescription
logo
ams AG
AS2590 AMSCO-AS2590 Datasheet
78Kb / 12P
   LC DISPLAY DRIVER WITH 18 DIGITS, 6 SYMBOLS AND CLOCK/TIMER
AS2590N AMSCO-AS2590N Datasheet
78Kb / 12P
   LC DISPLAY DRIVER WITH 18 DIGITS, 6 SYMBOLS AND CLOCK/TIMER
AS2590P AMSCO-AS2590P Datasheet
78Kb / 12P
   LC DISPLAY DRIVER WITH 18 DIGITS, 6 SYMBOLS AND CLOCK/TIMER
logo
Alpha Industries
AS259M1-12 ALPHA-AS259M1-12 Datasheet
26Kb / 2P
   GaAs IC SPST Non-Reflective Switch DC
More results

Similar Description - AS2591

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD404818 HITACHI-HD404818 Datasheet
2Mb / 81P
   16-digit LCD driver
logo
NTE Electronics
NTE2027 NTE-NTE2027 Datasheet
20Kb / 2P
   Integrated Circuit Hex LED Digit Driver
logo
Toshiba Semiconductor
T6B08 TOSHIBA-T6B08 Datasheet
353Kb / 9P
   CMOS DIGITAL INTEGRATED CIRCUIT (ROW DRIVER FOR A DOT MATRIX LCD)
logo
NTE Electronics
NTE2021 NTE-NTE2021 Datasheet
24Kb / 3P
   Integrated Circuit 8-Digit/Segment Fluorescent Display Driver
logo
OKI electronic componet...
MSM58292B OKI-MSM58292B Datasheet
243Kb / 11P
   5-DIGIT STATIC LCD DRIVER
logo
Intersil Corporation
ICM7211A INTERSIL-ICM7211A Datasheet
162Kb / 9P
   4-Digit, LCD Display Driver
ICM7211AM INTERSIL-ICM7211AM Datasheet
258Kb / 7P
   4-Digit, LCD Display Driver
ICM7211AMlM44 INTERSIL-ICM7211AMlM44 Datasheet
223Kb / 9P
   4-Digit, LCD Display Driver
October 22, 2015
logo
ELAN Microelectronics C...
EM32100 EMC-EM32100 Datasheet
325Kb / 13P
   8/10 DIGIT LCD DRIVER
logo
Intersil Corporation
ICM7211AM INTERSIL-ICM7211AM_06 Datasheet
204Kb / 8P
   4-Digit, LCD Display Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com