Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9250-170EBZ Datasheet(PDF) 11 Page - Analog Devices

Part # AD9250-170EBZ
Description  14-Bit, 170 MSPS/250 MSPS, JESD204B,Dual Analog-to-Digital Converter
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9250-170EBZ Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9250-170EBZ Datasheet HTML 7Page - Analog Devices AD9250-170EBZ Datasheet HTML 8Page - Analog Devices AD9250-170EBZ Datasheet HTML 9Page - Analog Devices AD9250-170EBZ Datasheet HTML 10Page - Analog Devices AD9250-170EBZ Datasheet HTML 11Page - Analog Devices AD9250-170EBZ Datasheet HTML 12Page - Analog Devices AD9250-170EBZ Datasheet HTML 13Page - Analog Devices AD9250-170EBZ Datasheet HTML 14Page - Analog Devices AD9250-170EBZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
Data Sheet
AD9250
Rev. 0 | Page 11 of 44
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
2
3
AVDD
DNC
PDWN
4
CS
5
SCLK
6
SDIO
7
DVDD
TOP VIEW
(Not to Scale)
AD9250
25
DNC
26
DVDD
27
RST
28
DVDD
29
AVDD
30
SYSREF–
31
SYSREF+
32
AVDD
33
CLK+
34
CLK–
35
RFCLK
36
AVDD
8
DNC
9
DNC
10
FDA
11
FDB
12
DVDD
NOTES
1. DNC = DO NOT CONNECT. DO NOT CONNECT TO THIS PIN.
2. THE EXPOSED THERMAL PADDLE ON THE BOTTOM OF THE
PACKAGE PROVIDES THE GROUND REFERENCE FOR
DRVDD AND AVDD. THIS EXPOSED PADDLE MUST BE
CONNECTED TO GROUND FOR PROPER OPERATION.
Figure 4. Pin Configuration (Top View)
Table 8. Pin Function Descriptions
Pin No.
Mnemonic
Type
Description
ADC Power Supplies
1, 5, 8, 36, 37, 40, 41, 43, 44, 47, 48
AVDD
Supply
Analog Power Supply (1.8 V Nominal).
9, 11, 13, 16, 24, 25, 30
DVDD
Supply
Digital Power Supply (1.8 V Nominal).
12, 28, 29, 35
DNC
Do Not Connect.
17, 23
DGND
Ground Reference for DVDD.
20
DRVDD
Supply
JESD204B PHY Serial Output Driver Supply (1.8 V Nominal).
Note that the DRVDD power is referenced to the AGND Plane.
Exposed Paddle
AGND/DRGND
Ground
The exposed thermal paddle on the bottom of the package
provides the ground reference for DRVDD and AVDD. This
exposed paddle must be connected to ground for proper
operation.
ADC Analog
2
RFCLK
Input
ADC RF Clock Input.
3
CLK−
Input
ADC Nyquist Clock Input—Complement.
4
CLK+
Input
ADC Nyquist Clock Input—True.
38
VIN−A
Input
Differential Analog Input Pin (−) for Channel A.
39
VIN+A
Input
Differential Analog Input Pin (+) for Channel A.
42
VCM
Output
Common-Mode Level Bias Output for Analog Inputs. Decouple
this pin to ground using a 0.1 µF capacitor.
45
VIN+B
Input
Differential Analog Input Pin (+) for Channel B.
46
VIN−B
Input
Differential Analog Input Pin (−) for Channel B.
ADC Fast Detect Outputs
26
FDB
Output
Channel B Fast Detect Indicator (CMOS Levels).
27
FDA
Output
Channel A Fast Detect Indicator (CMOS Levels).
Digital Inputs
6
SYSREF+
Input
Active Low JESD204B LVDS SYSREF Input—True
7
SYSREF−
Input
Active Low JESD204B LVDS SYSREF Input—Complement.
14
SYNCINB+
Input
Active Low JESD204B LVDS SYNC Input—True
15
SYNCINB−
Input
Active Low JESD204B LVDS SYNC Input—Complement.


Similar Part No. - AD9250-170EBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9250-170EBZ AD-AD9250-170EBZ Datasheet
1Mb / 45P
   Dual Analog-to-Digital Converter
More results

Similar Description - AD9250-170EBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9683 AD-AD9683 Datasheet
1Mb / 44P
   14-Bit, 170 MSPS/250 MSPS, JESD204B, Analog-to-Digital Converter
REV. 0
AD9643 AD-AD9643_17 Datasheet
1Mb / 36P
   14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
AD9643 AD-AD9643 Datasheet
1Mb / 36P
   14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
AD9642 AD-AD9642 Datasheet
1Mb / 28P
   14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
REV. 0
AD9642 AD-AD9642_15 Datasheet
1Mb / 28P
   14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
AD9697 AD-AD9697 Datasheet
1Mb / 130P
   14-Bit, 1300 MSPS, JESD204B, Analog-to-Digital Converter
Rev. 0
AD9230 AD-AD9230_15 Datasheet
2Mb / 32P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9626 AD-AD9626 Datasheet
1Mb / 36P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9626 AD-AD9626_15 Datasheet
1Mb / 36P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9613 AD-AD9613 Datasheet
1Mb / 36P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com