Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TQP3M6005 Datasheet(PDF) 4 Page - TriQuint Semiconductor

Part # TQP3M6005
Description  Mid Band Dual LNA (1700-2000 MHz)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQP3M6005 Datasheet(HTML) 4 Page - TriQuint Semiconductor

  TQP3M6005 Datasheet HTML 1Page - TriQuint Semiconductor TQP3M6005 Datasheet HTML 2Page - TriQuint Semiconductor TQP3M6005 Datasheet HTML 3Page - TriQuint Semiconductor TQP3M6005 Datasheet HTML 4Page - TriQuint Semiconductor TQP3M6005 Datasheet HTML 5Page - TriQuint Semiconductor TQP3M6005 Datasheet HTML 6Page - TriQuint Semiconductor TQP3M6005 Datasheet HTML 7Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TQP3M6005
Mid Band Dual LNA (1700-2000 MHz)
Typical Performance 1700-2000 MHz (Balanced Configuration)
Test conditions unless otherwise noted: Vd=4.5 V, Id=50 mA per channel, TA=25ºC
Frequency
MHz
1700
1850
2000
Gain
dB
18.7
17.7
16.8
Input Return Loss
dB
-18
-20
-18
Output Return Loss
dB
-23
-26
-38
Output P1dB
dBm
+21.5
+21.6
+21.7
Input IP3 at -13 dBm Pin/tone, 8 MHz tone spacing
dBm
+14
+15
+15.9
Noise Figure
dB
0.5
0.54
0.58
15
16
17
18
19
20
1.70
1.75
1.80
1.85
1.90
1.95
2.00
Frequency (GHz)
Gain vs. Frequency
Temp. = +25C
-50
-40
-30
-20
-10
0
1.70
1.75
1.80
1.85
1.90
1.95
2.00
Frequency (GHz)
Return Loss vs. Frequency
Input Return Loss
Datasheet: Rev C 04-29-11
-
4 of 7 -
Disclaimer: Subject to change without notice
© 2011 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network®
Output Return Loss
Temp. = +25C
0.0
0.2
0.4
0.6
0.8
1.0
1.70
1.75
1.80
1.85
1.90
1.95
2.00
Frequency (GHz)
Noise Figure vs. Frequency
+22°C
−35°C
0.2
0.3
0.4
0.5
0.6
0.7
1.70
1.75
1.80
1.85
1.90
1.95
2.00
Frequency (GHz)
Noise Figure vs. Frequency
+100°C
+85°C
Vd=4.5 V
Vd=3.5 V
20
21
22
23
1.70
1.75
1.80
1.85
1.90
1.95
2.00
Frequency (GHz)
Output P1dB vs. Frequency
+22°C
−35°C
+100°C
12
14
16
18
20
1.70
1.75
1.80
1.85
1.90
1.95
2.00
Frequency (GHz)
IIP3 vs. Frequency
8 MHz Tone Spacing
Pin/Tone = -13 dBm
+22°C
−35°C
+100°C
+85°C
+85°C


Similar Part No. - TQP3M6005

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQP3M6005 TRIQUINT-TQP3M6005 Datasheet
414Kb / 7P
   Mid Band Dual LNA
TQP3M6005 TRIQUINT-TQP3M6005_15 Datasheet
414Kb / 7P
   Mid Band Dual LNA
More results

Similar Description - TQP3M6005

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQP3M6005 TRIQUINT-TQP3M6005_15 Datasheet
414Kb / 7P
   Mid Band Dual LNA
logo
SIRENZA MICRODEVICES
SLM-20T SIRENZA-SLM-20T Datasheet
346Kb / 4P
   1700-2000 MHz High Linearity
logo
HBH Microwave GmbH
HP1002 HBH-HP1002 Datasheet
16Kb / 1P
   1700 - 2000 MHz Phase Shifter
HP1002_SMD HBH-HP1002_SMD Datasheet
20Kb / 1P
   1700 - 2000 MHz Phase Shifter
logo
WALSIN TECHNOLOGY CORPO...
RFBLN20121G8D1T WALSIN-RFBLN20121G8D1T Datasheet
643Kb / 7P
   1700 ~ 2000 MHz Working Frequency
logo
Infineon Technologies A...
BGM15MA12 INFINEON-BGM15MA12 Datasheet
739Kb / 21P
   Mid-Band LNA Multiplexer Module
Revision 3.0 - 2015-07-24
logo
Tyco Electronics
MAAV-007090-000100 MACOM-MAAV-007090-000100 Datasheet
216Kb / 4P
   Voltage Variable Attenuator 1700 - 2000 MHz
logo
TriQuint Semiconductor
TQL9042 TRIQUINT-TQL9042_15 Datasheet
643Kb / 9P
   500 ??2000 MHz Bypass LNA
logo
Tyco Electronics
MAALSS0045 MACOM-MAALSS0045 Datasheet
144Kb / 4P
   High Dynamic Range LNA 1700 - 2400 MHz
logo
TriQuint Semiconductor
TQP3M6004 TRIQUINT-TQP3M6004 Datasheet
244Kb / 12P
   Low Band Dual LNA (700-915 MHz)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com