Electronic Components Datasheet Search |
|
026TB32R5AOB1A1 Datasheet(PDF) 1 Page - CTS Corporation |
|
026TB32R5AOB1A1 Datasheet(HTML) 1 Page - CTS Corporation |
1 / 4 page Industrial 24mmDiameter 5 Watt,Wirewound • Dust-proof construction • 5 watt power rating • Superior resistance stability in temperature and environment change • Tandem constructions available • Bushing or twist tab mounting • Available with pull-push and rotary power switches Electrical and Mechanical Specifications Resistance Range Linear : 1 ohm through 25K ohms Resistance Tolerance ±20%, ±10%, ±5% Power Rating Dielectric Strength 1,000 VAC for 1 minute Maximum Operating Voltage 500 VDC Insulation Resistance 100 Megohms minimum @ 250 VDC Linearity (linear curve only) Standard: 3% linearity Power Switch Rotary Switch-SPST, DPST, SPDT Pull-Push Switch-SPST (Pull-ON, Push-OFF) Rotational Angle Mechanical Angle: 300° Effective Angle: Without switch: 280° With switch: 240° Audio : 20 ohms through 10K ohms Features • RoHS compliant Special : 2% linearity Precision linearity • Operating Temperature -30°C to +105 5 watts @ 25°C 1 - 4 © 2009 CTS Corporation. All rights reserved. Information subject to change. 12/10/09 CTS Electrocomponents www.ctscorp.com Rotational Torque 3/4 to 6 in. oz. (54 - 432 gf-cm) Rotary Potentiometer ® Electrocomponents Series 026 DDaattaa SShheeeett Rotary Potentiometer Rotational Life standard : 10,000 cycles special : 50,000 , 100,000 cycles Solder Heat Resistance Maximum 350°C for 3 sec Mounting Information Bushing Mount Twisted Tab ° C ±5° |
Similar Part No. - 026TB32R5AOB1A1 |
|
Similar Description - 026TB32R5AOB1A1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |