Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TGA2706-SM Datasheet(PDF) 5 Page - TriQuint Semiconductor

Part # TGA2706-SM
Description  2 Watt C-Band Packaged Power Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA2706-SM Datasheet(HTML) 5 Page - TriQuint Semiconductor

  TGA2706-SM Datasheet HTML 1Page - TriQuint Semiconductor TGA2706-SM Datasheet HTML 2Page - TriQuint Semiconductor TGA2706-SM Datasheet HTML 3Page - TriQuint Semiconductor TGA2706-SM Datasheet HTML 4Page - TriQuint Semiconductor TGA2706-SM Datasheet HTML 5Page - TriQuint Semiconductor TGA2706-SM Datasheet HTML 6Page - TriQuint Semiconductor TGA2706-SM Datasheet HTML 7Page - TriQuint Semiconductor TGA2706-SM Datasheet HTML 8Page - TriQuint Semiconductor TGA2706-SM Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
`
5
TGA2706-SM
TriQuint Semiconductor: www. triquint.com (972)994-8465 Fax (972)994-8504 Info-mmw@tqs.com
May 2012 © Rev E
Measured Data
Bias conditions: Vd = 6 V, Id = 1.26 A, Vg = +0.6 V Typical


Similar Part No. - TGA2706-SM

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2706-SM TRIQUINT-TGA2706-SM Datasheet
392Kb / 16P
   2 Watt C-Band Packaged Power Amplifier
TGA2706-SM TRIQUINT-TGA2706-SM_15 Datasheet
392Kb / 16P
   2 Watt C-Band Packaged Power Amplifier
More results

Similar Description - TGA2706-SM

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2706-SM TRIQUINT-TGA2706-SM_15 Datasheet
392Kb / 16P
   2 Watt C-Band Packaged Power Amplifier
TGA2701-SM TRIQUINT-TGA2701-SM_15 Datasheet
730Kb / 16P
   3 Watt C-Band Packaged Power Amplifier
TGA2904-FL TRIQUINT-TGA2904-FL Datasheet
154Kb / 7P
   Ku Band 2 Watt Packaged Amplifier
TGA2904-FL TRIQUINT-TGA2904-FL_15 Datasheet
422Kb / 8P
   Ku Band 2 Watt Packaged Amplifier
TGA2510-EPU-SG TRIQUINT-TGA2510-EPU-SG Datasheet
203Kb / 11P
   Ku Band 2 Watt Packaged Amplifier
logo
M/A-COM Technology Solu...
AM42-0039 MA-COM-AM42-0039_15 Datasheet
611Kb / 4P
   2 Watt C-Band VSAT Power Amplifier
AM42-0039 MA-COM-AM42-0039 Datasheet
83Kb / 3P
   2 Watt C-Band VSAT Power Amplifier
logo
TriQuint Semiconductor
TGA2902-SCC-SG TRIQUINT-TGA2902-SCC-SG Datasheet
126Kb / 14P
   2 Watt Packaged Amplifier
TGA2902-SCC-SG TRIQUINT-TGA2902-SCC-SG_15 Datasheet
132Kb / 14P
   2 Watt Packaged Amplifier
TGA4905-CP TRIQUINT-TGA4905-CP_15 Datasheet
407Kb / 10P
   4 Watt Ka Band Packaged Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com