Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PO3B22AMR Datasheet(PDF) 1 Page - Potato Semiconductor Corporation

Part # PO3B22AMR
Description  Potato Semiconductor?셲 PO3B22A is designed for world top performance using submicron CMOS technology to achieve GHz high bandwidth.
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POTATO [Potato Semiconductor Corporation]
Direct Link  http://www.potatosemi.com
Logo POTATO - Potato Semiconductor Corporation

PO3B22AMR Datasheet(HTML) 1 Page - Potato Semiconductor Corporation

  PO3B22AMR Datasheet HTML 1Page - Potato Semiconductor Corporation PO3B22AMR Datasheet HTML 2Page - Potato Semiconductor Corporation PO3B22AMR Datasheet HTML 3Page - Potato Semiconductor Corporation PO3B22AMR Datasheet HTML 4Page - Potato Semiconductor Corporation PO3B22AMR Datasheet HTML 5Page - Potato Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
FEATURES:
DESCRIPTION:
• Patented technology
• High signal -3db passing bandwidth at 1.2GHz
• Near-Zero propagation delay
• VCC = 1.65V to 3.6V
• Ultra-Low Quiescent Power: 0.1 A typical
• Ideally suited for low power applications
• Industrial operating temperature: -40
°C to +85°C
• Available in 10pin wide MSOP package
Potato Semiconductor’s PO3B22A is
designed for world top performance using
submicron CMOS technology to achieve GHz
high bandwidth.
The PO3B22A is a Wide Bandwidth, Dual 2:1
Mux/DeMux. The switch introduces no additional
ground bounce noise or propagation delay.
Pin Configuration
Block Diagram
Pin Description
1
2
3
4
5
10
9
8
7
6
S
VCC
Truth Table
E
IA0
IA1 IB0
IB1
S
YA
E
YB
I
Y
E
SW
SW
SW
SW
SW
Pin Name
Description
IAN-IBN
Data Inputs
S
Select Inputs
E
Enable
YA-YB
Data Outputs
GND
Ground
VCC
Power
E
S
YA
YB
Function
H
X
Hi-Z Hi-Z
Disable
L
L
IA0
IB0
S = 0
L
H
IA1
IB1
S = 1
Wide Bandwidth, Dual 2:1 Mux/DeMux
GND
YB
IB1
IB0
YA
IA0
IA1
High Bandwidth Potato Chip
1
01/01/10
Potato Semiconductor Corporation
PO3B22A
www.potatosemi.com


Similar Part No. - PO3B22AMR

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO3B22A POTATO-PO3B22A_14 Datasheet
1Mb / 5P
   Wide Bandwidth, Dual 2:1 Mux/DeMux
More results

Similar Description - PO3B22AMR

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO49HSTL3803A POTATO-PO49HSTL3803A Datasheet
1Mb / 6P
   Potato Semiconductor?셲 PO49HSTL3803G is designed for world top performance using submicron CMOS technology to achieve 500MHz TTL output frequency with less than 100ps output pulse skew.
PO49HSTL3802A POTATO-PO49HSTL3802A Datasheet
1Mb / 6P
   Potato Semiconductor?셲 PO49HSTL3802G is designed for world top performance using submicron CMOS technology to achieve 900MHz TTL output frequency with less than 100ps output pulse skew.
PO49FCT32806A POTATO-PO49FCT32806A Datasheet
1Mb / 6P
   Potato Semiconductor?셲 PO49FCT32806A is designed for world top performance using submicron CMOS technology to achieve 700MHz TTL output frequency with less than 200ps output pulse skew.
PO3VT3305A POTATO-PO3VT3305A_14 Datasheet
1Mb / 5P
   High Bandwidth Potato Chip
PO3B10A POTATO-PO3B10A_14 Datasheet
1Mb / 5P
   High Bandwidth Potato Chip
logo
Texas Instruments
TMS320C242 TI1-TMS320C242_09 Datasheet
902Kb / 74P
[Old version datasheet]   High-Performance Static CMOS Technology
logo
Cree, Inc
CGD15HB62LP CREE-CGD15HB62LP Datasheet
439Kb / 8P
   Optimized for Cree?셲 High Performance
logo
Samsung semiconductor
S3C72P9 SAMSUNG-S3C72P9 Datasheet
1Mb / 225P
   SINGLE-CHIP MICROCONTROLLER HAS BEEN DESIGNED FOR HIGH PERFORMANCE USING
logo
Vishay Telefunken
TOIM3232 TFUNK-TOIM3232 Datasheet
149Kb / 9P
   High-Performance gate array package using dual metal layer CMOS technology
logo
Samsung semiconductor
KS57C5616 SAMSUNG-KS57C5616 Datasheet
357Kb / 42P
   The KS57C5616/P5616 single-chip CMOS microcontroller is designed for high performance in the application for Caller-ID, Telephone using Samsungs newes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com