Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PO49FCT32806AQU Datasheet(PDF) 5 Page - Potato Semiconductor Corporation

Part # PO49FCT32806AQU
Description  Potato Semiconductor?셲 PO49FCT32806A is designed for world top performance using submicron CMOS technology to achieve 700MHz TTL output frequency with less than 200ps output pulse skew.
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POTATO [Potato Semiconductor Corporation]
Direct Link  http://www.potatosemi.com
Logo POTATO - Potato Semiconductor Corporation

PO49FCT32806AQU Datasheet(HTML) 5 Page - Potato Semiconductor Corporation

  PO49FCT32806AQU Datasheet HTML 1Page - Potato Semiconductor Corporation PO49FCT32806AQU Datasheet HTML 2Page - Potato Semiconductor Corporation PO49FCT32806AQU Datasheet HTML 3Page - Potato Semiconductor Corporation PO49FCT32806AQU Datasheet HTML 4Page - Potato Semiconductor Corporation PO49FCT32806AQU Datasheet HTML 5Page - Potato Semiconductor Corporation PO49FCT32806AQU Datasheet HTML 6Page - Potato Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Packaging Mechanical Drawing: 20 pin QSOP
Packaging Mechanical Drawing: 20 pin SOIC
1.2V - 3.6V Dual 1:5 CMOS Invert Clock Driver
700MHz TTL/CMOS Potato Chip
5
01/01/10
Potato Semiconductor Corporation
PO49FCT32806A
www.potatosemi.com


Similar Part No. - PO49FCT32806AQU

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO49FCT32806 POTATO-PO49FCT32806 Datasheet
565Kb / 6P
   3.3V Dual 1:5 CMOS Invert Clock Buffered Driver
PO49FCT32806G POTATO-PO49FCT32806G Datasheet
565Kb / 6P
   3.3V Dual 1:5 CMOS Invert Clock Buffered Driver
logo
Pomona Electronics
PO49FCT32806G POMONA-PO49FCT32806G_14 Datasheet
1Mb / 6P
   700MHz TTL/CMOS Potato Chip
logo
Potato Semiconductor Co...
PO49FCT32806Q POTATO-PO49FCT32806Q Datasheet
565Kb / 6P
   3.3V Dual 1:5 CMOS Invert Clock Buffered Driver
PO49FCT32806S POTATO-PO49FCT32806S Datasheet
565Kb / 6P
   3.3V Dual 1:5 CMOS Invert Clock Buffered Driver
More results

Similar Description - PO49FCT32806AQU

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO49HSTL3803A POTATO-PO49HSTL3803A Datasheet
1Mb / 6P
   Potato Semiconductor?셲 PO49HSTL3803G is designed for world top performance using submicron CMOS technology to achieve 500MHz TTL output frequency with less than 100ps output pulse skew.
PO49HSTL3802A POTATO-PO49HSTL3802A Datasheet
1Mb / 6P
   Potato Semiconductor?셲 PO49HSTL3802G is designed for world top performance using submicron CMOS technology to achieve 900MHz TTL output frequency with less than 100ps output pulse skew.
PO3B22A POTATO-PO3B22A Datasheet
1Mb / 5P
   Potato Semiconductor?셲 PO3B22A is designed for world top performance using submicron CMOS technology to achieve GHz high bandwidth.
logo
Pomona Electronics
PO74G2309A POMONA-PO74G2309A_14 Datasheet
1Mb / 6P
   700MHz TTL/CMOS Potato Chip
PO74G304A POMONA-PO74G304A_14 Datasheet
1Mb / 5P
   700MHz TTL/CMOS Potato Chip
PO49FCT32806G POMONA-PO49FCT32806G_14 Datasheet
1Mb / 6P
   700MHz TTL/CMOS Potato Chip
PO74G2308A POMONA-PO74G2308A_14 Datasheet
1Mb / 6P
   700MHz TTL/CMOS Potato Chip
logo
List of Unclassifed Man...
PO74G304A ETC2-PO74G304A Datasheet
566Kb / 6P
   700MHz TTL/CMOS Potato Chip
logo
Potato Semiconductor Co...
PO49HSTL3807G POTATO-PO49HSTL3807G_14 Datasheet
396Kb / 5P
   400MHz TTL/CMOS Potato Chip
logo
Pomona Electronics
PO74G38074A POMONA-PO74G38074A_14 Datasheet
1Mb / 5P
   900MHz TTL/CMOS Potato Chip
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com