Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PO49FCT32806A Datasheet(PDF) 1 Page - Potato Semiconductor Corporation

Part # PO49FCT32806A
Description  Potato Semiconductor?셲 PO49FCT32806A is designed for world top performance using submicron CMOS technology to achieve 700MHz TTL output frequency with less than 200ps output pulse skew.
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POTATO [Potato Semiconductor Corporation]
Direct Link  http://www.potatosemi.com
Logo POTATO - Potato Semiconductor Corporation

PO49FCT32806A Datasheet(HTML) 1 Page - Potato Semiconductor Corporation

  PO49FCT32806A Datasheet HTML 1Page - Potato Semiconductor Corporation PO49FCT32806A Datasheet HTML 2Page - Potato Semiconductor Corporation PO49FCT32806A Datasheet HTML 3Page - Potato Semiconductor Corporation PO49FCT32806A Datasheet HTML 4Page - Potato Semiconductor Corporation PO49FCT32806A Datasheet HTML 5Page - Potato Semiconductor Corporation PO49FCT32806A Datasheet HTML 6Page - Potato Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
FEATURES:
DESCRIPTION:
. Operating frequency up to 700MHz with 2pf load
. Operating frequency up to 500MHz with 5pf load
. Operating frequency up to 300MHz with 15pf load
. Operating frequency up to 120MHz with 50pf load
. Very low output pin to pin skew < 250ps
. Very low pulse skew < 200ps
. VCC = 1.65V to 3.6V
. Propagation delay < 2.9ns max with 15pf load
. Low input capacitance: 3pf typical
. Dual 1:5 invert fanout
. Available in 20pin 300mil wide SOIC package
. Available in 20pin 150mil wide QSOP package
Potato Semiconductor’s PO49FCT32806A is
designed for world top performance using
submicron
CMOS
technology
to
achieve
700MHz TTL output frequency with less than
200ps output pulse skew.
PO49FCT32806A is a 3.3V CMOS Dual 1 input
to 5 outputs Invert Buffered driver to achieve
700MHz output frequency with integrated series
damping resistors on all outputs to match 50 ohm
transmission line impedance. Typical applications
are crystal oscillator, ring oscillator, clock and
signal distribution.
Pin Configuration
Logic Block Diagram
Pin Description
Pin Name
Description
Inputs
Outputs
INA, INB
Signal or clock Inputs
INA, INB
OAn, OBn
MON
Hi-Z State Output Enable Inputs (Active LOW)
L
L
H
H
L
L
H
L
s
t
u
p
t
u
O
k
c
o
l
c
r
o
l
a
n
g
i
S
n
B
O
,
n
A
O
H
Z
L
H
t
u
p
t
u
O
r
o
ti
n
o
M
N
O
M
Vcc, GND
Power, Ground
H
H
Z
L
1.2V - 3.6V Dual 1:5 CMOS Invert Clock Driver
700MHz TTL/CMOS Potato Chip
1
01/01/10
Potato Semiconductor Corporation
PO49FCT32806A
www.potatosemi.com


Similar Part No. - PO49FCT32806A

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO49FCT32806 POTATO-PO49FCT32806 Datasheet
565Kb / 6P
   3.3V Dual 1:5 CMOS Invert Clock Buffered Driver
PO49FCT32806G POTATO-PO49FCT32806G Datasheet
565Kb / 6P
   3.3V Dual 1:5 CMOS Invert Clock Buffered Driver
logo
Pomona Electronics
PO49FCT32806G POMONA-PO49FCT32806G_14 Datasheet
1Mb / 6P
   700MHz TTL/CMOS Potato Chip
logo
Potato Semiconductor Co...
PO49FCT32806Q POTATO-PO49FCT32806Q Datasheet
565Kb / 6P
   3.3V Dual 1:5 CMOS Invert Clock Buffered Driver
PO49FCT32806S POTATO-PO49FCT32806S Datasheet
565Kb / 6P
   3.3V Dual 1:5 CMOS Invert Clock Buffered Driver
More results

Similar Description - PO49FCT32806A

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO49HSTL3803A POTATO-PO49HSTL3803A Datasheet
1Mb / 6P
   Potato Semiconductor?셲 PO49HSTL3803G is designed for world top performance using submicron CMOS technology to achieve 500MHz TTL output frequency with less than 100ps output pulse skew.
PO49HSTL3802A POTATO-PO49HSTL3802A Datasheet
1Mb / 6P
   Potato Semiconductor?셲 PO49HSTL3802G is designed for world top performance using submicron CMOS technology to achieve 900MHz TTL output frequency with less than 100ps output pulse skew.
PO3B22A POTATO-PO3B22A Datasheet
1Mb / 5P
   Potato Semiconductor?셲 PO3B22A is designed for world top performance using submicron CMOS technology to achieve GHz high bandwidth.
logo
Pomona Electronics
PO74G2309A POMONA-PO74G2309A_14 Datasheet
1Mb / 6P
   700MHz TTL/CMOS Potato Chip
PO74G304A POMONA-PO74G304A_14 Datasheet
1Mb / 5P
   700MHz TTL/CMOS Potato Chip
PO49FCT32806G POMONA-PO49FCT32806G_14 Datasheet
1Mb / 6P
   700MHz TTL/CMOS Potato Chip
PO74G2308A POMONA-PO74G2308A_14 Datasheet
1Mb / 6P
   700MHz TTL/CMOS Potato Chip
logo
List of Unclassifed Man...
PO74G304A ETC2-PO74G304A Datasheet
566Kb / 6P
   700MHz TTL/CMOS Potato Chip
logo
Potato Semiconductor Co...
PO49HSTL3807G POTATO-PO49HSTL3807G_14 Datasheet
396Kb / 5P
   400MHz TTL/CMOS Potato Chip
logo
Pomona Electronics
PO74G38074A POMONA-PO74G38074A_14 Datasheet
1Mb / 5P
   900MHz TTL/CMOS Potato Chip
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com