Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PO74HSTL85352ASR Datasheet(PDF) 1 Page - Potato Semiconductor Corporation

Part # PO74HSTL85352ASR
Description  The PO74HSTL85352A is a low-skew, 1-to-2 differential fanout buffer targeted to meet the requirements of high-performance clock and data distribution applications.
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POTATO [Potato Semiconductor Corporation]
Direct Link  http://www.potatosemi.com
Logo POTATO - Potato Semiconductor Corporation

PO74HSTL85352ASR Datasheet(HTML) 1 Page - Potato Semiconductor Corporation

  PO74HSTL85352ASR Datasheet HTML 1Page - Potato Semiconductor Corporation PO74HSTL85352ASR Datasheet HTML 2Page - Potato Semiconductor Corporation PO74HSTL85352ASR Datasheet HTML 3Page - Potato Semiconductor Corporation PO74HSTL85352ASR Datasheet HTML 4Page - Potato Semiconductor Corporation PO74HSTL85352ASR Datasheet HTML 5Page - Potato Semiconductor Corporation PO74HSTL85352ASR Datasheet HTML 6Page - Potato Semiconductor Corporation PO74HSTL85352ASR Datasheet HTML 7Page - Potato Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
. Patented Technology
. Two HSTL differential outputs
. Two single LVTTL/LVCMOS inputs
. Operating frequency up to 300MHz with 15 pf load
. Very low output pin to pin skew < 30ps
. 3.2-ns propagation delay (max)
. 2.4V to 3.6V power supply
. Industrial temperature range: –40°C to 85°C
. 14-pin TSSOP package
The PO74HSTL85352A is a low-skew, 1-to-2 differential
fanout buffer targeted to meet the requirements of
high-performance clock and data distribution applications.
The device is implemented on CMOS technology and has
a fully differential internal architecture that is optimized to
achieve low signal skews at operating frequencies of up to
300MHz .
The device features two single-ended input paths that are
multiplexed internally. This mux is controlled by the
CLK_SEL pin. The PO74HSTL85352A functions as a
signal-level translator and fanout on LVCMOS / LVTTL
single-ended signal to two pair of HSTL differential loads.
Since the PO74HSTL85352A introduces negligible jitter
to the timing budget, it is the ideal choice for distributing
high frequency, high precision clocks across back-planes
and boards in communication systems.
FEATURES:
Pin Configuration
Logic Block Diagram
DESCRIPTION:
CLK0
CLK1
Q0
nQ0
Q1
nQ1
0
1
CLK_EN
CLK_SEL
D
Q
LE
VEE
CLK_EN
CLK_SEL
CLK0
VEE
CLK1
VCC
1
2
3
4
5
6
7
14
13
12
11
10
9
8
VCC
Q0
nQ0
nc
Q1
nQ1
VCC
LVCMOS Input to HSTL Output 1:2 Fanout Buffer
1
01/01/10
Potato Semiconductor Corporation
PO74HSTL85352A
www.potatosemi.com
300MHz TTL/CMOS Potato Chip


Similar Part No. - PO74HSTL85352ASR

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO74HSTL85352A POTATO-PO74HSTL85352A_14 Datasheet
1Mb / 7P
   LVCMOS Input to HSTL Output 1:2 Fanout Buffer
More results

Similar Description - PO74HSTL85352ASR

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO74HSTL85353A POTATO-PO74HSTL85353A Datasheet
1Mb / 7P
   The PO74HSTL85353A is a low-skew, 1-to-4 differential fanout buffer targeted to meet the requirements of high-performance clock and data distribution applications.
PO100HSTL11A POTATO-PO100HSTL11A Datasheet
553Kb / 6P
   1 to 2 Differential Clock/Data Fanout Buffer
logo
Integrated Circuit Syst...
ICS85211BI-03 ICST-ICS85211BI-03 Datasheet
163Kb / 14P
   LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
logo
Integrated Device Techn...
ICS858S011I IDT-ICS858S011I Datasheet
375Kb / 14P
   Low Skew, 1-To-2, Differential-To-CML Fanout Buffer
logo
Renesas Technology Corp
85411 RENESAS-85411 Datasheet
386Kb / 16P
   Low Skew, 1-to-2 Differential-to-LVDS Fanout Buffer
January 20, 2016
85211BI-03 RENESAS-85211BI-03 Datasheet
489Kb / 16P
   Low Skew, 1-to-2, Differential-to-LVHSTL Fanout Buffer
March 11, 2016
85211I-01 RENESAS-85211I-01 Datasheet
299Kb / 15P
   Low Skew, 1-to-2 Differential-to-HSTL Fanout Buffer
6/12/15
ICS858S011I RENESAS-ICS858S011I Datasheet
677Kb / 15P
   Low Skew, 1-To-2, Differential-To-CML Fanout Buffer
September 19, 2017
85411I RENESAS-85411I Datasheet
386Kb / 16P
   Low Skew, 1-to-2 Differential-to-LVDS Fanout Buffer
January 20, 2016
IDT85S4011I RENESAS-IDT85S4011I Datasheet
605Kb / 15P
   Low Skew, 1-to-2, Differential-to-CML Fanout Buffer
September 21, 2017
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com